Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LUY9553-4H-TR1-B03 Datasheet(PDF) 8 Page - LIGITEK electronics co., ltd.

Part # LUY9553-4H-TR1-B03
Description  PLCC-4 TOPLED
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LIGITEK [LIGITEK electronics co., ltd.]
Direct Link  http://www.ligitek.com
Logo LIGITEK - LIGITEK electronics co., ltd.

LUY9553-4H-TR1-B03 Datasheet(HTML) 8 Page - LIGITEK electronics co., ltd.

  LUY9553-4H-TR1-B03 Datasheet HTML 1Page - LIGITEK electronics co., ltd. LUY9553-4H-TR1-B03 Datasheet HTML 2Page - LIGITEK electronics co., ltd. LUY9553-4H-TR1-B03 Datasheet HTML 3Page - LIGITEK electronics co., ltd. LUY9553-4H-TR1-B03 Datasheet HTML 4Page - LIGITEK electronics co., ltd. LUY9553-4H-TR1-B03 Datasheet HTML 5Page - LIGITEK electronics co., ltd. LUY9553-4H-TR1-B03 Datasheet HTML 6Page - LIGITEK electronics co., ltd. LUY9553-4H-TR1-B03 Datasheet HTML 7Page - LIGITEK electronics co., ltd. LUY9553-4H-TR1-B03 Datasheet HTML 8Page - LIGITEK electronics co., ltd.  
Zoom Inzoom in Zoom Outzoom out
 8 / 8 page
background image
PART NO. LUY9553-4H/TR1
Page 7/7
Reference
Standard
MIL-STD-883D:1008
JIS C 7021: B-10
JIS C 7021: B-12
MIL-STD-202F:103B
JIS C 7021: B-11
MIL-STD-202F: 107D
MIL-STD-750D: 1051
MIL-STD-883D: 1011
MIL-STD-750D: 1026
MIL-STD-883D: 1005
JIS C 7021: B-1
Test Condition
Test Item
Reliability Test:
Classification
Operating Life Test
1.Ta=1 00
℃±5
2.t=1000 hrs (-24hrs, +72hrs)
1.Ta=-40
℃±5
2.t=1000 hrs (-24hrs, +72hrs)
Endurance
Test
High Temperature
Storage Test
Low Temperature
Storage Test
1.Ta=65
℃±5
2.RH=90 %~95%
3.t=240hrs
±2hrs
Solderability Test
1.Ta=105
℃±5&-40℃±5
(30min)
(30min)
2.total 100 cycles
Thermal Shock Test
High Temperature
High Humidity
Storage Test
1.Ta=Under Room Temperature As Per Data Sheet
Maximum Rating.
2.If=50mA
3.t=1000 hrs (-24hrs, +72hrs)
LIGITEK ELECTRONICS CO.,LTD.
Property of Ligitek Only
MIL-STD-202F: 107D
MIL-STD-750D: 1051
MIL-STD-883D: 1010
JIS C 7021: A-4
MIL-STD-750D:2031.2
J-STD-020B
Temperature
Cycling
1.105
℃ ~ 25℃ ~ -55℃ ~ 25
30mins 5mins 30mins 5mins
2.10 Cyeles
IR Reflow
Environmental
Test
Ramp-up rate(217
to Peak) +3
second max
℃℃
Temp. maintain at 175(
±25)
180 seconds max
Temp. maintain above 217
60-150 seconds
Peak temperature range 260
+5/-0
℃℃
Time within 5
of actual Peak Temperature(tp)
10-30 seconds
Ramp-down rate +6
/second max
1.T.Sol=235
℃±5
2.Immersion time 2
±0.5sec
3.Coverage
95% of the dipped surface
MIL-STD-202F: 208D
MIL-STD-750D: 2026
MIL-STD-883D: 2003
IEC 68 Part 2-20
JIS C 7021: A-2


Similar Part No. - LUY9553-4H-TR1-B03

ManufacturerPart #DatasheetDescription
logo
LIGITEK electronics co....
LUY9553-4-LS3-TR2 LIGITEK-LUY9553-4-LS3-TR2 Datasheet
446Kb / 12P
   SURFACE MOUNT LED TAPE AND REEL
LUY9553-4-TR1 LIGITEK-LUY9553-4-TR1 Datasheet
127Kb / 8P
   PLCC-4 TOPLED
LUY9553-4R-S3-TR2 LIGITEK-LUY9553-4R-S3-TR2 Datasheet
152Kb / 9P
   PLCC-4 TOPLED
LUY9553-4R-TR1 LIGITEK-LUY9553-4R-TR1 Datasheet
126Kb / 8P
   PLCC-4 TOPLED
LUY9553-4R-TR1-B01 LIGITEK-LUY9553-4R-TR1-B01 Datasheet
394Kb / 12P
   SURFACE MOUNT LED TAPE AND REEL
More results

Similar Description - LUY9553-4H-TR1-B03

ManufacturerPart #DatasheetDescription
logo
LIGITEK electronics co....
LDGM9553-4-TR1 LIGITEK-LDGM9553-4-TR1 Datasheet
136Kb / 8P
   PLCC-4 TOPLED
LUROS9553-4-TR1 LIGITEK-LUROS9553-4-TR1 Datasheet
138Kb / 8P
   PLCC-4 TOPLED
L12URF9553-4S LIGITEK-L12URF9553-4S Datasheet
136Kb / 8P
   PLCC-4 TOPLED
LDBK9553-4-TR1 LIGITEK-LDBK9553-4-TR1 Datasheet
140Kb / 8P
   PLCC-4 TOPLED
LUY9553-4R-S3-TR2 LIGITEK-LUY9553-4R-S3-TR2 Datasheet
152Kb / 9P
   PLCC-4 TOPLED
LUY9553-4-TR1 LIGITEK-LUY9553-4-TR1 Datasheet
127Kb / 8P
   PLCC-4 TOPLED
LURF9553-4S-TR1 LIGITEK-LURF9553-4S-TR1 Datasheet
136Kb / 8P
   PLCC-4 TOPLED
LUE9553-4-TR1 LIGITEK-LUE9553-4-TR1 Datasheet
131Kb / 8P
   PLCC-4 TOPLED
LUR9553-4H-TR1 LIGITEK-LUR9553-4H-TR1 Datasheet
128Kb / 8P
   PLCC-4 TOPLED
LUY9553-4R-TR1 LIGITEK-LUY9553-4R-TR1 Datasheet
126Kb / 8P
   PLCC-4 TOPLED
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com