Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADL5358 Datasheet(PDF) 7 Page - Analog Devices

Part # ADL5358
Description  500 MHz to 1700 MHz, Dual-Balanced Mixer, LO Buffer, IF Amplifier, and RF Balun
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADL5358 Datasheet(HTML) 7 Page - Analog Devices

Back Button ADL5358 Datasheet HTML 3Page - Analog Devices ADL5358 Datasheet HTML 4Page - Analog Devices ADL5358 Datasheet HTML 5Page - Analog Devices ADL5358 Datasheet HTML 6Page - Analog Devices ADL5358 Datasheet HTML 7Page - Analog Devices ADL5358 Datasheet HTML 8Page - Analog Devices ADL5358 Datasheet HTML 9Page - Analog Devices ADL5358 Datasheet HTML 10Page - Analog Devices ADL5358 Datasheet HTML 11Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 24 page
background image
ADL5358
Rev. 0 | Page 7 of
24
TYPICAL PERFORMANCE CHARACTERISTICS
5 V PERFORMANCE
VS = 5 V, IS = 350 mA, TA = 25°C, fRF = 900 MHz, fLO = 1103 MHz, LO power = 0 dBm, RF power = −10 dBm, R1 = R4 = 1.3 kΩ, R2 = R5 = 1 kΩ,
VGS0 = VGS1 = VGS2 = 0 V, ZO = 50 Ω, unless otherwise noted.
RF FREQUENCY (MHz)
700
750
800
850
900
950
1000 1050 1100 1150 1200
300
320
340
360
380
400
TA = +85°C
TA = +25°C
TA =–40°C
Figure 3. Supply Current vs. RF Frequency
RF FREQUENCY (MHz)
700
750
800
850
900
950
1000 1050 1100 1150 1200
5
12
11
10
9
8
7
6
TA = –40°C
TA = +85°C
TA = +25°C
Figure 4. Power Conversion Gain vs. RF Frequency
RF FREQUENCY (MHz)
700
750
800
850
900
950
1000 1050 1100 1150 1200
19
21
23
25
27
29
31
TA = +85°C
TA = +25°C
TA = –40°C
Figure 5. Input IP3 vs. RF Frequency
RF FREQUENCY (MHz)
40
45
50
55
60
65
70
TA = +85°C
TA = +25°C
TA =–40°C
700
750
800
850
900
950
1000 1050 1100 1150 1200
Figure 6. Input IP2 vs. RF Frequency
RF FREQUENCY (MHz)
8
14
13
12
11
10
9
TA = +85°C
TA = +25°C
TA = –40°C
700
750
800
850
900
950
1000 1050 1100 1150 1200
Figure 7. Input P1dB vs. RF Frequency
RF FREQUENCY (MHz)
700
750
800
850
900
950
1000 1050 1100 1150 1200
6
14
13
12
11
10
9
8
7
TA = +85°C
TA = +25°C
TA = –40°C
Figure 8. SSB Noise Figure vs. RF Frequency


Similar Part No. - ADL5358

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADL5358 AD-ADL5358 Datasheet
990Kb / 24P
   2300 MHz to 2900 MHz Balanced Mixer
REV. 0
ADL5358 AD-ADL5358 Datasheet
486Kb / 23P
   300 MHz to 1100 MHz Balanced Mixer, LO Buffer, and RF Balun
ADL5358 AD-ADL5358 Datasheet
438Kb / 24P
   2200 MHz to 2700 MHz, Dual-Balanced Mixer, LO Buffer, IF Amplifier, and RF Balun
Rev. A
More results

Similar Description - ADL5358

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADL5357 AD-ADL5357 Datasheet
593Kb / 24P
   500 MHz to 1700 MHz Balanced Mixer, LO Buffer, IF Amplifier, and RF Balun
REV. 0
ADL5367 AD-ADL5367 Datasheet
578Kb / 24P
   500 MHz to 1700 MHz Balanced Mixer, LO Buffer and RF Balun
REV. 0
ADL5356 AD-ADL5356 Datasheet
493Kb / 24P
   1200 MHz to 2500 MHz, Dual-Balanced Mixer, LO Buffer, IF Amplifier, and RF Balun
REV. 0
ADL5354 AD-ADL5354 Datasheet
438Kb / 24P
   2200 MHz to 2700 MHz, Dual-Balanced Mixer, LO Buffer, IF Amplifier, and RF Balun
Rev. A
ADL5355 AD-ADL5355 Datasheet
591Kb / 24P
   1200 MHz to 2500 MHz Balanced Mixer, LO Buffer, IF Amplifier, and RF Balun
REV. 0
ADL5369 AD-ADL5369 Datasheet
486Kb / 23P
   300 MHz to 1100 MHz Balanced Mixer, LO Buffer, and RF Balun
ADL5365 AD-ADL5365 Datasheet
581Kb / 24P
   1200 MHz to 2500 MHz Balanced Mixer, LO Buffer and RF Balun
REV. 0
ADL5360 AD-ADL5360 Datasheet
479Kb / 9P
   Dual 900MHz Balanced Mixer with Low Side LO Buffer, IF Amp, and RF Balun
REV. PrA
ADL5812 AD-ADL5812 Datasheet
693Kb / 28P
   Dual High IP3, 700 MHz to 2800 MHz, Double Balanced, Passive Mixer, IF Amplifier, and Wideband LO Amplifier
REV. 0
ADL5811 AD-ADL5811 Datasheet
672Kb / 28P
   High IP3, 700 MHz to 2800 MHz, Double Balanced, Passive Mixer, IF Amplifier, and Wideband LO Amplifier
REV. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com