Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADL5802ACPZ-R7 Datasheet(PDF) 9 Page - Analog Devices

Part # ADL5802ACPZ-R7
Description  Dual Channel, High IP3, 100 MHz to 6 GHz Active Mixer
Download  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADL5802ACPZ-R7 Datasheet(HTML) 9 Page - Analog Devices

Back Button ADL5802ACPZ-R7 Datasheet HTML 5Page - Analog Devices ADL5802ACPZ-R7 Datasheet HTML 6Page - Analog Devices ADL5802ACPZ-R7 Datasheet HTML 7Page - Analog Devices ADL5802ACPZ-R7 Datasheet HTML 8Page - Analog Devices ADL5802ACPZ-R7 Datasheet HTML 9Page - Analog Devices ADL5802ACPZ-R7 Datasheet HTML 10Page - Analog Devices ADL5802ACPZ-R7 Datasheet HTML 11Page - Analog Devices ADL5802ACPZ-R7 Datasheet HTML 12Page - Analog Devices ADL5802ACPZ-R7 Datasheet HTML 13Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 32 page
background image
ADL5802
Rev. 0 | Page 9 of 32
0
2
4
6
10
14
18
8
12
16
20
0
500
1000
1500
2000
2500
3000
3500
RF FREQUENCY (MHz)
TA = +25°C
TA = +85°C
TA = –40°C
Figure 15. Input P1dB vs. RF Frequency
0
2
4
6
10
14
18
8
12
16
20
0
50
100
150
200
250
IF FREQUENCY (MHz)
900MHz
1900MHz
Figure 16. Input P1dB vs. IF Frequency
0
2
4
6
8
10
12
14
16
18
0
500
1000
1500
2000
2500
3000
3500
RF FREQUENCY (MHz)
TA = –40°C
TA = +85°C
TA = +25°C
Figure 17. SSB Noise Figure vs. RF Frequency
0
100
200
300
400
500
700
600
IF FREQUENCY (MHz)
0
5
10
15
20
25
NF vs. IF, RF = 900MHz
NF vs. IF, RF = 1900MHz
Figure 18. SSB Noise Figure vs. IF Frequency
0
5
10
15
20
25
30
–30
–25
–20
–15
–10
–5
0
5
10
BLOCKER LEVEL (dBm)
NF, RF 1846MHz,
IF 153MHz, BLOCKER 1841MHz
NF, RF 951MHZ,
IF 153MHz, BLOCKER 946MHz
Figure 19. SSB Noise Figure vs. Blocker Level
0
2
4
6
8
10
12
14
16
18
20
–15
–10
–5
0
5
10
15
LO LEVEL (dBm)
1900MHz
900MHz
Figure 20. SSB Noise Figure vs. LO Drive


Similar Part No. - ADL5802ACPZ-R7

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADL5802 AD-ADL5802 Datasheet
376Kb / 8P
   Dual Channel High-IP3 100MHz-6GHz Active Mixer
REV. PrA
ADL5802-EVALZ AD-ADL5802-EVALZ Datasheet
376Kb / 8P
   Dual Channel High-IP3 100MHz-6GHz Active Mixer
REV. PrA
ADL5802XCPZ-R7 AD-ADL5802XCPZ-R7 Datasheet
376Kb / 8P
   Dual Channel High-IP3 100MHz-6GHz Active Mixer
REV. PrA
ADL5802XCPZ-WP AD-ADL5802XCPZ-WP Datasheet
376Kb / 8P
   Dual Channel High-IP3 100MHz-6GHz Active Mixer
REV. PrA
More results

Similar Description - ADL5802ACPZ-R7

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADL5801 AD-ADL5801 Datasheet
402Kb / 20P
   High IP3, 10 MHz to 6 GHz, Active Mixer
REV. A
AD8343 AD-AD8343_15 Datasheet
2Mb / 32P
   DC-to-2.5 GHz High IP3 Active Mixer
REV. B
AD8343ARUZ AD-AD8343ARUZ Datasheet
2Mb / 32P
   DC-to-2.5 GHz High IP3 Active Mixer
REV. B
AD8343 AD-AD8343 Datasheet
394Kb / 27P
   DC-to-2.5 GHz High IP3 Active Mixer
REV. 0
ADL5802 AD-ADL5802 Datasheet
376Kb / 8P
   Dual Channel High-IP3 100MHz-6GHz Active Mixer
REV. PrA
logo
Qorvo, Inc
CMD253C3 QORVO-CMD253C3 Datasheet
243Kb / 11P
   6-14 GHz High IP3 Fundamental Mixer
logo
Custom MMIC Design Serv...
CMD253C3 MMIC-CMD253C3 Datasheet
243Kb / 11P
   6-14 GHz High IP3 Fundamental Mixer
logo
Qorvo, Inc
CMD253 QORVO-CMD253 Datasheet
327Kb / 11P
   6-14 GHz High IP3 Fundamental Mixer
CMD257C4 QORVO-CMD257C4 Datasheet
259Kb / 11P
   6-10 GHz High IP3 I/Q Mixer
logo
Custom MMIC Design Serv...
CMD257C4 MMIC-CMD257C4 Datasheet
259Kb / 11P
   6-10 GHz High IP3 I/Q Mixer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com