Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LUY9553-4R-S3-TR2 Datasheet(PDF) 7 Page - LIGITEK electronics co., ltd.

Part # LUY9553-4R-S3-TR2
Description  PLCC-4 TOPLED
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LIGITEK [LIGITEK electronics co., ltd.]
Direct Link  http://www.ligitek.com
Logo LIGITEK - LIGITEK electronics co., ltd.

LUY9553-4R-S3-TR2 Datasheet(HTML) 7 Page - LIGITEK electronics co., ltd.

  LUY9553-4R-S3-TR2 Datasheet HTML 1Page - LIGITEK electronics co., ltd. LUY9553-4R-S3-TR2 Datasheet HTML 2Page - LIGITEK electronics co., ltd. LUY9553-4R-S3-TR2 Datasheet HTML 3Page - LIGITEK electronics co., ltd. LUY9553-4R-S3-TR2 Datasheet HTML 4Page - LIGITEK electronics co., ltd. LUY9553-4R-S3-TR2 Datasheet HTML 5Page - LIGITEK electronics co., ltd. LUY9553-4R-S3-TR2 Datasheet HTML 6Page - LIGITEK electronics co., ltd. LUY9553-4R-S3-TR2 Datasheet HTML 7Page - LIGITEK electronics co., ltd. LUY9553-4R-S3-TR2 Datasheet HTML 8Page - LIGITEK electronics co., ltd. LUY9553-4R-S3-TR2 Datasheet HTML 9Page - LIGITEK electronics co., ltd.  
Zoom Inzoom in Zoom Outzoom out
 7 / 9 page
background image
Page 6/8
ψ80
0
+2
24.4
Reel Dimensions
ψ13.0
±0.5
ψ330
LIGITEK ELECTRONICS CO.,LTD.
Property of Ligitek Only
0.3
3.9
3.2
3000 devices
Quantity/Reel
4.0
2.0
Min
φ1.5
3.2
Polarity
13.3
12.0mm tape,7"reel
LUY9553-4R/S3/TR2
Part No.
Description
16
±0.3
1.75
7.5
8.0
PART NO. LUY9553-4R/S3/TR2


Similar Part No. - LUY9553-4R-S3-TR2

ManufacturerPart #DatasheetDescription
logo
LIGITEK electronics co....
LUY9553-4R-TR1 LIGITEK-LUY9553-4R-TR1 Datasheet
126Kb / 8P
   PLCC-4 TOPLED
LUY9553-4R-TR1-B01 LIGITEK-LUY9553-4R-TR1-B01 Datasheet
394Kb / 12P
   SURFACE MOUNT LED TAPE AND REEL
More results

Similar Description - LUY9553-4R-S3-TR2

ManufacturerPart #DatasheetDescription
logo
LIGITEK electronics co....
LDGM9553-4-TR1 LIGITEK-LDGM9553-4-TR1 Datasheet
136Kb / 8P
   PLCC-4 TOPLED
LUROS9553-4-TR1 LIGITEK-LUROS9553-4-TR1 Datasheet
138Kb / 8P
   PLCC-4 TOPLED
L12URF9553-4S LIGITEK-L12URF9553-4S Datasheet
136Kb / 8P
   PLCC-4 TOPLED
LDBK9553-4-TR1 LIGITEK-LDBK9553-4-TR1 Datasheet
140Kb / 8P
   PLCC-4 TOPLED
LUY9553-4H-TR1-B03 LIGITEK-LUY9553-4H-TR1-B03 Datasheet
141Kb / 8P
   PLCC-4 TOPLED
LUY9553-4-TR1 LIGITEK-LUY9553-4-TR1 Datasheet
127Kb / 8P
   PLCC-4 TOPLED
LURF9553-4S-TR1 LIGITEK-LURF9553-4S-TR1 Datasheet
136Kb / 8P
   PLCC-4 TOPLED
LUE9553-4-TR1 LIGITEK-LUE9553-4-TR1 Datasheet
131Kb / 8P
   PLCC-4 TOPLED
LUR9553-4H-TR1 LIGITEK-LUR9553-4H-TR1 Datasheet
128Kb / 8P
   PLCC-4 TOPLED
LUY9553-4R-TR1 LIGITEK-LUY9553-4R-TR1 Datasheet
126Kb / 8P
   PLCC-4 TOPLED
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com