Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CZRH5221B-G Datasheet(PDF) 4 Page - Comchip Technology

Part # CZRH5221B-G
Description  SMD Zener Diode
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COMCHIP [Comchip Technology]
Direct Link  http://www.comchiptech.com
Logo COMCHIP - Comchip Technology

CZRH5221B-G Datasheet(HTML) 4 Page - Comchip Technology

  CZRH5221B-G Datasheet HTML 1Page - Comchip Technology CZRH5221B-G Datasheet HTML 2Page - Comchip Technology CZRH5221B-G Datasheet HTML 3Page - Comchip Technology CZRH5221B-G Datasheet HTML 4Page - Comchip Technology CZRH5221B-G Datasheet HTML 5Page - Comchip Technology  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
Page 4
SMD Diodes Specialist
SMD Zener Diode
REV:A
Trailer
Device
Leader
10 pitches (min)
10 pitches (min)
.......
.......
.......
.......
.......
.......
..... ..
.......
End
Start
D1
D2
D
W1
C
Direction of Feed
B
C
d
D
D2
D1
E
F
P
P0
P1
T
SOD-523
SYMBOL
A
W
W1
Reel Taping Specification
(mm)
(inch)
0.038 0.002
±
0.076 0.002
±
0.029 0.002
±
0.059 0.004
±
7.008 0.04
±
0.512 0.002
±
SOD-523
SYMBOL
(mm)
(inch)
0.069 0.004
±
0.138 0.002
±
0.079 0.002
±
0.157 0.004
±
0.079 0.002
±
0.007 0.001
±
0.315 0.016
±
0.96 0.05
±
1.94 0.05
±
2.00 0.05
±
1.50 0.10
±
3.50 0.05
±
1.75 0.10
±
1.30 0.05
±
0.73 0.05
±
4.00 0.10
±
2.00 0.05
±
0.18 0.02
±
8.00 0.40
±
178 1
±
Index hole
d
E
F
B
W
A
P
P0
P1
T
C
12.3 0.20
±
0.484 0.008
±
54.4 0.4
±
2.142 0.016
±
QW-BZ020
Comchip Technology CO., LTD.


Similar Part No. - CZRH5221B-G

ManufacturerPart #DatasheetDescription
logo
Comchip Technology
CZRH584C10-G COMCHIP-CZRH584C10-G Datasheet
130Kb / 5P
   SMD Zener Diode
CZRH584C11-G COMCHIP-CZRH584C11-G Datasheet
130Kb / 5P
   SMD Zener Diode
CZRH584C12-G COMCHIP-CZRH584C12-G Datasheet
130Kb / 5P
   SMD Zener Diode
CZRH584C13-G COMCHIP-CZRH584C13-G Datasheet
130Kb / 5P
   SMD Zener Diode
CZRH584C15-G COMCHIP-CZRH584C15-G Datasheet
130Kb / 5P
   SMD Zener Diode
More results

Similar Description - CZRH5221B-G

ManufacturerPart #DatasheetDescription
logo
Comchip Technology
ACZRV5223B-HF COMCHIP-ACZRV5223B-HF Datasheet
132Kb / 5P
   SMD Zener Diode
CZRB3005-G COMCHIP-CZRB3005-G Datasheet
92Kb / 6P
   SMD Zener Diode
CZRC5340B-G COMCHIP-CZRC5340B-G Datasheet
130Kb / 6P
   SMD Zener Diode
CZRA4731B-HF COMCHIP-CZRA4731B-HF Datasheet
109Kb / 5P
   SMD Zener Diode
CZRA4733B-HF COMCHIP-CZRA4733B-HF Datasheet
109Kb / 5P
   SMD Zener Diode
CZRA4746B-HF COMCHIP-CZRA4746B-HF Datasheet
109Kb / 5P
   SMD Zener Diode
CZRA4749B-HF COMCHIP-CZRA4749B-HF Datasheet
109Kb / 5P
   SMD Zener Diode
CZRA4754B-HF COMCHIP-CZRA4754B-HF Datasheet
109Kb / 5P
   SMD Zener Diode
CZRA4755-G COMCHIP-CZRA4755-G Datasheet
277Kb / 6P
   SMD Zener Diode
logo
Formosa MS
MMSZ5221BS-FL FORMOSA-MMSZ5221BS-FL Datasheet
194Kb / 9P
   SMD Zener Diode
logo
Comchip Technology
CZRB5366B-HF COMCHIP-CZRB5366B-HF Datasheet
125Kb / 6P
   SMD Zener Diode
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com