Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CZRA5927B-G Datasheet(PDF) 3 Page - Comchip Technology

Part # CZRA5927B-G
Description  SMD Zener Diode
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COMCHIP [Comchip Technology]
Direct Link  http://www.comchiptech.com
Logo COMCHIP - Comchip Technology

CZRA5927B-G Datasheet(HTML) 3 Page - Comchip Technology

  CZRA5927B-G Datasheet HTML 1Page - Comchip Technology CZRA5927B-G Datasheet HTML 2Page - Comchip Technology CZRA5927B-G Datasheet HTML 3Page - Comchip Technology CZRA5927B-G Datasheet HTML 4Page - Comchip Technology CZRA5927B-G Datasheet HTML 5Page - Comchip Technology  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
SMD Zener Diode
Page 3
Electrical Characteristics(Ta = 25°C)
SMD Diodes Specialist
QW-BZ019
Marking
Code
Part Number
VZ @ IZT
(Ohm)
ZZT @ IZT
IR @ VR
Maximum
Maximum Reverse
Leakage Current
REV:A
CZRA5922B-G
7.5
IZT
(V)
(mA)
Zener Voltage
Nominal
50.0
3.0
400
0.5
(Ohm)
ZZK @ IZK
IZK
(mA)
Zener Impedance
(uA)
(V)
Maximum
DC Zener
Current
IZM
(mA)
5.0
6.0
400
922B
CZRA5920B-G
6.2
60.5
2.0
200
1.0
5.0
4.0
241
920B
CZRA5923B-G
8.2
45.7
3.5
400
0.5
5.0
6.5
364
923B
CZRA5924B-G
9.1
41.2
4.0
500
0.5
5.0
7.0
328
924B
CZRA5925B-G
10
37.5
4.5
500
0.25
5.0
8.0
300
925B
CZRA5926B-G
11
34.1
5.5
550
0.25
5.0
8.4
272
926B
CZRA5927B-G
12
31.2
6.5
550
0.25
1.0
9.1
250
927B
CZRA5928B-G
13
28.8
7.0
550
0.25
1.0
9.9
230
928B
CZRA5929B-G
15
25.0
9.0
600
0.25
1.0
11.4
200
929B
CZRA5930B-G
16
23.4
10
600
0.25
1.0
12.2
186
930B
CZRA5931B-G
18
20.8
12
650
0.25
1.0
13.7
166
931B
CZRA5932B-G
20
18.7
14
650
0.25
1.0
15.2
150
932B
CZRA5933B-G
22
17.0
18
650
0.25
1.0
16.7
136
933B
CZRA5934B-G
24
15.6
19
700
0.25
1.0
18.2
124
934B
CZRA5935B-G
27
13.9
23
700
0.25
1.0
20.6
110
935B
CZRA5936B-G
30
12.5
26
750
0.25
1.0
22.8
100
936B
CZRA5937B-G
33
11.4
33
800
0.25
1.0
25.1
90
937B
CZRA5938B-G
36
10.4
38
850
0.25
1.0
27.4
82
938B
CZRA5939B-G
39
9.6
45
900
0.25
1.0
29.7
76
939B
CZRA5940B-G
43
8.7
53
950
0.25
1.0
32.7
68
940B
CZRA5941B-G
47
8.0
67
1000
0.25
1.0
35.8
62
941B
CZRA5942B-G
51
7.3
70
1100
0.25
1.0
38.8
58
942B
CZRA5943B-G
56
6.7
86
1300
0.25
1.0
42.6
52
943B
CZRA5944B-G
62
6.0
100
1500
0.25
1.0
47.1
48
944B
CZRA5945B-G
68
5.5
120
1700
0.25
1.0
51.7
44
945B
CZRA5946B-G
75
5.0
140
2000
0.25
1.0
56.0
40
946B
CZRA5947B-G
82
4.6
160
2500
0.25
1.0
62.2
36
947B
CZRA5948B-G
91
4.1
200
3000
0.25
1.0
69.2
32
948B
CZRA5949B-G
100
3.7
250
3100
0.25
1.0
76.0
30
949B
CZRA5950B-G
110
3.4
300
4000
0.25
1.0
83.6
13
950B
CZRA5951B-G
120
3.1
380
4500
0.25
1.0
91.2
12
951B
CZRA5952B-G
130
2.9
450
5000
0.25
1.0
98.8
11
952B
CZRA5953B-G
150
2.5
600
6000
0.25
1.0
114.0
10
953B
CZRA5954B-G
160
2.3
700
6500
0.25
1.0
121.6
9
954B
CZRA5955B-G
180
2.1
900
7000
0.25
1.0
136.8
8
955B
CZRA5956B-G
200
1.9
1900
9990
0.25
1.0
152.0
7
956B
Notes:
(1) The type number listed have a standard tolerance on th nominal zener voltage of ± 5%.
(2) The reverse surge current is a non-repetitive,8.3ms pulse width square wave or equivalent sine-wave
superimposed on IZT per JEDEC Method.
CZRA5921B-G
6.8
55.1
2.5
200
1.0
5.0
5.2
440
921B
Comchip Technology CO., LTD.


Similar Part No. - CZRA5927B-G

ManufacturerPart #DatasheetDescription
logo
Comchip Technology
CZRA1110 COMCHIP-CZRA1110 Datasheet
71Kb / 3P
   Surface Mount Zener Diode
CZRA1110B-HF COMCHIP-CZRA1110B-HF Datasheet
109Kb / 5P
   SMD Zener Diode
CZRA1110B-HF COMCHIP-CZRA1110B-HF Datasheet
109Kb / 5P
   SMD Zener Diode
CZRA1110B-HF COMCHIP-CZRA1110B-HF Datasheet
109Kb / 5P
   SMD Zener Diode
CZRA1115 COMCHIP-CZRA1115 Datasheet
71Kb / 3P
   Surface Mount Zener Diode
More results

Similar Description - CZRA5927B-G

ManufacturerPart #DatasheetDescription
logo
Comchip Technology
ACZRV5223B-HF COMCHIP-ACZRV5223B-HF Datasheet
132Kb / 5P
   SMD Zener Diode
CZRB3005-G COMCHIP-CZRB3005-G Datasheet
92Kb / 6P
   SMD Zener Diode
CZRC5340B-G COMCHIP-CZRC5340B-G Datasheet
130Kb / 6P
   SMD Zener Diode
CZRA4731B-HF COMCHIP-CZRA4731B-HF Datasheet
109Kb / 5P
   SMD Zener Diode
CZRA4733B-HF COMCHIP-CZRA4733B-HF Datasheet
109Kb / 5P
   SMD Zener Diode
CZRA4746B-HF COMCHIP-CZRA4746B-HF Datasheet
109Kb / 5P
   SMD Zener Diode
CZRA4749B-HF COMCHIP-CZRA4749B-HF Datasheet
109Kb / 5P
   SMD Zener Diode
CZRA4754B-HF COMCHIP-CZRA4754B-HF Datasheet
109Kb / 5P
   SMD Zener Diode
CZRA4755-G COMCHIP-CZRA4755-G Datasheet
277Kb / 6P
   SMD Zener Diode
logo
Formosa MS
MMSZ5221BS-FL FORMOSA-MMSZ5221BS-FL Datasheet
194Kb / 9P
   SMD Zener Diode
logo
Comchip Technology
CZRB5366B-HF COMCHIP-CZRB5366B-HF Datasheet
125Kb / 6P
   SMD Zener Diode
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com