Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CZRA5939B-G Datasheet(PDF) 5 Page - Comchip Technology

Part # CZRA5939B-G
Description  SMD Zener Diode
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COMCHIP [Comchip Technology]
Direct Link  http://www.comchiptech.com
Logo COMCHIP - Comchip Technology

CZRA5939B-G Datasheet(HTML) 5 Page - Comchip Technology

  CZRA5939B-G Datasheet HTML 1Page - Comchip Technology CZRA5939B-G Datasheet HTML 2Page - Comchip Technology CZRA5939B-G Datasheet HTML 3Page - Comchip Technology CZRA5939B-G Datasheet HTML 4Page - Comchip Technology CZRA5939B-G Datasheet HTML 5Page - Comchip Technology  
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image
SMD Zener Diode
Page 5
SMD Diodes Specialist
QW-BZ019
REV:A
Comchip Technology CO., LTD.
A
B
C
E
D
Case Type
Qty per Reel
(Pcs)
5000
Reel Size
(inch)
13
DO-214AC (SMA)
SIZE
(inch)
0.150
(mm)
3.80
1.60
2.80
0.063
0.110
5.40
0.213
E
2.20
0.087
B
C
D
A
DO-214AC(SMA)
Suggested PAD Layout
Standard Package


Similar Part No. - CZRA5939B-G

ManufacturerPart #DatasheetDescription
logo
Comchip Technology
CZRA1110 COMCHIP-CZRA1110 Datasheet
71Kb / 3P
   Surface Mount Zener Diode
CZRA1110B-HF COMCHIP-CZRA1110B-HF Datasheet
109Kb / 5P
   SMD Zener Diode
CZRA1110B-HF COMCHIP-CZRA1110B-HF Datasheet
109Kb / 5P
   SMD Zener Diode
CZRA1110B-HF COMCHIP-CZRA1110B-HF Datasheet
109Kb / 5P
   SMD Zener Diode
CZRA1115 COMCHIP-CZRA1115 Datasheet
71Kb / 3P
   Surface Mount Zener Diode
More results

Similar Description - CZRA5939B-G

ManufacturerPart #DatasheetDescription
logo
Comchip Technology
ACZRV5223B-HF COMCHIP-ACZRV5223B-HF Datasheet
132Kb / 5P
   SMD Zener Diode
CZRB3005-G COMCHIP-CZRB3005-G Datasheet
92Kb / 6P
   SMD Zener Diode
CZRC5340B-G COMCHIP-CZRC5340B-G Datasheet
130Kb / 6P
   SMD Zener Diode
CZRA4731B-HF COMCHIP-CZRA4731B-HF Datasheet
109Kb / 5P
   SMD Zener Diode
CZRA4733B-HF COMCHIP-CZRA4733B-HF Datasheet
109Kb / 5P
   SMD Zener Diode
CZRA4746B-HF COMCHIP-CZRA4746B-HF Datasheet
109Kb / 5P
   SMD Zener Diode
CZRA4749B-HF COMCHIP-CZRA4749B-HF Datasheet
109Kb / 5P
   SMD Zener Diode
CZRA4754B-HF COMCHIP-CZRA4754B-HF Datasheet
109Kb / 5P
   SMD Zener Diode
CZRA4755-G COMCHIP-CZRA4755-G Datasheet
277Kb / 6P
   SMD Zener Diode
logo
Formosa MS
MMSZ5221BS-FL FORMOSA-MMSZ5221BS-FL Datasheet
194Kb / 9P
   SMD Zener Diode
logo
Comchip Technology
CZRB5366B-HF COMCHIP-CZRB5366B-HF Datasheet
125Kb / 6P
   SMD Zener Diode
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com