Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CZRA5952B-G Datasheet(PDF) 2 Page - Comchip Technology

Part # CZRA5952B-G
Description  SMD Zener Diode
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COMCHIP [Comchip Technology]
Direct Link  http://www.comchiptech.com
Logo COMCHIP - Comchip Technology

CZRA5952B-G Datasheet(HTML) 2 Page - Comchip Technology

  CZRA5952B-G Datasheet HTML 1Page - Comchip Technology CZRA5952B-G Datasheet HTML 2Page - Comchip Technology CZRA5952B-G Datasheet HTML 3Page - Comchip Technology CZRA5952B-G Datasheet HTML 4Page - Comchip Technology CZRA5952B-G Datasheet HTML 5Page - Comchip Technology  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
SMD Zener Diode
Page 2
SMD Diodes Specialist
Lead length to heat sink (inches)
Fig.1 Typical thermal resistance v.s. lead length
QW-BZ019
Fig.3 Temperature coefficents v.s. zener voltage
Zener voltage(V)
Fig.2 Maximum surge power
Pulse width (ms)
Fig.4 Power temperature derating current
Lead Temperature (°C)
0
2.5
1.5
1.0
0.5
0
175
125
100
75
50
25
150
RATING AND CHARACTERISTIC CURVES (CZRA5920B-G Thru CZRA5956B-G)
REV:A
100
10
1000
100
30
10
Range
0
20
40
80
0
0.2
0.4
0.8
1.0
0.9
0.7
0.3
0.1
60
0.5
0.6
0.1
100
10
1
10
100
1000
Fig.5 Typical thermal response L, lead length=3/8 inch
Pulse width (ms)
0.0001
0.1
0.1
0.001
0.01
10
100
1
10
1
D=0.5
D=0.2
D=0.1
D=0.05
D=0.02
D=0.01
D=0
D=Note:Below 0.1 second,
Thermal response curve is
Comchip Technology CO., LTD.


Similar Part No. - CZRA5952B-G

ManufacturerPart #DatasheetDescription
logo
Comchip Technology
CZRA1110 COMCHIP-CZRA1110 Datasheet
71Kb / 3P
   Surface Mount Zener Diode
CZRA1110B-HF COMCHIP-CZRA1110B-HF Datasheet
109Kb / 5P
   SMD Zener Diode
CZRA1110B-HF COMCHIP-CZRA1110B-HF Datasheet
109Kb / 5P
   SMD Zener Diode
CZRA1110B-HF COMCHIP-CZRA1110B-HF Datasheet
109Kb / 5P
   SMD Zener Diode
CZRA1115 COMCHIP-CZRA1115 Datasheet
71Kb / 3P
   Surface Mount Zener Diode
More results

Similar Description - CZRA5952B-G

ManufacturerPart #DatasheetDescription
logo
Comchip Technology
ACZRV5223B-HF COMCHIP-ACZRV5223B-HF Datasheet
132Kb / 5P
   SMD Zener Diode
CZRB3005-G COMCHIP-CZRB3005-G Datasheet
92Kb / 6P
   SMD Zener Diode
CZRC5340B-G COMCHIP-CZRC5340B-G Datasheet
130Kb / 6P
   SMD Zener Diode
CZRA4731B-HF COMCHIP-CZRA4731B-HF Datasheet
109Kb / 5P
   SMD Zener Diode
CZRA4733B-HF COMCHIP-CZRA4733B-HF Datasheet
109Kb / 5P
   SMD Zener Diode
CZRA4746B-HF COMCHIP-CZRA4746B-HF Datasheet
109Kb / 5P
   SMD Zener Diode
CZRA4749B-HF COMCHIP-CZRA4749B-HF Datasheet
109Kb / 5P
   SMD Zener Diode
CZRA4754B-HF COMCHIP-CZRA4754B-HF Datasheet
109Kb / 5P
   SMD Zener Diode
CZRA4755-G COMCHIP-CZRA4755-G Datasheet
277Kb / 6P
   SMD Zener Diode
logo
Formosa MS
MMSZ5221BS-FL FORMOSA-MMSZ5221BS-FL Datasheet
194Kb / 9P
   SMD Zener Diode
logo
Comchip Technology
CZRB5366B-HF COMCHIP-CZRB5366B-HF Datasheet
125Kb / 6P
   SMD Zener Diode
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com