Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LBD141-2A-XX-S2 Datasheet(PDF) 11 Page - LIGITEK electronics co., ltd.

Part # LBD141-2A-XX-S2
Description  BAR DIGIT LED DISPLAY
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LIGITEK [LIGITEK electronics co., ltd.]
Direct Link  http://www.ligitek.com
Logo LIGITEK - LIGITEK electronics co., ltd.

LBD141-2A-XX-S2 Datasheet(HTML) 11 Page - LIGITEK electronics co., ltd.

Back Button LBD141-2A-XX-S2 Datasheet HTML 3Page - LIGITEK electronics co., ltd. LBD141-2A-XX-S2 Datasheet HTML 4Page - LIGITEK electronics co., ltd. LBD141-2A-XX-S2 Datasheet HTML 5Page - LIGITEK electronics co., ltd. LBD141-2A-XX-S2 Datasheet HTML 6Page - LIGITEK electronics co., ltd. LBD141-2A-XX-S2 Datasheet HTML 7Page - LIGITEK electronics co., ltd. LBD141-2A-XX-S2 Datasheet HTML 8Page - LIGITEK electronics co., ltd. LBD141-2A-XX-S2 Datasheet HTML 9Page - LIGITEK electronics co., ltd. LBD141-2A-XX-S2 Datasheet HTML 10Page - LIGITEK electronics co., ltd. LBD141-2A-XX-S2 Datasheet HTML 11Page - LIGITEK electronics co., ltd.  
Zoom Inzoom in Zoom Outzoom out
 11 / 11 page
background image
10/10
Page
MIL-STD-202: 210A
MIL-STD-750: 2031
JIS C 7021: A-1
This test intended to determine the
thermal characteristic resistance
of the device to sudden exposures
at extreme changes in temperature
when soldering the lead wire.
MIL-STD-202: 208D
MIL-STD-750: 2026
MIL-STD-883: 2003
JIS C 7021: A-2
1.T.Sol=230
℃±5
2.Dwell time=5
±1sec
Solderability Test
This test intended to see soldering well
performed or not.
MIL-STD-883:1008
JIS C 7021: B-10
MIL-STD-750: 1026
MIL-STD-883: 1005
JIS C 7021: B-1
LIGITEK ELECTRONICS CO.,LTD.
Property of Ligitek Only
MIL-STD-202:103B
JIS C 7021: B-11
MIL-STD-202: 107D
MIL-STD-750: 1051
MIL-STD-883: 1011
1.Ta=105
℃±5
2.t=1000 hrs (-24hrs, +72hrs)
1.Ta=-40
℃±5
2.t=1000 hrs (-24hrs, +72hrs)
1.Ta=105
℃±5&-40℃±5
(10min) (10min)
2.total 10 cycles
1.Ta=65
℃±5
2.RH=90%~95%
3.t=240hrs
±2hrs
1.T.Sol=260
℃±5
2.Dwell time= 10
±1sec.
Thermal Shock Test
High Temperature
High Humidity Test
Solder Resistance
Test
High Temperature
Storage Test
Low Temperature
Storage Test
The purpose of this is the resistance of
the device to sudden extreme changes
in high and low temperature.
The purpose of this test is the resistance
of the device under tropical for hours.
The purpose of this is the resistance of
the device which is laid under condition
of high temperature for hours.
The purpose of this is the resistance
of the device which is laid under
condition of low temperature for hours.
Test Condition
1.Under Room Temperature
2.If=10mA
3.t=1000 hrs (-24hrs, +72hrs)
Reliability Test:
Operating Life Test
Test Item
This test is conducted for the purpose
of detemining the resistance of a part
in electrical and themal stressed.
Description
JIS C 7021: B-12
Reference
Standard
PART NO.LBD141/2A-XX/S2


Similar Part No. - LBD141-2A-XX-S2

ManufacturerPart #DatasheetDescription
logo
LIGITEK electronics co....
LBD141-2A-XX-S1 LIGITEK-LBD141-2A-XX-S1 Datasheet
116Kb / 10P
   BAR DIGIT LED DISPLAY
More results

Similar Description - LBD141-2A-XX-S2

ManufacturerPart #DatasheetDescription
logo
LIGITEK electronics co....
LBD101-22Y8G-XX-P4 LIGITEK-LBD101-22Y8G-XX-P4 Datasheet
102Kb / 9P
   BAR DIGIT LED DISPLAY
LBD101-24-XX-P3-PF LIGITEK-LBD101-24-XX-P3-PF Datasheet
156Kb / 9P
   BAR DIGIT LED DISPLAY
LBD101-26F-XX-PF LIGITEK-LBD101-26F-XX-PF Datasheet
131Kb / 9P
   BAR DIGIT LED DISPLAY
LBD142A-XX-RP25 LIGITEK-LBD142A-XX-RP25 Datasheet
145Kb / 10P
   BAR DIGIT LED DISPLAY
LBD336C-XXB LIGITEK-LBD336C-XXB Datasheet
190Kb / 10P
   BAR DIGIT LED DISPLAY
LBD356B-XX LIGITEK-LBD356B-XX Datasheet
181Kb / 11P
   BAR DIGIT LED DISPLAY
LBD1G1-2-HG3Y-XX-PF LIGITEK-LBD1G1-2-HG3Y-XX-PF Datasheet
156Kb / 11P
   BAR DIGIT LED DISPLAY
LBD101-22-XX LIGITEK-LBD101-22-XX Datasheet
376Kb / 8P
   BAR DIGIT LED DISPLAY
LBD141-22-XX-S1-PF LIGITEK-LBD141-22-XX-S1-PF Datasheet
135Kb / 9P
   BAR DIGIT LED DISPLAY
LBD1B2A-XX LIGITEK-LBD1B2A-XX Datasheet
164Kb / 11P
   BAR DIGIT LED DISPLAY
LBD1F1-25-XX LIGITEK-LBD1F1-25-XX Datasheet
121Kb / 8P
   BAR DIGIT LED DISPLAY
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com