Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LBD241SBKS-XX-PF Datasheet(PDF) 5 Page - LIGITEK electronics co., ltd.

Part # LBD241SBKS-XX-PF
Description  DUAL DIGIT LED DISPLAY
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LIGITEK [LIGITEK electronics co., ltd.]
Direct Link  http://www.ligitek.com
Logo LIGITEK - LIGITEK electronics co., ltd.

LBD241SBKS-XX-PF Datasheet(HTML) 5 Page - LIGITEK electronics co., ltd.

  LBD241SBKS-XX-PF Datasheet HTML 1Page - LIGITEK electronics co., ltd. LBD241SBKS-XX-PF Datasheet HTML 2Page - LIGITEK electronics co., ltd. LBD241SBKS-XX-PF Datasheet HTML 3Page - LIGITEK electronics co., ltd. LBD241SBKS-XX-PF Datasheet HTML 4Page - LIGITEK electronics co., ltd. LBD241SBKS-XX-PF Datasheet HTML 5Page - LIGITEK electronics co., ltd. LBD241SBKS-XX-PF Datasheet HTML 6Page - LIGITEK electronics co., ltd. LBD241SBKS-XX-PF Datasheet HTML 7Page - LIGITEK electronics co., ltd. LBD241SBKS-XX-PF Datasheet HTML 8Page - LIGITEK electronics co., ltd.  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
Symbol
△λ
IV-M
Spectral Line Half-Width
Reverse Current Any Chip
Luminous Intensity Matching Ratio
Parameter
Luminous Intensity Per Chip
Dominant Wavelength
Forward Voltage Per Chip
Ir
μA
nm
Vr=5V
If=20mA
Iv
λD
Vf
mcd
nm
volt
Unit
If=10mA
If=20mA
If=20mA
Test Condition
Test Condition For Each Parameter
LIGITEK ELECTRONICS CO.,LTD.
Property of Ligitek Only
Page 4/7
PART NO. LBD241SBKS-XX-PF


Similar Part No. - LBD241SBKS-XX-PF

ManufacturerPart #DatasheetDescription
logo
LIGITEK electronics co....
LBD2412-XX-PF LIGITEK-LBD2412-XX-PF Datasheet
153Kb / 8P
   LIGHT BAR LED DISPLAY
LBD2413-XX-PF LIGITEK-LBD2413-XX-PF Datasheet
151Kb / 8P
   LIGHT BAR LED DISPLAY
LBD2414-XX-PF LIGITEK-LBD2414-XX-PF Datasheet
151Kb / 8P
   LIGHT BAR LED DISPLAY
More results

Similar Description - LBD241SBKS-XX-PF

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
WCN2-0040SR-A11 ETC2-WCN2-0040SR-A11 Datasheet
83Kb / 4P
   Dual Digit LED Display
logo
Yellow Stone Corp
BD-A811RD YSTONE-BD-A811RD Datasheet
198Kb / 2P
   DUAL DIGIT LED DISPLAY
logo
LIGITEK electronics co....
LDD515-65-XX-RP18 LIGITEK-LDD515-65-XX-RP18 Datasheet
98Kb / 8P
   DUAL DIGIT LED DISPLAY (0.5Inch)
LDD515-65-XX-RP145 LIGITEK-LDD515-65-XX-RP145 Datasheet
124Kb / 8P
   DUAL DIGIT LED DISPLAY (0.5Inch)
LDD515-63H-XX LIGITEK-LDD515-63H-XX Datasheet
163Kb / 9P
   DUAL DIGIT LED DISPLAY (0.5Inch)
LDD215-62-XX-S2-PF LIGITEK-LDD215-62-XX-S2-PF Datasheet
131Kb / 9P
   DUAL DIGIT LED DISPLAY (0.25Inch)
LDD215-62-XX-S1 LIGITEK-LDD215-62-XX-S1 Datasheet
126Kb / 8P
   DUAL DIGIT LED DISPLAY (0.25Inch)
LDD215-62-XX-F1 LIGITEK-LDD215-62-XX-F1 Datasheet
91Kb / 8P
   DUAL DIGIT LED DISPLAY (0.25Inch)
LDD215-62-XX-S1-PF LIGITEK-LDD215-62-XX-S1-PF Datasheet
131Kb / 9P
   DUAL DIGIT LED DISPLAY (0.25Inch)
logo
Lucky Light Electronic
KW2-401 LUCKY-LIGHT-KW2-401 Datasheet
49Kb / 1P
   LED Numeric Display Dual Digit (0.40)
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com