Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LBD2412-XX-PF Datasheet(PDF) 2 Page - LIGITEK electronics co., ltd.

Part # LBD2412-XX-PF
Description  LIGHT BAR LED DISPLAY
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LIGITEK [LIGITEK electronics co., ltd.]
Direct Link  http://www.ligitek.com
Logo LIGITEK - LIGITEK electronics co., ltd.

LBD2412-XX-PF Datasheet(HTML) 2 Page - LIGITEK electronics co., ltd.

  LBD2412-XX-PF Datasheet HTML 1Page - LIGITEK electronics co., ltd. LBD2412-XX-PF Datasheet HTML 2Page - LIGITEK electronics co., ltd. LBD2412-XX-PF Datasheet HTML 3Page - LIGITEK electronics co., ltd. LBD2412-XX-PF Datasheet HTML 4Page - LIGITEK electronics co., ltd. LBD2412-XX-PF Datasheet HTML 5Page - LIGITEK electronics co., ltd. LBD2412-XX-PF Datasheet HTML 6Page - LIGITEK electronics co., ltd. LBD2412-XX-PF Datasheet HTML 7Page - LIGITEK electronics co., ltd. LBD2412-XX-PF Datasheet HTML 8Page - LIGITEK electronics co., ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
LBD2412-XX-PF
LIGITEK
0.51
TYP
2.54*3=7.62(0.3")
Note : 1.All dimension are in millimeters and (lnch) tolerance is
±0.25mm unless otherwise noted.
2.Specifications are subject to change without notice.
PIN NO.1
5.0±0.5
9.0(0.35")
10.0(0.39")
PART NO. LBD2412-XX-PF
8.0(0.31") 7.0(0.28")
Package Dimensions
7.0(0.28")
1.8
Page 1/7
LIGITEK ELECTRONICS CO.,LTD.
Property of Ligitek Only


Similar Part No. - LBD2412-XX-PF

ManufacturerPart #DatasheetDescription
logo
LIGITEK electronics co....
LBD2413-XX-PF LIGITEK-LBD2413-XX-PF Datasheet
151Kb / 8P
   LIGHT BAR LED DISPLAY
LBD2414-XX-PF LIGITEK-LBD2414-XX-PF Datasheet
151Kb / 8P
   LIGHT BAR LED DISPLAY
LBD241SBKS-XX-PF LIGITEK-LBD241SBKS-XX-PF Datasheet
121Kb / 8P
   DUAL DIGIT LED DISPLAY
More results

Similar Description - LBD2412-XX-PF

ManufacturerPart #DatasheetDescription
logo
LIGITEK electronics co....
LBD511SGL-XX-PF LIGITEK-LBD511SGL-XX-PF Datasheet
120Kb / 8P
   LIGHT BAR LED DISPLAY
LBD511SGM-XX-PF LIGITEK-LBD511SGM-XX-PF Datasheet
120Kb / 8P
   LIGHT BAR LED DISPLAY
LBD2414-XX-PF LIGITEK-LBD2414-XX-PF Datasheet
151Kb / 8P
   LIGHT BAR LED DISPLAY
LBD5113-XX-PF LIGITEK-LBD5113-XX-PF Datasheet
120Kb / 8P
   LIGHT BAR LED DISPLAY
LBD7515-XX-PF LIGITEK-LBD7515-XX-PF Datasheet
121Kb / 8P
   LIGHT BAR LED DISPLAY
LBD801-29-XX LIGITEK-LBD801-29-XX Datasheet
148Kb / 8P
   LIGHT BAR LED DISPLAY
LBD2014-XX LIGITEK-LBD2014-XX Datasheet
109Kb / 7P
   LIGHT BAR LED DISPLAY
LBD2413-XX-PF LIGITEK-LBD2413-XX-PF Datasheet
151Kb / 8P
   LIGHT BAR LED DISPLAY
LBD5115-XX-RP30-PF LIGITEK-LBD5115-XX-RP30-PF Datasheet
121Kb / 8P
   LIGHT BAR LED DISPLAY
LBD5117F-XX-PF LIGITEK-LBD5117F-XX-PF Datasheet
120Kb / 8P
   LIGHT BAR LED DISPLAY
LBD201SBKS-XX-PF LIGITEK-LBD201SBKS-XX-PF Datasheet
123Kb / 8P
   LIGHT BAR LED DISPLAY
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com