Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CZRERT52C3V9-HF Datasheet(PDF) 1 Page - Comchip Technology

Part # CZRERT52C3V9-HF
Description  SMD Zener Diode
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COMCHIP [Comchip Technology]
Direct Link  http://www.comchiptech.com
Logo COMCHIP - Comchip Technology

CZRERT52C3V9-HF Datasheet(HTML) 1 Page - Comchip Technology

  CZRERT52C3V9-HF Datasheet HTML 1Page - Comchip Technology CZRERT52C3V9-HF Datasheet HTML 2Page - Comchip Technology CZRERT52C3V9-HF Datasheet HTML 3Page - Comchip Technology CZRERT52C3V9-HF Datasheet HTML 4Page - Comchip Technology CZRERT52C3V9-HF Datasheet HTML 5Page - Comchip Technology CZRERT52C3V9-HF Datasheet HTML 6Page - Comchip Technology  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
Voltage 2 to 39 Volts
Power 150 mWatts
Page 1
QW-G2011
Features
150mW Power Dissipation.
High Voltages from 2 ~ 39 V.
Designed for mounting on small surface.
Extremely thin/leadless package.
Pb free product.
Mechanical data
Case: 0503(1308)Standard package
Molded plastic.
Terminals: Gold plated, solderable per
MIL-STD-750,method 2026.
Polarity: Indicated by cathode band.
Weight:
gram(approx.).
Halogen free.
0.0011
Peak ESD voltage capability (IEC 61000-4-2)
Parameter
Symbol
Value
0.9
150
8
Unit
V
mW
Forward current , surge peak
8.3 ms single half sine-wave superimposed
on rate load( JEDEC method )
2.0
A
Maximum Rating AND Electrical Characteristics
IFSM
PD
VF
VPV
kV
Maximum Forward Voltage Drop at IF = 10 mA
O
Maximum Power Dissipation at 25 C
REV:A
SMD Diodes Specialist
Operating Junction and Storage Temperature Range
-55 to +125
TJ
OC
(RoHS Device)
CZRERT52C2-HF Thru CZRERT52C39-HF
SMD Zener Diode
Comchip Technology CO., LTD.
0.053(1.35)
0.045(1.15)
0.034(0.85)
0.026(0.65)
0.022(0.55)
0.018(0.45)
Dimensions in inches and (millimeter)
0503(1308)
0.022(0.55) Typ.
0.016(0.40) Typ.


Similar Part No. - CZRERT52C3V9-HF

ManufacturerPart #DatasheetDescription
logo
Comchip Technology
CZRERT52C3V9 COMCHIP-CZRERT52C3V9 Datasheet
269Kb / 6P
   SMD Zener Diode
More results

Similar Description - CZRERT52C3V9-HF

ManufacturerPart #DatasheetDescription
logo
Comchip Technology
ACZRV5223B-HF COMCHIP-ACZRV5223B-HF Datasheet
132Kb / 5P
   SMD Zener Diode
CZRB3005-G COMCHIP-CZRB3005-G Datasheet
92Kb / 6P
   SMD Zener Diode
CZRC5340B-G COMCHIP-CZRC5340B-G Datasheet
130Kb / 6P
   SMD Zener Diode
CZRA4731B-HF COMCHIP-CZRA4731B-HF Datasheet
109Kb / 5P
   SMD Zener Diode
CZRA4733B-HF COMCHIP-CZRA4733B-HF Datasheet
109Kb / 5P
   SMD Zener Diode
CZRA4746B-HF COMCHIP-CZRA4746B-HF Datasheet
109Kb / 5P
   SMD Zener Diode
CZRA4749B-HF COMCHIP-CZRA4749B-HF Datasheet
109Kb / 5P
   SMD Zener Diode
CZRA4754B-HF COMCHIP-CZRA4754B-HF Datasheet
109Kb / 5P
   SMD Zener Diode
CZRA4755-G COMCHIP-CZRA4755-G Datasheet
277Kb / 6P
   SMD Zener Diode
logo
Formosa MS
MMSZ5221BS-FL FORMOSA-MMSZ5221BS-FL Datasheet
194Kb / 9P
   SMD Zener Diode
logo
Comchip Technology
CZRB5366B-HF COMCHIP-CZRB5366B-HF Datasheet
125Kb / 6P
   SMD Zener Diode
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com