Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LDBK4841 Datasheet(PDF) 6 Page - LIGITEK electronics co., ltd.

Part # LDBK4841
Description  CYLINDRICAL TYPE LED LAMPS
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LIGITEK [LIGITEK electronics co., ltd.]
Direct Link  http://www.ligitek.com
Logo LIGITEK - LIGITEK electronics co., ltd.

LDBK4841 Datasheet(HTML) 6 Page - LIGITEK electronics co., ltd.

  LDBK4841 Datasheet HTML 1Page - LIGITEK electronics co., ltd. LDBK4841 Datasheet HTML 2Page - LIGITEK electronics co., ltd. LDBK4841 Datasheet HTML 3Page - LIGITEK electronics co., ltd. LDBK4841 Datasheet HTML 4Page - LIGITEK electronics co., ltd. LDBK4841 Datasheet HTML 5Page - LIGITEK electronics co., ltd. LDBK4841 Datasheet HTML 6Page - LIGITEK electronics co., ltd.  
Zoom Inzoom in Zoom Outzoom out
 6 / 6 page
background image
Page 5/5
Reference
Standard
MIL-STD-750: 1026
MIL-STD-883: 1005
JIS C 7021: B-1
MIL-STD-883:1008
JIS C 7021: B-10
JIS C 7021: B-12
MIL-STD-202: 107D
MIL-STD-750: 1051
MIL-STD-883: 1011
MIL-STD-202: 210A
MIL-STD-750: 2031
JIS C 7021: A-1
MIL-STD-202:103B
JIS C 7021: B-11
MIL-STD-202: 208D
MIL-STD-750: 2026
MIL-STD-883: 2003
JIS C 7021: A-2
Test Item
Operating Life Test
Reliability Test:
1.Under Room Temperature
2.If=20mA
3.t=1000 hrs (-24hrs, +72hrs)
Test Condition
High Temperature
Storage Test
Low Temperature
Storage Test
Thermal Shock Test
Solder Resistance
Test
High Temperature
High Humidity Test
1.T.Sol=260
℃±5
2.Dwell time= 10
±1sec.
1.Ta=105
℃±5&-40℃±5
(10min) (10min)
2.total 10 cycles
1.Ta=65
℃±5
2.RH=90 %~95%
3.t=240hrs
±2hrs
1.Ta=-40
℃±5
2.t=1000 hrs (-24hrs, +72hrs)
1.Ta=105
℃±5
2.t=1000 hrs (-24hrs, +72hrs)
Solderability Test
1.T.Sol=230
℃±5
2.Dwell time=5
±1sec
This test intended to see soldering well
performed or not.
The purpose of this test is the resistance
of the device under tropical for hours.
This test intended to determine the
thermal characteristic resistance
of the device to sudden exposures
at extreme changes in temperature
when soldering the lead wire.
The purpose of this is the resistance of
the device to sudden extreme changes
in high and low temperature.
LIGITEK ELECTRONICS CO.,LTD.
Property of Ligitek Only
This test is conducted for the purpose
of detemining the resistance of a part
in electrical and themal stressed.
The purpose of this is the resistance of
the device which is laid under condition
of high temperature for hours.
The purpose of this is the resistance
of the device which is laid under
condition of low temperature for hours.
Description
PART NO. LDBK4841


Similar Part No. - LDBK4841

ManufacturerPart #DatasheetDescription
logo
LIGITEK electronics co....
LDBK4840 LIGITEK-LDBK4840 Datasheet
111Kb / 6P
   CYLINDRICAL TYPE LED LAMPS
LDBK4843 LIGITEK-LDBK4843 Datasheet
194Kb / 6P
   CYLINDRICAL TYPE LED LAMPS
LDBK4843Z LIGITEK-LDBK4843Z Datasheet
136Kb / 6P
   CYLINDRICAL TYPE LED LAMPS
More results

Similar Description - LDBK4841

ManufacturerPart #DatasheetDescription
logo
LIGITEK electronics co....
LWK4843Z-AOP-C01 LIGITEK-LWK4843Z-AOP-C01 Datasheet
206Kb / 8P
   CYLINDRICAL TYPE LED LAMPS
L8UG4043-PF LIGITEK-L8UG4043-PF Datasheet
222Kb / 6P
   CYLINDRICAL TYPE LED LAMPS
LDBK4843Z LIGITEK-LDBK4843Z Datasheet
136Kb / 6P
   CYLINDRICAL TYPE LED LAMPS
LSEFDGM24543-S195 LIGITEK-LSEFDGM24543-S195 Datasheet
118Kb / 7P
   CYLINDRICAL TYPE LED LAMPS
LDBK4741 LIGITEK-LDBK4741 Datasheet
113Kb / 6P
   CYLINDRICAL TYPE LED LAMPS
LDBK4840 LIGITEK-LDBK4840 Datasheet
111Kb / 6P
   CYLINDRICAL TYPE LED LAMPS
LG4040-PF LIGITEK-LG4040-PF Datasheet
113Kb / 6P
   CYLINDRICAL TYPE LED LAMPS
LI4630-PF LIGITEK-LI4630-PF Datasheet
110Kb / 6P
   CYLINDRICAL TYPE LED LAMPS
LH4733-PF LIGITEK-LH4733-PF Datasheet
111Kb / 6P
   CYLINDRICAL TYPE LED LAMPS
LI4841-PF LIGITEK-LI4841-PF Datasheet
110Kb / 6P
   CYLINDRICAL TYPE LED LAMPS
LPG4733-PF LIGITEK-LPG4733-PF Datasheet
111Kb / 6P
   CYLINDRICAL TYPE LED LAMPS
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com