Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CZRER52C33-HF Datasheet(PDF) 2 Page - Comchip Technology

Part # CZRER52C33-HF
Description  SMD Zener Diode
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COMCHIP [Comchip Technology]
Direct Link  http://www.comchiptech.com
Logo COMCHIP - Comchip Technology

CZRER52C33-HF Datasheet(HTML) 2 Page - Comchip Technology

  CZRER52C33-HF Datasheet HTML 1Page - Comchip Technology CZRER52C33-HF Datasheet HTML 2Page - Comchip Technology CZRER52C33-HF Datasheet HTML 3Page - Comchip Technology CZRER52C33-HF Datasheet HTML 4Page - Comchip Technology CZRER52C33-HF Datasheet HTML 5Page - Comchip Technology CZRER52C33-HF Datasheet HTML 6Page - Comchip Technology  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
Page 2
CZ RE R5 2C2 -HF
CZ RE R5 2C2 V2 -HF
CZ RE R5 2C2 V4 -HF
CZ RE R5 2C2 V7 -HF
CZ RE R5 2C3 -HF
CZ RE R5 2C3 V3 -HF
CZ RE R5 2C3 V6 -HF
CZ RE R5 2C3 V9 -HF
CZ RE R5 2C4 V3 -HF
CZ RE R5 2C4 V7 -HF
CZ RE R5 2C5 V1 -HF
CZ RE R5 2C5 V6 -HF
CZ RE R5 2C6 V2 -HF
CZ RE R5 2C6 V8 -HF
CZ RE R5 2C7 V5 -HF
CZ RE R5 2C8 V2 -HF
CZ RE R5 2C9 V1 -HF
CZ RE R5 2C1 0-HF
CZ RE R5 2C11-HF
CZ RE R5 2C1 2-HF
CZ RE R5 2C1 3-HF
CZ RE R5 2C1 5-HF
CZ RE R5 2C1 6-HF
CZ RE R5 2C1 8-HF
CZ RE R5 2C2 0-HF
CZ RE R5 2C2 2-HF
CZ RE R5 2C2 4-HF
CZ RE R5 2C2 7-HF
CZ RE R5 2C3 0-HF
CZ RE R5 2C3 3-HF
CZ RE R5 2C3 6-HF
CZ RE R5 2C3 9-HF
Part Nu mbe r
Mar ki ng
Co de
Z0
Z1
Z2
Z3
Z4
Z5
Z6
Z7
Z8
Z9
ZA
ZB
ZC
ZE
ZF
ZG
ZH
ZJ
ZK
ZM
ZN
ZP
ZQ
ZR
ZS
ZT
ZU
ZV
ZW
ZX
ZY
ZZ
1.90
2.09
2.28
2.57
2.85
3.14
3.42
3.71
4.09
4.47
4.85
5.32
5.89
6.46
7.13
7.79
8.65
9.50
10.45
11.40
12.35
14.25
15.20
17.10
19.00
20.90
22.80
25.65
28.50
31.35
34.20
37.05
Mi n
Ma x
2.10
2.31
2.52
2.84
3.15
3.47
3.78
4.10
4.52
4.94
5.36
5.88
6.51
7.14
7.88
8.61
9.56
10.50
11.55
12.60
13.65
15.75
16.80
18.90
21.00
23.10
25.20
28.35
31.50
34.65
37.80
40.95
5
IZ(mA)
5
5
5
5
5
5
5
5
5
5
5
5
5
5
5
5
5
5
5
5
5
5
5
5
5
5
5
5
5
5
5
100
100
85
83
95
95
95
95
95
78
60
40
10
8
7
7
10
15
20
20
25
30
40
50
50
55
80
80
80
80
90
90
Ma x
5
IZ(mA)
5
5
5
5
5
5
5
5
5
5
5
5
5
5
5
5
5
5
5
5
5
5
5
5
5
5
5
5
5
5
5
600
600
600
500
500
500
500
500
500
500
480
400
200
150
50
50
50
70
70
90
110
110
170
170
220
220
220
250
250
250
250
300
Ma x
1
IZ(mA)
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
100
100
100
75
50
25
15
10
5
5
0.1
0.1
0.1
0.1
0.1
0.1
0.1
0.1
0.1
0.1
0.1
0.1
0.1
0.1
0.1
0.1
0.1
0.1
0.1
0.1
0.1
0.1
Ma x
1
VR(V)
1
1
1
1
1
1
1
1
2
0.8
1
2
3
5
7
7.5
8.5
9
10
11
12
14
15
17
18
20
23
25
27
29
6
VZ(V)
ZZT(Oh m)
ZZK( Oh m)
IR( uA)
Zener Voltage
Op erating
resistance
Ri sing
operating
Re sistance
Re verse
current
SMD Diodes Specialist
O
Electrical Characteristics (TA=25 C)
SMD Zener Diode
Comchip Technology CO., LTD.
QW-G2001
REV:A


Similar Part No. - CZRER52C33-HF

ManufacturerPart #DatasheetDescription
logo
Comchip Technology
CZRER52C3V3 COMCHIP-CZRER52C3V3 Datasheet
162Kb / 6P
   SMD Zener Diode
CZRER52C3V6 COMCHIP-CZRER52C3V6 Datasheet
162Kb / 6P
   SMD Zener Diode
More results

Similar Description - CZRER52C33-HF

ManufacturerPart #DatasheetDescription
logo
Comchip Technology
ACZRV5223B-HF COMCHIP-ACZRV5223B-HF Datasheet
132Kb / 5P
   SMD Zener Diode
CZRB3005-G COMCHIP-CZRB3005-G Datasheet
92Kb / 6P
   SMD Zener Diode
CZRC5340B-G COMCHIP-CZRC5340B-G Datasheet
130Kb / 6P
   SMD Zener Diode
CZRA4731B-HF COMCHIP-CZRA4731B-HF Datasheet
109Kb / 5P
   SMD Zener Diode
CZRA4733B-HF COMCHIP-CZRA4733B-HF Datasheet
109Kb / 5P
   SMD Zener Diode
CZRA4746B-HF COMCHIP-CZRA4746B-HF Datasheet
109Kb / 5P
   SMD Zener Diode
CZRA4749B-HF COMCHIP-CZRA4749B-HF Datasheet
109Kb / 5P
   SMD Zener Diode
CZRA4754B-HF COMCHIP-CZRA4754B-HF Datasheet
109Kb / 5P
   SMD Zener Diode
CZRA4755-G COMCHIP-CZRA4755-G Datasheet
277Kb / 6P
   SMD Zener Diode
logo
Formosa MS
MMSZ5221BS-FL FORMOSA-MMSZ5221BS-FL Datasheet
194Kb / 9P
   SMD Zener Diode
logo
Comchip Technology
CZRB5366B-HF COMCHIP-CZRB5366B-HF Datasheet
125Kb / 6P
   SMD Zener Diode
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com