Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CPDQR5V0U-HF Datasheet(PDF) 4 Page - Comchip Technology

Part # CPDQR5V0U-HF
Description  SMD ESD Protection Diode
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COMCHIP [Comchip Technology]
Direct Link  http://www.comchiptech.com
Logo COMCHIP - Comchip Technology

CPDQR5V0U-HF Datasheet(HTML) 4 Page - Comchip Technology

  CPDQR5V0U-HF Datasheet HTML 1Page - Comchip Technology CPDQR5V0U-HF Datasheet HTML 2Page - Comchip Technology CPDQR5V0U-HF Datasheet HTML 3Page - Comchip Technology CPDQR5V0U-HF Datasheet HTML 4Page - Comchip Technology  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
SMD Diodes Specialist
Comchip Technology CO., LTD.
SMD ESD Protection Diode
Page 4
E5
REV:D
Marking Code
QW-G7002
Part Number
CPDQR5V0U-HF
Marking Code
E5
Suggested PAD Layout
SIZE
(inch)
0.030
(mm)
0.750
0.500
0.700
0.020
0.028
QR/0402
1.250
0.049
E
0.250
0.010
Standard Package
Case Type
Qty per Reel
(Pcs)
5000
QR/0402
Reel Size
(inch)
7
A
B
C
D
A
C
B
E
D


Similar Part No. - CPDQR5V0U-HF

ManufacturerPart #DatasheetDescription
logo
Comchip Technology
CPDQR5V0U COMCHIP-CPDQR5V0U Datasheet
192Kb / 4P
   SMD ESD Protection Diode
CPDQR5V0UP COMCHIP-CPDQR5V0UP Datasheet
193Kb / 4P
   SMD ESD Protection Diode
CPDQR5V0UP-HF COMCHIP-CPDQR5V0UP-HF Datasheet
123Kb / 4P
   SMD ESD Protection Diode
CPDQR5V0UP-HF COMCHIP-CPDQR5V0UP-HF Datasheet
123Kb / 4P
   SMD ESD Protection Diode
CPDQR5V0UP-HF COMCHIP-CPDQR5V0UP-HF_15 Datasheet
123Kb / 4P
   SMD ESD Protection Diode
More results

Similar Description - CPDQR5V0U-HF

ManufacturerPart #DatasheetDescription
logo
Comchip Technology
CPDT-5V0U-HF COMCHIP-CPDT-5V0U-HF Datasheet
97Kb / 4P
   SMD ESD Protection Diode
CPDT6-5V0U COMCHIP-CPDT6-5V0U Datasheet
146Kb / 4P
   SMD ESD Protection Diode
CPDQR5V0-HF COMCHIP-CPDQR5V0-HF Datasheet
187Kb / 4P
   SMD ESD Protection Diode
CPDV6-5V0U-HF COMCHIP-CPDV6-5V0U-HF Datasheet
97Kb / 4P
   SMD ESD Protection Diode
CPDVR085V0UA-HF COMCHIP-CPDVR085V0UA-HF Datasheet
78Kb / 5P
   SMD ESD Protection Diode
CPDQR5V0UP COMCHIP-CPDQR5V0UP Datasheet
193Kb / 4P
   SMD ESD Protection Diode
CPDU12V0U COMCHIP-CPDU12V0U Datasheet
193Kb / 4P
   SMD ESD Protection Diode
CPDQR12V0U COMCHIP-CPDQR12V0U Datasheet
192Kb / 4P
   SMD ESD Protection Diode
CPDH6-5V0U COMCHIP-CPDH6-5V0U Datasheet
146Kb / 4P
   SMD ESD Protection Diode
CPDQR24V-HF COMCHIP-CPDQR24V-HF Datasheet
187Kb / 4P
   SMD ESD Protection Diode
CPDF24V0U-HF COMCHIP-CPDF24V0U-HF Datasheet
98Kb / 4P
   SMD ESD Protection Diode
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com