Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LVG13743-PF Datasheet(PDF) 3 Page - LIGITEK electronics co., ltd.

Part # LVG13743-PF
Description  SUPER BRIGHT ROUND TYPE LED LAMPS
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LIGITEK [LIGITEK electronics co., ltd.]
Direct Link  http://www.ligitek.com
Logo LIGITEK - LIGITEK electronics co., ltd.

LVG13743-PF Datasheet(HTML) 3 Page - LIGITEK electronics co., ltd.

  LVG13743-PF Datasheet HTML 1Page - LIGITEK electronics co., ltd. LVG13743-PF Datasheet HTML 2Page - LIGITEK electronics co., ltd. LVG13743-PF Datasheet HTML 3Page - LIGITEK electronics co., ltd. LVG13743-PF Datasheet HTML 4Page - LIGITEK electronics co., ltd. LVG13743-PF Datasheet HTML 5Page - LIGITEK electronics co., ltd. LVG13743-PF Datasheet HTML 6Page - LIGITEK electronics co., ltd.  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
UNIT
mW
mA
mA
PD
IFP
IF
120
100
30
Ratings
VG
Parameter
Power Dissipation
Forward Current
Peak Forward Current
Duty 1/10@10KHz
Absolute Maximum Ratings at Ta=25
Symbol
μA
Ir
Tstg
Topr
-40 ~ +100
-40 ~ +85
10
Storage Temperature
Operating Temperature
Reverse Current @5V
Typical Electrical & Optical Characteristics (Ta=25
)
LIGITEK ELECTRONICS CO.,LTD.
Property of Ligitek Only
Page 2/5
Luminous
intensity
@20mA(mcd)
56
90
50
2.6
Max. Min.
Typ.
Spectral
halfwidth
△λnm
Peak
wave
length
λPnm
30
565
Forward
voltage
@20mA(V)
Min.
1.7
MATERIAL
Green
GaP
Emitted
LVG13743-PF
PART NO
Water Clear
Note : 1.The forward voltage data did not including
±0.1V testing tolerance.
2. The luminous intensity data did not including
±15% testing tolerance.
Lens
COLOR
Viewing
angle
2
θ 1/2
(deg)
PART NO. LVG13743-PF


Similar Part No. - LVG13743-PF

ManufacturerPart #DatasheetDescription
logo
LIGITEK electronics co....
LVG13743-PF-TBS-X LIGITEK-LVG13743-PF-TBS-X Datasheet
132Kb / 7P
   TAPE AND BOX TYPE LED LAMPS
More results

Similar Description - LVG13743-PF

ManufacturerPart #DatasheetDescription
logo
LIGITEK electronics co....
L8SRF3330-PF LIGITEK-L8SRF3330-PF Datasheet
141Kb / 6P
   SUPER BRIGHT ROUND TYPE LED LAMPS
L9SEF2040-PF LIGITEK-L9SEF2040-PF Datasheet
111Kb / 6P
   SUPER BRIGHT ROUND TYPE LED LAMPS
L9SEF2043-W74 LIGITEK-L9SEF2043-W74 Datasheet
119Kb / 6P
   SUPER BRIGHT ROUND TYPE LED LAMPS
L9UG3833-PF LIGITEK-L9UG3833-PF Datasheet
111Kb / 6P
   SUPER BRIGHT ROUND TYPE LED LAMPS
L9UG42241-PF LIGITEK-L9UG42241-PF Datasheet
111Kb / 6P
   SUPER BRIGHT ROUND TYPE LED LAMPS
L10URF3333S LIGITEK-L10URF3333S Datasheet
224Kb / 5P
   SUPER BRIGHT ROUND TYPE LED LAMPS
LURF2043-PF LIGITEK-LURF2043-PF Datasheet
110Kb / 6P
   SUPER BRIGHT ROUND TYPE LED LAMPS
LURF13440S-PF LIGITEK-LURF13440S-PF Datasheet
118Kb / 6P
   SUPER BRIGHT ROUND TYPE LED LAMPS
LURF3333S LIGITEK-LURF3333S Datasheet
67Kb / 5P
   SUPER BRIGHT ROUND TYPE LED LAMPS
LVG13741-PF LIGITEK-LVG13741-PF Datasheet
122Kb / 6P
   SUPER BRIGHT ROUND TYPE LED LAMPS
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com