Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LVG55543-PF Datasheet(PDF) 3 Page - LIGITEK electronics co., ltd.

Part # LVG55543-PF
Description  SUPER BRIGHT RECTANGLE TYPE LED LAMPS
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LIGITEK [LIGITEK electronics co., ltd.]
Direct Link  http://www.ligitek.com
Logo LIGITEK - LIGITEK electronics co., ltd.

LVG55543-PF Datasheet(HTML) 3 Page - LIGITEK electronics co., ltd.

  LVG55543-PF Datasheet HTML 1Page - LIGITEK electronics co., ltd. LVG55543-PF Datasheet HTML 2Page - LIGITEK electronics co., ltd. LVG55543-PF Datasheet HTML 3Page - LIGITEK electronics co., ltd. LVG55543-PF Datasheet HTML 4Page - LIGITEK electronics co., ltd. LVG55543-PF Datasheet HTML 5Page - LIGITEK electronics co., ltd. LVG55543-PF Datasheet HTML 6Page - LIGITEK electronics co., ltd.  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
565
LIGITEK ELECTRONICS CO.,LTD.
Property of Ligitek Only
Absolute Maximum Ratings at Ta=25
Peak
wave
length
λPnm
Typical Electrical & Optical Characteristics (Ta=25
)
Note : 1.The forward voltage data did not including
±0.1V testing tolerance.
2. The luminous intensity data did not including
±15% testing tolerance.
Tstg
Storage Temperature
PART NO
MATERIAL
LVG55543-PF
Emitted
GaP
Green
Water Clear
Lens
COLOR
IF
Forward Current
Operating Temperature
Reverse Current @5V
Power Dissipation
Peak Forward Current
Duty 1/10@10KHz
Topr
Ir
PD
IFP
Parameter
Symbol
-40 ~ +100
Luminous
intensity
@20mA(mcd)
Viewing
angle
2
θ 1/2
(deg)
Forward
voltage
@20mA(V)
Spectral
halfwidth
△λnm
30
2.6
1.7
Min. Max.
50
28
132
Min.
Typ.
Page 2/5
30
mA
-40 ~ +85
10
μA
100
120
mA
mW
VG
Ratings
UNIT
LVG55543-PF
PART NO.


Similar Part No. - LVG55543-PF

ManufacturerPart #DatasheetDescription
logo
LIGITEK electronics co....
LVG5230 LIGITEK-LVG5230 Datasheet
66Kb / 5P
   SUPER BRIGHT RECTANGLE TYPE LED LAMPS
LVG5730 LIGITEK-LVG5730 Datasheet
125Kb / 6P
   SUPER BRIGHT RECTANGLE TYPE LED LAMPS
More results

Similar Description - LVG55543-PF

ManufacturerPart #DatasheetDescription
logo
LIGITEK electronics co....
L8SRF25030 LIGITEK-L8SRF25030 Datasheet
97Kb / 5P
   SUPER BRIGHT RECTANGLE TYPE LED LAMPS
L9SEF45840 LIGITEK-L9SEF45840 Datasheet
129Kb / 6P
   SUPER BRIGHT RECTANGLE TYPE LED LAMPS
LUY5730-PF LIGITEK-LUY5730-PF Datasheet
123Kb / 6P
   SUPER BRIGHT RECTANGLE TYPE LED LAMPS
L8SR5230 LIGITEK-L8SR5230 Datasheet
69Kb / 5P
   SUPER BRIGHT RECTANGLE TYPE LED LAMPS
L9UG15243-PF LIGITEK-L9UG15243-PF Datasheet
111Kb / 6P
   SUPER BRIGHT RECTANGLE TYPE LED LAMPS
LVY5230 LIGITEK-LVY5230 Datasheet
66Kb / 5P
   SUPER BRIGHT RECTANGLE TYPE LED LAMPS
L9SEF15243-PF LIGITEK-L9SEF15243-PF Datasheet
111Kb / 6P
   SUPER BRIGHT RECTANGLE TYPE LED LAMPS
LSE5233 LIGITEK-LSE5233 Datasheet
69Kb / 5P
   SUPER BRIGHT RECTANGLE TYPE LED LAMPS
LSR45840-PF LIGITEK-LSR45840-PF Datasheet
127Kb / 6P
   SUPER BRIGHT RECTANGLE TYPE LED LAMPS
LSRF9UG85093-PF LIGITEK-LSRF9UG85093-PF Datasheet
370Kb / 7P
   SUPER BRIGHT RECTANGLE TYPE LED LAMPS
L9UG5730 LIGITEK-L9UG5730 Datasheet
126Kb / 6P
   SUPER BRIGHT RECTANGLE TYPE LED LAMPS
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com