Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LVIR3833-PF-B01 Datasheet(PDF) 4 Page - LIGITEK electronics co., ltd.

Part # LVIR3833-PF-B01
Description  INFRARED EMITTING DIODES
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LIGITEK [LIGITEK electronics co., ltd.]
Direct Link  http://www.ligitek.com
Logo LIGITEK - LIGITEK electronics co., ltd.

LVIR3833-PF-B01 Datasheet(HTML) 4 Page - LIGITEK electronics co., ltd.

  LVIR3833-PF-B01 Datasheet HTML 1Page - LIGITEK electronics co., ltd. LVIR3833-PF-B01 Datasheet HTML 2Page - LIGITEK electronics co., ltd. LVIR3833-PF-B01 Datasheet HTML 3Page - LIGITEK electronics co., ltd. LVIR3833-PF-B01 Datasheet HTML 4Page - LIGITEK electronics co., ltd. LVIR3833-PF-B01 Datasheet HTML 5Page - LIGITEK electronics co., ltd. LVIR3833-PF-B01 Datasheet HTML 6Page - LIGITEK electronics co., ltd. LVIR3833-PF-B01 Datasheet HTML 7Page - LIGITEK electronics co., ltd. LVIR3833-PF-B01 Datasheet HTML 8Page - LIGITEK electronics co., ltd.  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
2.5
IFDC[mA]
40
Ambient Temperature [
]
Fig.5 Forward DC Voltage vs. Temperature
Fig 3. Relative Radiant Power
vs. Forward Peak Current
Forward Voltage[V]
Typical Electro-Optical Characteristics Curve
-20
-40
0
20
0.9
0.8
1.0
10
1.0
1.1
1.2
0.1
1.0
10.0
10
1.0
0.1
0.5
1.0
1.5
2.0
VIR CHIP
100
1000
Fig.4 Relative Radiant Power
vs. Forward Peak Current
80
Ambient Temperature [
]
1.0
1.5
0.5
60
80
100
60
20
40
-200
-40
0
100
Fig.6 Relative Radiant Power vs. Temperature
100
100
10
3.0
2.0
2.5
IFPK[mA]
10.0
1.0
0.1
1000
Page3/7
1050
0.5
3.5
3.0
4.0
0.0
Wavelength[nm]
900
850
800
1000
950
1.0
1100
LIGITEK ELECTRONICS CO.,LTD.
Property of Ligitek Only
Fig.2 Relative Radian Intensity vs.wavelength
Fig.1 Forward Current vs. DC Forward Voltage
PART NO. LVIR3833-PF


Similar Part No. - LVIR3833-PF-B01

ManufacturerPart #DatasheetDescription
logo
LIGITEK electronics co....
LVIR3833-PF LIGITEK-LVIR3833-PF Datasheet
143Kb / 8P
   INFRARED EMITTING DIODES
More results

Similar Description - LVIR3833-PF-B01

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
OHE940CA ETC-OHE940CA Datasheet
157Kb / 2P
   INFRARED EMITTING DIODES
logo
LIGITEK electronics co....
LVIR2043-PF LIGITEK-LVIR2043-PF Datasheet
137Kb / 8P
   INFRARED EMITTING DIODES
LVIR3333-S137-PF LIGITEK-LVIR3333-S137-PF Datasheet
168Kb / 8P
   INFRARED EMITTING DIODES
LHIR2342-PF LIGITEK-LHIR2342-PF Datasheet
110Kb / 6P
   INFRARED EMITTING DIODES
LHIR3331-PF LIGITEK-LHIR3331-PF Datasheet
141Kb / 8P
   INFRARED EMITTING DIODES
LHIR3333-S46-PF LIGITEK-LHIR3333-S46-PF Datasheet
263Kb / 8P
   INFRARED EMITTING DIODES
LHIR9653-30C LIGITEK-LHIR9653-30C Datasheet
112Kb / 6P
   INFRARED EMITTING DIODES
LHIR9653-50B-L37 LIGITEK-LHIR9653-50B-L37 Datasheet
112Kb / 6P
   INFRARED EMITTING DIODES
LSIR3331-PF LIGITEK-LSIR3331-PF Datasheet
141Kb / 8P
   INFRARED EMITTING DIODES
LSIR3333-TRS LIGITEK-LSIR3333-TRS Datasheet
153Kb / 9P
   INFRARED EMITTING DIODES
logo
List of Unclassifed Man...
BIR-BL0331 ETC1-BIR-BL0331 Datasheet
633Kb / 2P
   INFRARED EMITTING DIODES
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com