Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

0RCR-15T08L Datasheet(PDF) 4 Page - Bel Fuse Inc.

Part # 0RCR-15T08L
Description  ISOLATED DC/DC CONVERTERS
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BEL [Bel Fuse Inc.]
Direct Link  http://www.belfuse.com
Logo BEL - Bel Fuse Inc.

0RCR-15T08L Datasheet(HTML) 4 Page - Bel Fuse Inc.

  0RCR-15T08L Datasheet HTML 1Page - Bel Fuse Inc. 0RCR-15T08L Datasheet HTML 2Page - Bel Fuse Inc. 0RCR-15T08L Datasheet HTML 3Page - Bel Fuse Inc. 0RCR-15T08L Datasheet HTML 4Page - Bel Fuse Inc. 0RCR-15T08L Datasheet HTML 5Page - Bel Fuse Inc.  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
Bel Fuse Inc. 206 Van Vorst Street, Jersey City, NJ 07302
• Tel 201-432-0463 • Fax 201-432-9542 • www.belfuse.com
ISOLATED DC/DC CONVERTERS
48 VDC Input 8 VDC/15 A Output, 1/8 Brick
Turn-On (Enable)
Transient Response: di/dt=0.1 A/uS, External Load Capacitance Co=15 uF (tantalum capacitor)
50% to 75% and 75% to 50% load Transient at 48 Vdc input and Ta=25 deg C
External Load Capacitance: 15 µF tantalum capacitor
.


Similar Part No. - 0RCR-15T08L

ManufacturerPart #DatasheetDescription
logo
Bel Fuse Inc.
0RCR-12S12H BEL-0RCR-12S12H Datasheet
98Kb / 3P
   ISOLATED DC/DC CONVERTERS
0RCR-12S12L BEL-0RCR-12S12L Datasheet
98Kb / 3P
   ISOLATED DC/DC CONVERTERS
0RCR-18S BEL-0RCR-18S Datasheet
348Kb / 7P
   ISOLATED DC/DC CONVERTERS
0RCR-18S08H BEL-0RCR-18S08H Datasheet
98Kb / 3P
   ISOLATED DC/DC CONVERTERS
0RCR-18S08L BEL-0RCR-18S08L Datasheet
348Kb / 7P
   ISOLATED DC/DC CONVERTERS
More results

Similar Description - 0RCR-15T08L

ManufacturerPart #DatasheetDescription
logo
Bel Fuse Inc.
0RCY-60T BEL-0RCY-60T_10 Datasheet
524Kb / 14P
   ISOLATED DC/DC CONVERTERS
0REB-80T12 BEL-0REB-80T12 Datasheet
275Kb / 17P
   ISOLATED DC/DC CONVERTERS
0RQ1-Q0T12 BEL-0RQ1-Q0T12 Datasheet
647Kb / 14P
   ISOLATED DC/DC CONVERTERS
0RQB-Q2T06 BEL-0RQB-Q2T06_11 Datasheet
259Kb / 13P
   ISOLATED DC/DC CONVERTERS
0RCY-C2T03 BEL-0RCY-C2T03_11 Datasheet
218Kb / 8P
   ISOLATED DC/DC CONVERTERS
0REB-80T12 BEL-0REB-80T12_12 Datasheet
596Kb / 17P
   ISOLATED DC/DC CONVERTERS
HBW53V08XRG BEL-HBW53V08XRG Datasheet
279Kb / 8P
   ISOLATED DC/DC CONVERTERS
XRSB-30T BEL-XRSB-30T_10 Datasheet
501Kb / 14P
   ISOLATED DC/DC CONVERTERS
XRSB-40U BEL-XRSB-40U_11 Datasheet
572Kb / 21P
   ISOLATED DC/DC CONVERTERS
VRXZ-01RDX0 BEL-VRXZ-01RDX0 Datasheet
105Kb / 4P
   ISOLATED DC/DC CONVERTERS
XRSB-30T BEL-XRSB-30T Datasheet
504Kb / 13P
   ISOLATED DC/DC CONVERTERS
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com