Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

0RCY-50T12L Datasheet(PDF) 1 Page - Bel Fuse Inc.

Part # 0RCY-50T12L
Description  ISOLATED DC/DC CONVERTERS
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BEL [Bel Fuse Inc.]
Direct Link  http://www.belfuse.com
Logo BEL - Bel Fuse Inc.

0RCY-50T12L Datasheet(HTML) 1 Page - Bel Fuse Inc.

  0RCY-50T12L Datasheet HTML 1Page - Bel Fuse Inc. 0RCY-50T12L Datasheet HTML 2Page - Bel Fuse Inc. 0RCY-50T12L Datasheet HTML 3Page - Bel Fuse Inc. 0RCY-50T12L Datasheet HTML 4Page - Bel Fuse Inc. 0RCY-50T12L Datasheet HTML 5Page - Bel Fuse Inc. 0RCY-50T12L Datasheet HTML 6Page - Bel Fuse Inc. 0RCY-50T12L Datasheet HTML 7Page - Bel Fuse Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
Bel Fuse Inc. 206 Van Vorst Street, Jersey City, NJ 07302
• Tel 201-432-0463 • Fax 201-432-9542 • www.belfuse.com
ISOLATED DC/DC CONVERTERS
36 Vdc - 75 Vdc Input
12 Vdc /6 A Output
Isolated
Output Over-Voltage Shutdown
High Efficiency
OCP/SCP
High Power Density
Over Temperature Protection
Fixed Frequency (330 kHz)
Low Cost
Input Under-Voltage Lockout
Output Voltage Trim
Pre-bias Start Up
UL60950-1 Recognized (UL/cUL)
Positive/Negative Remote Sense
Basic Insulation
Remote On/Off
Description
The 0RCY-50T12x is isolated dc/dc converter that operates from a wide input range (36 Vdc - 75 Vdc). This unit
will provide up to 72 W of output power. The unit is designed to be highly efficient and low cost. Features include
remote on/off, over current protection, over voltage shut down, over temperature protection and under-voltage
lockout. This converter is provided in an industry standard 1/8 brick package.
Part Selection
Output
Voltage
Input Voltage
Max. Output
Current
Max. Output
Power
Typical
Efficiency
Model Number
Active Low
Model Number
Active High
12 Vdc
36 Vdc - 75 Vdc
6 A
72 W
92%
0RCY-50T12L
0RCY-50T120
Notes: 1. All part numbers above indicate RoHS 6. Change the second letter "R" to "7" for RoHS 5 part numbers.
2. Add “G” suffix at the end of the model number to indicate Tray Packaging.
Absolute Maximum Ratings
Parameter
Min
Typ
Max
Notes
Input Voltage (continuous)
-0.3 V
-
80 V
Remote On/Off
-0.3 V
-
18 V
I/O Isolation Voltage
-
-
1500 V
Input to Each Output Resistance
10M ohm
-
-
Ambient Temperature
-40
°C
-
85
°C
Storage Temperature
-55
°C
-
125
°C
Input Specifications
Parameter
Min
Typ
Max
Notes
Input Voltage
36 V
48 V
75 V
Max Input Current (full load)
-
-
2.4 A
Input Current (no load)
-
50 mA
100 mA
Remote Off Input Current
-
20 mA
30 mA
Input Reflected Ripple Current
(pk-pk)
-
20 mA
30 mA
Tested with simulated source impedance
of 10 uH, 5 Hz to 20 MHz; use a 47
uF/100 V electrolytic cap with ESR = 1
ohm max. at 200 kHz at 25
°C.
I
2t Inrush Current Transient
-
-
0.1 A
2s
Input Fuse (not internally)
-
-
5 A
0RCY-50T12x
RoHS Compliant
Rev.D


Similar Part No. - 0RCY-50T12L

ManufacturerPart #DatasheetDescription
logo
Bel Fuse Inc.
0RCY-50T120 BEL-0RCY-50T120 Datasheet
258Kb / 9P
   ISOLATED DC/DC CONVERTERS
0RCY-50T121 BEL-0RCY-50T121 Datasheet
258Kb / 9P
   ISOLATED DC/DC CONVERTERS
0RCY-50T122 BEL-0RCY-50T122 Datasheet
258Kb / 9P
   ISOLATED DC/DC CONVERTERS
0RCY-50T123 BEL-0RCY-50T123 Datasheet
258Kb / 9P
   ISOLATED DC/DC CONVERTERS
0RCY-50T124 BEL-0RCY-50T124 Datasheet
258Kb / 9P
   ISOLATED DC/DC CONVERTERS
More results

Similar Description - 0RCY-50T12L

ManufacturerPart #DatasheetDescription
logo
Bel Fuse Inc.
0RCY-60T BEL-0RCY-60T_10 Datasheet
524Kb / 14P
   ISOLATED DC/DC CONVERTERS
0REB-80T12 BEL-0REB-80T12 Datasheet
275Kb / 17P
   ISOLATED DC/DC CONVERTERS
0RQ1-Q0T12 BEL-0RQ1-Q0T12 Datasheet
647Kb / 14P
   ISOLATED DC/DC CONVERTERS
0RQB-Q2T06 BEL-0RQB-Q2T06_11 Datasheet
259Kb / 13P
   ISOLATED DC/DC CONVERTERS
0RCY-C2T03 BEL-0RCY-C2T03_11 Datasheet
218Kb / 8P
   ISOLATED DC/DC CONVERTERS
0REB-80T12 BEL-0REB-80T12_12 Datasheet
596Kb / 17P
   ISOLATED DC/DC CONVERTERS
HBW53V08XRG BEL-HBW53V08XRG Datasheet
279Kb / 8P
   ISOLATED DC/DC CONVERTERS
XRSB-30T BEL-XRSB-30T_10 Datasheet
501Kb / 14P
   ISOLATED DC/DC CONVERTERS
XRSB-40U BEL-XRSB-40U_11 Datasheet
572Kb / 21P
   ISOLATED DC/DC CONVERTERS
VRXZ-01RDX0 BEL-VRXZ-01RDX0 Datasheet
105Kb / 4P
   ISOLATED DC/DC CONVERTERS
XRSB-30T BEL-XRSB-30T Datasheet
504Kb / 13P
   ISOLATED DC/DC CONVERTERS
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com