Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

APT90DR160HJ Datasheet(PDF) 3 Page - Microsemi Corporation

Part # APT90DR160HJ
Description  ISOTOP Rectifier diode full bridge Power Module
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

APT90DR160HJ Datasheet(HTML) 3 Page - Microsemi Corporation

  APT90DR160HJ Datasheet HTML 1Page - Microsemi Corporation APT90DR160HJ Datasheet HTML 2Page - Microsemi Corporation APT90DR160HJ Datasheet HTML 3Page - Microsemi Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
APT90DR160HJ
www.microsemi.com
3- 3
Typical Performance Curve
maximum Effective Transient Thermal Impedance, Junction to Case vs Pulse Duration
0.9
0.7
0.5
0.3
0.1
0.05
Single Pulse
0
0.2
0.4
0.6
0.8
1
0.00001
0.0001
0.001
0.01
0.1
1
10
Rectangular Pulse Duration in Seconds
Forward Characteristic
TJ=25°C
TJ=125°C
0
30
60
90
120
150
180
0.0
0.4
0.8
1.2
1.6
2.0
VF (V)
Non-Repetitive Forward Surge Current
TJ=45°C
TJ=125°C
0
200
400
600
800
1000
0.01
0.1
t (s)
50Hz
80% VRRM
ISOTOP® is a registered trademark of ST Microelectronics NV
Microsemi reserves the right to change, without notice, the specifications and information contained herein
Microsemi's products are covered by one or more of U.S patents 4,895,810 5,045,903 5,089,434 5,182,234 5,019,522 5,262,336 6,503,786 5,256,583 4,748,103
5,283,202 5,231,474 5,434,095 5,528,058 6,939,743 7,352,045 5,283,201 5,801,417 5,648,283 7,196,634 6,664,594 7,157,886 6,939,743 7,342,262
and foreign patents. U.S and Foreign patents pending. All Rights Reserved.


Similar Part No. - APT90DR160HJ

ManufacturerPart #DatasheetDescription
logo
Inchange Semiconductor ...
APT90-101DN ISC-APT90-101DN Datasheet
311Kb / 2P
   isc N-Channel MOSFET Transistor
APT901R1AN ISC-APT901R1AN Datasheet
309Kb / 2P
   isc N-Channel MOSFET Transistor
APT901R1BN ISC-APT901R1BN Datasheet
360Kb / 2P
   isc N-Channel MOSFET Transistor
APT901R1DN ISC-APT901R1DN Datasheet
327Kb / 2P
   isc N-Channel MOSFET Transistor
APT901R1HN ISC-APT901R1HN Datasheet
297Kb / 2P
   isc N-Channel MOSFET Transistor
More results

Similar Description - APT90DR160HJ

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
APT40DR160HJ MICROSEMI-APT40DR160HJ Datasheet
117Kb / 3P
   ISOTOP Rectifier diode full bridge Power Module
APT60DF20HJ MICROSEMI-APT60DF20HJ Datasheet
79Kb / 4P
   ISOTOP Fast Diode Full Bridge Power Module
APT60DF60HJ MICROSEMI-APT60DF60HJ Datasheet
79Kb / 4P
   ISOTOP Fast Diode Full Bridge Power Module
APT60DS20HJ MICROSEMI-APT60DS20HJ Datasheet
79Kb / 4P
   ISOTOP Schottky Diode Full Bridge Power Module
APT75DL120HJ MICROSEMI-APT75DL120HJ Datasheet
74Kb / 3P
   ISOTOP Fast Diode Full Bridge Power Module
APT06DC60HJ MICROSEMI-APT06DC60HJ Datasheet
76Kb / 3P
   ISOTOP SiC Diode Full Bridge Power Module
APT10DC120HJ MICROSEMI-APT10DC120HJ Datasheet
75Kb / 3P
   ISOTOP SiC Diode Full Bridge Power Module
APT40DC120HJ MICROSEMI-APT40DC120HJ Datasheet
76Kb / 3P
   ISOTOP SiC Diode Full Bridge Power Module
APT50DL120HJ MICROSEMI-APT50DL120HJ Datasheet
74Kb / 3P
   ISOTOP Fast Diode Full Bridge Power Module
APT75DL60HJ MICROSEMI-APT75DL60HJ Datasheet
72Kb / 3P
   ISOTOP Fast Diode Full Bridge Power Module
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com