Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LDBK43743 Datasheet(PDF) 4 Page - LIGITEK electronics co., ltd.

Part # LDBK43743
Description  OVAL TYPE LED LAMPS
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LIGITEK [LIGITEK electronics co., ltd.]
Direct Link  http://www.ligitek.com
Logo LIGITEK - LIGITEK electronics co., ltd.

LDBK43743 Datasheet(HTML) 4 Page - LIGITEK electronics co., ltd.

  LDBK43743 Datasheet HTML 1Page - LIGITEK electronics co., ltd. LDBK43743 Datasheet HTML 2Page - LIGITEK electronics co., ltd. LDBK43743 Datasheet HTML 3Page - LIGITEK electronics co., ltd. LDBK43743 Datasheet HTML 4Page - LIGITEK electronics co., ltd. LDBK43743 Datasheet HTML 5Page - LIGITEK electronics co., ltd. LDBK43743 Datasheet HTML 6Page - LIGITEK electronics co., ltd.  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
Fig.5 Relative Intensity vs. Wavelength
Typical Electro-Optical Characteristics Curve
LIGITEK ELECTRONICS CO.,LTD.
Property of Ligitek Only
1.0
3.0
4.0
0 1
1.0
Wavelength (nm)
450
0.0
400
500
550
0.5
0.5
20
Ambient Temperature(
)
Ambient Temperature(
)
0
-20
-40
0.8
0
-40
-20
100
80
60
40
20
0.0
60
100
80
40
Fig.4 Relative Intensity vs. Temperature
2.5
1.0
0.9
1.1
1.5
1.0
2.0
Fig.3 Forward Voltage vs. Temperature
1.2
3.0
Forward Current(mA)
Forward Voltage(V)
2.0
5.0
1
10
0.0
0.5
1.0
1.5
2.0
100
1000
Fig.2 Relative Intensity vs. Forward Current
Fig.1 Forward current vs. Forward Voltage
2.5
3.0
1
10
100
1000
DBK CHIP
Page 3/5
PART NO. LDBK43743


Similar Part No. - LDBK43743

ManufacturerPart #DatasheetDescription
logo
LIGITEK electronics co....
LDBK43740 LIGITEK-LDBK43740 Datasheet
115Kb / 6P
   OVAL TYPE LED LAMPS
LDBK43740-P1 LIGITEK-LDBK43740-P1 Datasheet
135Kb / 6P
   OVAL TYPE LED LAMPS
More results

Similar Description - LDBK43743

ManufacturerPart #DatasheetDescription
logo
LIGITEK electronics co....
LDGM23533 LIGITEK-LDGM23533 Datasheet
78Kb / 6P
   OVAL TYPE LED LAMPS
LDGM32840-P1 LIGITEK-LDGM32840-P1 Datasheet
127Kb / 6P
   OVAL TYPE LED LAMPS
LUY13430H LIGITEK-LUY13430H Datasheet
118Kb / 6P
   OVAL TYPE LED LAMPS
LDGM13430 LIGITEK-LDGM13430 Datasheet
109Kb / 6P
   OVAL TYPE LED LAMPS
LDGM32840 LIGITEK-LDGM32840 Datasheet
138Kb / 6P
   OVAL TYPE LED LAMPS
LWK43742 LIGITEK-LWK43742 Datasheet
151Kb / 7P
   OVAL TYPE LED LAMPS
L8SR13430-PF LIGITEK-L8SR13430-PF Datasheet
110Kb / 6P
   OVAL TYPE LED LAMPS
LDGM23531-S7 LIGITEK-LDGM23531-S7 Datasheet
117Kb / 6P
   OVAL TYPE LED LAMPS
LDGM43743 LIGITEK-LDGM43743 Datasheet
124Kb / 6P
   OVAL TYPE LED LAMPS
LDGL43740 LIGITEK-LDGL43740 Datasheet
134Kb / 6P
   OVAL TYPE LED LAMPS
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com