Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HDAF389A14DC Datasheet(PDF) 7 Page - Shoulder Electronics Limited.

Part # HDAF389A14DC
Description  SAW FILTER
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SHOULDER [Shoulder Electronics Limited.]
Direct Link  http://www.shoulder.cn/
Logo SHOULDER - Shoulder Electronics Limited.

HDAF389A14DC Datasheet(HTML) 7 Page - Shoulder Electronics Limited.

Back Button HDAF389A14DC Datasheet HTML 3Page - Shoulder Electronics Limited. HDAF389A14DC Datasheet HTML 4Page - Shoulder Electronics Limited. HDAF389A14DC Datasheet HTML 5Page - Shoulder Electronics Limited. HDAF389A14DC Datasheet HTML 6Page - Shoulder Electronics Limited. HDAF389A14DC Datasheet HTML 7Page - Shoulder Electronics Limited. HDAF389A14DC Datasheet HTML 8Page - Shoulder Electronics Limited. HDAF389A14DC Datasheet HTML 9Page - Shoulder Electronics Limited. HDAF389A14DC Datasheet HTML 10Page - Shoulder Electronics Limited. HDAF389A14DC Datasheet HTML 11Page - Shoulder Electronics Limited.  
Zoom Inzoom in Zoom Outzoom out
 7 / 11 page
background image
SAW FILTER
HDAF389A14Dc
SIP5Dc
www.shoulder.cn
Tel:0755-82916880
Fax:0755-82916881
E-mail:info@shoulder.cn
Page 7 of 11
The specimen shall be passed through the reflow
furnace with the condition shown in the above
profile for 1 time.
The specimen shall be stored at standard
atmospheric conditions for 1h, after which the
measurement shall be made. Test board shall be
1.6 mm thick. Base material shall be glass fabric
base epoxy resin.
Solder ability
Immerse the pins melt solder at 260℃+5/-0℃
for 5 sec.
More then 95% of
total area of the
pins
should
be
covered with solder
3.4Mechanical Test
Items
Conditions
Specifications
Vibration
600-3300rpm amplitude 1.5mm
3 directions 2 H each
Drop
On maple plate from 1m high 3 times
Lead pull
Pull with 1kg force for 30 seconds
Lead bend
90
o bending with 500g weigh 2 times
There shall be no
damage.
3.5Voltage Discharge Test
Item
Condition
Specifications
Surge
Between any two electrode
There shall be no
damage


Similar Part No. - HDAF389A14DC

ManufacturerPart #DatasheetDescription
logo
Shoulder Electronics Li...
HDAF389A13DC SHOULDER-HDAF389A13DC Datasheet
445Kb / 9P
   SAW FILTER
HDAF389A17DC SHOULDER-HDAF389A17DC Datasheet
488Kb / 8P
   SAW FILTER
HDAF389A19DC SHOULDER-HDAF389A19DC Datasheet
604Kb / 9P
   SAW FILTER
HDAF389A1DC SHOULDER-HDAF389A1DC Datasheet
393Kb / 9P
   SAW FILTER
More results

Similar Description - HDAF389A14DC

ManufacturerPart #DatasheetDescription
logo
SIPAT Co,Ltd
LBT70A39 SIPAT-LBT70A39_10 Datasheet
157Kb / 4P
   70MHz SAW Filter 70MHz SAW Filter
LBT70A39 SIPAT-LBT70A39 Datasheet
157Kb / 4P
   70MHz SAW Filter 70MHz SAW Filter
logo
TDK Electronics
B39831B8304P810 TDK-B39831B8304P810 Datasheet
202Kb / 7P
   SAW Components SAW Filter
B39202B9477P810 TDK-B39202B9477P810 Datasheet
205Kb / 8P
   SAW Components SAW Filter
B39431B3732H110 TDK-B39431B3732H110 Datasheet
109Kb / 10P
   SAW Components SAW filter
B39321B3722U410 TDK-B39321B3722U410 Datasheet
91Kb / 8P
   SAW Components SAW filter
B39431B3935H110 TDK-B39431B3935H110 Datasheet
114Kb / 10P
   SAW Components SAW filter
B39232B3526U510 TDK-B39232B3526U510 Datasheet
128Kb / 9P
   SAW Components SAW filter
B39272B4329P810 TDK-B39272B4329P810 Datasheet
94Kb / 8P
   SAW Components SAW filter
B39202B9467P810 TDK-B39202B9467P810 Datasheet
116Kb / 8P
   SAW Components SAW filter
B39311B3739H110 TDK-B39311B3739H110 Datasheet
114Kb / 11P
   SAW Components SAW filter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com