Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

0RQB-C8TV2L Datasheet(PDF) 2 Page - Bel Fuse Inc.

Part # 0RQB-C8TV2L
Description  ISOLATED DC/DC CONVERTERS
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BEL [Bel Fuse Inc.]
Direct Link  http://www.belfuse.com
Logo BEL - Bel Fuse Inc.

0RQB-C8TV2L Datasheet(HTML) 2 Page - Bel Fuse Inc.

  0RQB-C8TV2L Datasheet HTML 1Page - Bel Fuse Inc. 0RQB-C8TV2L Datasheet HTML 2Page - Bel Fuse Inc. 0RQB-C8TV2L Datasheet HTML 3Page - Bel Fuse Inc. 0RQB-C8TV2L Datasheet HTML 4Page - Bel Fuse Inc. 0RQB-C8TV2L Datasheet HTML 5Page - Bel Fuse Inc. 0RQB-C8TV2L Datasheet HTML 6Page - Bel Fuse Inc. 0RQB-C8TV2L Datasheet HTML 7Page - Bel Fuse Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
Bel Fuse Inc. 206 Van Vorst Street, Jersey City, NJ 07302
• Tel 201-432-0463 • Fax 201-432-9542 • www.belfuse.com
ISOLATED DC/DC CONVERTERS
36 - 75 Vdc Input
1.2 Vdc /100 A Output
Output Specifications
Parameter
Min
Typ
Max
Notes
Output Voltage Set Point
1.176 V
1.2 V
1.224 V
Vin=48 V, half load
Load Regulation
-
5 mV
10 mV
Vin=36-75 V, full load
Line Regulation
-
2 mV
5 mV
Vin=48 V, Iout=0-120 A
Regulation Over Temperature
(-40deg.C-85deg.C)
-
-
0.01%Vo/C
Output Current Range
0 A
-
100 A
Output DC Current Limit
110 A
120 A
130 A
Ripple and Noise (rms)
-
15 mV
30 mV
Ripple and Noise (pk-pk)
-
50 mV
100 mV
0 - 20 MHz BW, with a 10 uF
ceramic cap and a 330 uF tantalum
cap at output
4 mS
8 mS
Power up
Rise time
4 mS
8 mS
Remote on/off
70 mS
100 mS
Power up
Start-up time
-
70 mS
100 mS
Remote on/off
Overshoot at Turn on
-
-
3%
Output Capacitance
0 uF
-
400,000 uF
Transient Response
Overshoot
-
80 mV
150 mV
50% ~ 75%
Max Load
Settling Time
-
200 uS
300 uS
Overshoot
-
80 mV
150 mV
75% ~ 50%
Max Load
Settling Time
VO=1.2 V
-
200 uS
300 uS
di/dt=0.1A/us, Vin=48 Vdc,
Ta=25 °C.
Note: All specifications are typical at nominal input, full load at 25 °C unless otherwise stated.
General Specifications
Parameter
Min
Typ
Max
Notes
Efficiency
-
87%
-
Vin=48 V, full load
Switching Frequency
290 kHz
310 kHz
330 kHz
Input to Output Isolation Voltage
1500 V
-
-
Isolation Capacitance
-
1500 pF
-
Isolation Resistance
10 Mohm
-
-
Output Voltage Protection
1.40 V
-
1.54 V
Hiccup Mode
Remote Sense Compensation
-
-
10%Vo
Output Voltage Trim Range
80%Vo
-
110%Vo
The total voltage increased by trim and
remote sense should not exceed 10%Vo.
Over Temperature Protection
-
120
°C
-
No Latch; PCB Temperature
MTBF
TBD
Calculated Per Bell Core SR-332 (Vin=48
V, Io=normal , Ta = 25
°C)
Dimensions
Inches
millimeters
2.30 x 1.45 x 0.500
58.42 x 36.83 x 12.70
Weight
-
60.7 g
-
Note: All specifications are typical at 25 °C unless otherwise stated.


Similar Part No. - 0RQB-C8TV2L

ManufacturerPart #DatasheetDescription
logo
Bel Fuse Inc.
0RQB-C0U BEL-0RQB-C0U Datasheet
227Kb / 8P
   ISOLATED DC/DC CONVERTERS 48 V Input 12 V/8.3 A, 5 V/20 A, 3.3 V/25 A, 1.2-2.5 V/30 A Outputs
0RQB-C0U025 BEL-0RQB-C0U025 Datasheet
227Kb / 8P
   ISOLATED DC/DC CONVERTERS 48 V Input 12 V/8.3 A, 5 V/20 A, 3.3 V/25 A, 1.2-2.5 V/30 A Outputs
0RQB-C0U025 BEL-0RQB-C0U025 Datasheet
320Kb / 10P
   ISOLATED DC/DC CONVERTERS
0RQB-C0U02L BEL-0RQB-C0U02L Datasheet
227Kb / 8P
   ISOLATED DC/DC CONVERTERS 48 V Input 12 V/8.3 A, 5 V/20 A, 3.3 V/25 A, 1.2-2.5 V/30 A Outputs
0RQB-C0U02L BEL-0RQB-C0U02L Datasheet
320Kb / 10P
   ISOLATED DC/DC CONVERTERS
More results

Similar Description - 0RQB-C8TV2L

ManufacturerPart #DatasheetDescription
logo
Bel Fuse Inc.
0RCY-60T BEL-0RCY-60T_10 Datasheet
524Kb / 14P
   ISOLATED DC/DC CONVERTERS
0REB-80T12 BEL-0REB-80T12 Datasheet
275Kb / 17P
   ISOLATED DC/DC CONVERTERS
0RQ1-Q0T12 BEL-0RQ1-Q0T12 Datasheet
647Kb / 14P
   ISOLATED DC/DC CONVERTERS
0RQB-Q2T06 BEL-0RQB-Q2T06_11 Datasheet
259Kb / 13P
   ISOLATED DC/DC CONVERTERS
0RCY-C2T03 BEL-0RCY-C2T03_11 Datasheet
218Kb / 8P
   ISOLATED DC/DC CONVERTERS
0REB-80T12 BEL-0REB-80T12_12 Datasheet
596Kb / 17P
   ISOLATED DC/DC CONVERTERS
HBW53V08XRG BEL-HBW53V08XRG Datasheet
279Kb / 8P
   ISOLATED DC/DC CONVERTERS
XRSB-30T BEL-XRSB-30T_10 Datasheet
501Kb / 14P
   ISOLATED DC/DC CONVERTERS
XRSB-40U BEL-XRSB-40U_11 Datasheet
572Kb / 21P
   ISOLATED DC/DC CONVERTERS
VRXZ-01RDX0 BEL-VRXZ-01RDX0 Datasheet
105Kb / 4P
   ISOLATED DC/DC CONVERTERS
XRSB-30T BEL-XRSB-30T Datasheet
504Kb / 13P
   ISOLATED DC/DC CONVERTERS
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com