Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

0RQB-T0T12L Datasheet(PDF) 1 Page - Bel Fuse Inc.

Part # 0RQB-T0T12L
Description  ISOLATED DC/DC CONVERTERS
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BEL [Bel Fuse Inc.]
Direct Link  http://www.belfuse.com
Logo BEL - Bel Fuse Inc.

0RQB-T0T12L Datasheet(HTML) 1 Page - Bel Fuse Inc.

  0RQB-T0T12L Datasheet HTML 1Page - Bel Fuse Inc. 0RQB-T0T12L Datasheet HTML 2Page - Bel Fuse Inc. 0RQB-T0T12L Datasheet HTML 3Page - Bel Fuse Inc. 0RQB-T0T12L Datasheet HTML 4Page - Bel Fuse Inc. 0RQB-T0T12L Datasheet HTML 5Page - Bel Fuse Inc. 0RQB-T0T12L Datasheet HTML 6Page - Bel Fuse Inc. 0RQB-T0T12L Datasheet HTML 7Page - Bel Fuse Inc. 0RQB-T0T12L Datasheet HTML 8Page - Bel Fuse Inc. 0RQB-T0T12L Datasheet HTML 9Page - Bel Fuse Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 18 page
background image
Bel Fuse Inc. 206 Van Vorst Street, Jersey City, NJ 07302
 Tel 201-432-0463  Fax 201-432-9542  www.belfuse.com
1
ISOLATED DC/DC CONVERTERS
36 Vdc - 75 Vdc Input 12 Vdc /25 A Output, 1/4 Brick
March 27, 2009
Bel Power, Inc. , a subsidiary of Bel Fuse, Inc.
Features
Isolated
Output Over-Voltage Shutdown
High Efficiency
Output Voltage Trim
High Power Density
OCP/SCP
Fixed Frequency (250 kHz)
Over Temperature Protection
Low Cost
Remote On/Off
Input Under-Voltage Lockout
Positive/Negative Remote Sense
Basic Insulation
Class 1, Category 2, Isolated DC/DC Converter (refer to IPC-9592)
TUV EN60950-1 Recognized (Pending)
UL60950-1 Recognized (UL/cUL) (Pending)
Applications
Networking
Computers and peripherals
Telecommunications
Description
The 0RQB-T0T12X is an isolated dc/dc converter that operates from a nominal 48 Vdc source. This unit will
provide up to 300 W of output power from a nominal 48 Vdc input. This unit is designed to be highly efficient and
low cost. Features include remote on/off, over current protection and under voltage lockout. The converter is
provided in an industry standard quarter brick package.
Part Selection
Output
Voltage
Input Voltage
Max. Output
Current
Max. Output
Power
Typical
Efficiency
Model Number
Active High
Model Number
Active Low
12 Vdc
36 Vdc - 75 Vdc
25 A
300 W
95.5%
0RQB-T0T120
0RQB-T0T12L
Notes: Add “G” suffix at the end of the model number to indicate Tray Packaging.
Part Number Explanation
0 R QB – T0 T 12 0
1 2
3
4
5 6
7
1---Through hole
2---RoHS 6, change “R” to “7” means RoHS 5
3---Series name, 1/4 Brick
4---Series code
5---Input range 48V wide (36-75V)
6---Output voltage 12V
7---Remote sense, active high, change “0” to “L” means active low
0RQB-T0T12x
RoHS Compliant
Rev.C


Similar Part No. - 0RQB-T0T12L

ManufacturerPart #DatasheetDescription
logo
Bel Fuse Inc.
0RQB-T0R12 BEL-0RQB-T0R12 Datasheet
390Kb / 18P
   ISOLATED DC/DC CONVERTERS
0RQB-T0R120 BEL-0RQB-T0R120 Datasheet
390Kb / 18P
   ISOLATED DC/DC CONVERTERS
0RQB-T0R12L BEL-0RQB-T0R12L Datasheet
390Kb / 18P
   ISOLATED DC/DC CONVERTERS
More results

Similar Description - 0RQB-T0T12L

ManufacturerPart #DatasheetDescription
logo
Bel Fuse Inc.
0RCY-60T BEL-0RCY-60T_10 Datasheet
524Kb / 14P
   ISOLATED DC/DC CONVERTERS
0REB-80T12 BEL-0REB-80T12 Datasheet
275Kb / 17P
   ISOLATED DC/DC CONVERTERS
0RQ1-Q0T12 BEL-0RQ1-Q0T12 Datasheet
647Kb / 14P
   ISOLATED DC/DC CONVERTERS
0RQB-Q2T06 BEL-0RQB-Q2T06_11 Datasheet
259Kb / 13P
   ISOLATED DC/DC CONVERTERS
0RCY-C2T03 BEL-0RCY-C2T03_11 Datasheet
218Kb / 8P
   ISOLATED DC/DC CONVERTERS
0REB-80T12 BEL-0REB-80T12_12 Datasheet
596Kb / 17P
   ISOLATED DC/DC CONVERTERS
HBW53V08XRG BEL-HBW53V08XRG Datasheet
279Kb / 8P
   ISOLATED DC/DC CONVERTERS
XRSB-30T BEL-XRSB-30T_10 Datasheet
501Kb / 14P
   ISOLATED DC/DC CONVERTERS
XRSB-40U BEL-XRSB-40U_11 Datasheet
572Kb / 21P
   ISOLATED DC/DC CONVERTERS
VRXZ-01RDX0 BEL-VRXZ-01RDX0 Datasheet
105Kb / 4P
   ISOLATED DC/DC CONVERTERS
XRSB-30T BEL-XRSB-30T Datasheet
504Kb / 13P
   ISOLATED DC/DC CONVERTERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com