Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LDD4A5-65-XX-F1-PF Datasheet(PDF) 2 Page - LIGITEK electronics co., ltd.

Part # LDD4A5-65-XX-F1-PF
Description  DUAL DIGIT LED DISPLAY (0.40 lnch)
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LIGITEK [LIGITEK electronics co., ltd.]
Direct Link  http://www.ligitek.com
Logo LIGITEK - LIGITEK electronics co., ltd.

LDD4A5-65-XX-F1-PF Datasheet(HTML) 2 Page - LIGITEK electronics co., ltd.

  LDD4A5-65-XX-F1-PF Datasheet HTML 1Page - LIGITEK electronics co., ltd. LDD4A5-65-XX-F1-PF Datasheet HTML 2Page - LIGITEK electronics co., ltd. LDD4A5-65-XX-F1-PF Datasheet HTML 3Page - LIGITEK electronics co., ltd. LDD4A5-65-XX-F1-PF Datasheet HTML 4Page - LIGITEK electronics co., ltd. LDD4A5-65-XX-F1-PF Datasheet HTML 5Page - LIGITEK electronics co., ltd. LDD4A5-65-XX-F1-PF Datasheet HTML 6Page - LIGITEK electronics co., ltd. LDD4A5-65-XX-F1-PF Datasheet HTML 7Page - LIGITEK electronics co., ltd. LDD4A5-65-XX-F1-PF Datasheet HTML 8Page - LIGITEK electronics co., ltd. LDD4A5-65-XX-F1-PF Datasheet HTML 9Page - LIGITEK electronics co., ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
Note : 1.All dimension are in millimeters and (lnch) tolerance is
±0.25mm unless otherwise noted.
2.Specifications are subject to change without notice.
LIGITEK ELECTRONICS CO.,LTD.
Property of Ligitek Only
Package Dimensions
PART NO. LDD4A5/65-XX/F1-PF
Page 1/8
DIG.2
DIG.1
2.54*7=17.78(0.7")
3.4
±0.5
10.6
±0.5
2.0
±0.5
7.0(0.28")
16.0
(0.63")
Ø1.3
10.2
(0.4")
20.1(0.79")
Ø0.45
TYP
PIN NO.1
F
D
E
A
DP
C
B
DIG.2
LDD4A5/65-XX/F1-PF
LIGITEK


Similar Part No. - LDD4A5-65-XX-F1-PF

ManufacturerPart #DatasheetDescription
logo
LIGITEK electronics co....
LDD405-61-XX-PF LIGITEK-LDD405-61-XX-PF Datasheet
133Kb / 9P
   DUAL DIGIT LED DISPLAY (0.40 lnch)
LDD405-61-XX-S4-PF LIGITEK-LDD405-61-XX-S4-PF Datasheet
133Kb / 9P
   DUAL DIGIT LED DISPLAY (0.40 lnch)
LDD405-61-XXKL-PF LIGITEK-LDD405-61-XXKL-PF Datasheet
134Kb / 9P
   DUAL DIGIT LED DISPLAY (0.40 lnch)
LDD405-62-XX-PF LIGITEK-LDD405-62-XX-PF Datasheet
133Kb / 9P
   DUAL DIGIT LED DISPLAY (0.40 lnch)
LDD405-62-XX-RP9 LIGITEK-LDD405-62-XX-RP9 Datasheet
135Kb / 9P
   DUAL DIGIT LED DISPLAY (0.40 lnch)
More results

Similar Description - LDD4A5-65-XX-F1-PF

ManufacturerPart #DatasheetDescription
logo
LIGITEK electronics co....
LDD405-61-XX-S4-PF LIGITEK-LDD405-61-XX-S4-PF Datasheet
133Kb / 9P
   DUAL DIGIT LED DISPLAY (0.40 lnch)
LDD425-61-XX-S4-PF LIGITEK-LDD425-61-XX-S4-PF Datasheet
145Kb / 9P
   DUAL DIGIT LED DISPLAY (0.40 lnch)
LDD405-61-XXKL-PF LIGITEK-LDD405-61-XXKL-PF Datasheet
134Kb / 9P
   DUAL DIGIT LED DISPLAY (0.40 lnch)
LDD405-62-XX-PF LIGITEK-LDD405-62-XX-PF Datasheet
133Kb / 9P
   DUAL DIGIT LED DISPLAY (0.40 lnch)
LDD405-61-XX-PF LIGITEK-LDD405-61-XX-PF Datasheet
133Kb / 9P
   DUAL DIGIT LED DISPLAY (0.40 lnch)
LDD405-65-XX-RP20 LIGITEK-LDD405-65-XX-RP20 Datasheet
129Kb / 8P
   DUAL DIGIT LED DISPLAY (0.40 lnch)
LDD425-65-XX-PF LIGITEK-LDD425-65-XX-PF Datasheet
173Kb / 9P
   DUAL DIGIT LED DISPLAY (0.40 lnch)
LDD495-61-XX-F1-PF LIGITEK-LDD495-61-XX-F1-PF Datasheet
171Kb / 9P
   DUAL DIGIT LED DISPLAY (0.40 lnch)
LDD495-64-XX-PF LIGITEK-LDD495-64-XX-PF Datasheet
142Kb / 9P
   DUAL DIGIT LED DISPLAY (0.40 lnch)
LDD405-62-XX-RP9 LIGITEK-LDD405-62-XX-RP9 Datasheet
135Kb / 9P
   DUAL DIGIT LED DISPLAY (0.40 lnch)
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com