Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MC100LVE111 Datasheet(PDF) 3 Page - Motorola, Inc

Part # MC100LVE111
Description  LOW-VOLTAGE 1:9 DIFFERENTIAL ECL/PECL CLOCK DRIVER
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MC100LVE111 Datasheet(HTML) 3 Page - Motorola, Inc

  MC100LVE111 Datasheet HTML 1Page - Motorola, Inc MC100LVE111 Datasheet HTML 2Page - Motorola, Inc MC100LVE111 Datasheet HTML 3Page - Motorola, Inc MC100LVE111 Datasheet HTML 4Page - Motorola, Inc MC100LVE111 Datasheet HTML 5Page - Motorola, Inc  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
MC100LVE111
4–3
MOTOROLA
ECLinPS and ECLinPS Lite
DL140 — Rev 3
ECL DC CHARACTERISTICS
–40
°C
0
°C
25
°C
85
°C
Symbol
Characteristic
Min
Typ
Max
Min
Typ
Max
Min
Typ
Max
Min
Typ
Max
Unit
VOH
Output HIGH Voltage
–1.025
–0.955
–0.880
–1.025
–0.955
–0.880
–1.025
–0.955
–0.880
–1.025
–0.955
–0.880
V
VOL
Output LOW Voltage
–1.810
–1.705
–1.620
–1.810
–1.705
–1.620
–1.810
–1.705
–1.620
–1.810
–1.705
–1.620
V
VIH
Input HIGH Voltage
–1.165
–0.880
–1.165
–0.880
–1.165
–0.880
–1.165
–0.880
V
VIL
Input LOW Voltage
–1.810
–1.475
–1.810
–1.475
–1.810
–1.475
–1.810
–1.475
V
VBB
Output Reference
Voltage
–1.38
–1.26
–1.38
–1.26
–1.38
–1.26
–1.38
–1.26
V
VEE
Power Supply Voltage
–3.0
–3.8
–3.0
–3.8
–3.0
–3.8
–3.0
–3.8
V
IIH
Input HIGH Current
150
150
150
150
µA
IEE
Power Supply Current
55
66
55
66
55
66
65
78
mA
PECL DC CHARACTERISTICS
–40
°C
0
°C
25
°C
85
°C
Symbol
Characteristic
Min
Typ
Max
Min
Typ
Max
Min
Typ
Max
Min
Typ
Max
Unit
VOH
Output HIGH Voltage1
2.275
2.345
2.420
2.275
2.345
2.420
2.275
2.345
2.420
2.275
2.345
2.420
V
VOL
Output LOW Voltage1
1.490
1.595
1.680
1.490
1.595
1.680
1.490
1.595
1.680
1.490
1.595
1.680
V
VIH
Input HIGH Voltage1
2.135
2.420
2.135
2.420
2.135
2.420
2.135
2.420
V
VIL
Input LOW Voltage1
1.490
1.825
1.490
1.825
1.490
1.825
1.490
1.825
V
VBB
Output Reference Volt-
age1
1.92
2.04
1.92
2.04
1.92
2.04
1.92
2.04
V
VCC
Power Supply Voltage
3.0
3.8
3.0
3.8
3.0
3.8
3.0
3.8
V
IIH
Input HIGH Current
150
150
150
150
µA
IEE
Power Supply Current
55
66
55
66
55
66
65
78
mA
1. These values are for VCC = 3.3V. Level Specifications will vary 1:1 with VCC.
AC CHARACTERISTICS (VEE = VEE (min) to VEE (max); VCC = VCCO = GND)
–40
°C
0
°C
25
°C
85
°C
Symbol
Characteristic
Min
Typ
Max
Min
Typ
Max
Min
Typ
Max
Min
Typ
Max
Unit
Condition
tPLH
tPHL
Propagation Delay to Output
IN (differential)
IN (single-ended)
400
350
650
700
435
385
625
675
440
390
630
680
445
395
635
685
ps
Note 1
Note 2
tskew
Within-Device Skew
Part-to-Part Skew (Diff)
50
250
50
200
50
200
50
200
ps
Note 3
VPP
Minimum Input Swing
500
500
500
500
mV
Note 4
VCMR
Common Mode Range
–1.5
–0.4
–1.5
–0.4
–1.5
–0.4
–1.5
–0.4
V
Note 5
tr/tf
Output Rise/Fall Time
200
600
200
600
200
600
200
600
ps
20%–80%
1. The differential propagation delay is defined as the delay from the crossing points of the differential input signals to the crossing point of the
differential output signals. See
Definitions and Testing of ECLinPS AC Parameters in Chapter 1 (page 1–12) of the Motorola High Performance
ECL Data Book (DL140/D).
2. The single-ended propagation delay is defined as the delay from the 50% point of the input signal to the 50% point of the output signal. See
Definitions and Testing of ECLinPS AC Parameters in Chapter 1 (page 1–12) of the Motorola High Performance ECL Data Book (DL140/D).
3. The within-device skew is defined as the worst case difference between any two similar delay paths within a single device.
4. VPP(min) is defined as the minimum input differential voltage which will cause no increase in the propagation delay. The VPP(min) is AC limited
for the E111 as a differential input as low as 50 mV will still produce full ECL levels at the output.
5. VCMR is defined as the range within which the VIH level may vary, with the device still meeting the propagation delay specification. The VIL level
must be such that the peak to peak voltage is less than 1.0 V and greater than or equal to VPP(min).


Similar Part No. - MC100LVE111

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC100LVE111 ONSEMI-MC100LVE111 Datasheet
64Kb / 8P
   LOW-VOLTAGE 1:9 DIFFERENTIAL ECL/PECL CLOCK DRIVER
April, 2002 ??Rev. 5
MC100LVE111 ONSEMI-MC100LVE111 Datasheet
130Kb / 8P
   3.3V ECL 1:9 Differential Clock Driver
November, 2006 ??Rev. 7
MC100LVE111FN ONSEMI-MC100LVE111FN Datasheet
64Kb / 8P
   LOW-VOLTAGE 1:9 DIFFERENTIAL ECL/PECL CLOCK DRIVER
April, 2002 ??Rev. 5
MC100LVE111FN ONSEMI-MC100LVE111FN Datasheet
130Kb / 8P
   3.3V ECL 1:9 Differential Clock Driver
November, 2006 ??Rev. 7
MC100LVE111FNG ONSEMI-MC100LVE111FNG Datasheet
130Kb / 8P
   3.3V ECL 1:9 Differential Clock Driver
November, 2006 ??Rev. 7
More results

Similar Description - MC100LVE111

ManufacturerPart #DatasheetDescription
logo
Semtech Corporation
SK10LVE111 SEMTECH-SK10LVE111 Datasheet
150Kb / 6P
   Low Voltage 1:9 Differential ECL/ PECL Clock Driver
logo
ON Semiconductor
MC100LVE111 ONSEMI-MC100LVE111 Datasheet
64Kb / 8P
   LOW-VOLTAGE 1:9 DIFFERENTIAL ECL/PECL CLOCK DRIVER
April, 2002 ??Rev. 5
logo
Arizona Microtek, Inc
AZ10E111 AZM-AZ10E111 Datasheet
91Kb / 6P
   ECL/PECL 1:9 Differential Clock Driver
AZ10LVE111 AZM-AZ10LVE111 Datasheet
84Kb / 6P
   ECL/PECL 1:9 Differential Clock Driver
logo
Semtech Corporation
SK10LVE111E SEMTECH-SK10LVE111E Datasheet
150Kb / 6P
   Low Voltage 1:9 Differential ECL/PECL Clock Driver with Enable Input
logo
Arizona Microtek, Inc
AZ10LVE111E AZM-AZ10LVE111E Datasheet
103Kb / 6P
   ECL/PECL 1:9 Differential Clock Driver with Enable
logo
Semtech Corporation
SK100EP111 SEMTECH-SK100EP111 Datasheet
100Kb / 4P
   Low-Voltage 1:10 Differential ECL/PECL/HSTL Clock Driver
SK10EP111 SEMTECH-SK10EP111 Datasheet
100Kb / 4P
   Low-Voltage 1:10 Differential ECL/PECL/HSTL Clock Driver
logo
NXP Semiconductors
PCK210 PHILIPS-PCK210 Datasheet
93Kb / 10P
   Low voltage dual 1-5 differential ECL/PECL clock driver
2004 Apr 23
logo
ON Semiconductor
MC100LVE222 ONSEMI-MC100LVE222 Datasheet
174Kb / 8P
   Low Voltage 1:15 Differential 첨1첨2 ECL/PECL Clock Driver
February, 2000 ??Rev. 2
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com