Electronic Components Datasheet Search |
|
LDD425-6SBKS-XXN-D1-PF Datasheet(PDF) 9 Page - LIGITEK electronics co., ltd. |
|
LDD425-6SBKS-XXN-D1-PF Datasheet(HTML) 9 Page - LIGITEK electronics co., ltd. |
9 / 9 page The purpose of this is the resistance of the device which is laid under condition of low temperature for hours. The purpose of this test is the resistance of the device under tropical for hours. The purpose of this is the resistance of the device to sudden extreme changes in high and low temperature. This test intended to see soldering well performed or not. This test intended to determine the thermal characteristic resistance of the device to sudden exposures at extreme changes in temperature when soldering the lead wire. Solderability Test 1.T.Sol=230 ℃±5℃ 2.Dwell time=5 ±1sec 1.T.Sol=260 ℃±5℃ 2.Dwell time= 10 ±1sec. 1.Ta=65 ℃±5℃ 2.RH=90 %~95% 3.t=240hrs ±2hrs 1.Ta=105 ℃±5℃&-40℃±5℃ (10min) (10min) 2.total 10 cycles Solder Resistance Test High Temperature High Humidity Test Thermal Shock Test MIL-STD-202: 208D MIL-STD-750: 2026 MIL-STD-883: 2003 JIS C 7021: A-2 MIL-STD-202: 210A MIL-STD-750: 2031 JIS C 7021: A-1 MIL-STD-202: 107D MIL-STD-750: 1051 MIL-STD-883: 1011 MIL-STD-202:103B JIS C 7021: B-11 The purpose of this is the resistance of the device which is laid under condition of high temperature for hours. LIGITEK ELECTRONICS CO.,LTD. Property of Ligitek Only This test is conducted for the purpose of detemining the resistance of a part in electrical and themal stressed. Reliability Test: 1.Ta=-40 ℃±5℃ 2.t=1000 hrs (-24hrs, +72hrs) 1.Ta=105 ℃±5℃ 2.t=1000 hrs (-24hrs, +72hrs) 1.Under Room Temperature 2.If=10mA 3.t=1000 hrs (-24hrs, +72hrs) Low Temperature Storage Test High Temperature Storage Test Operating Life Test Test Item Test Condition JIS C 7021: B-12 MIL-STD-750: 1026 MIL-STD-883: 1005 JIS C 7021: B-1 MIL-STD-883:1008 JIS C 7021: B-10 Reference Standard Description 8/8 Page LDD425/6SBKS-XXN/D1-PF PART NO. |
Similar Part No. - LDD425-6SBKS-XXN-D1-PF |
|
Similar Description - LDD425-6SBKS-XXN-D1-PF |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |