Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LDD445-61-XX-PF Datasheet(PDF) 8 Page - LIGITEK electronics co., ltd.

Part # LDD445-61-XX-PF
Description  DUAL DIGIT LED DISPLAY (0.39 lnch)
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LIGITEK [LIGITEK electronics co., ltd.]
Direct Link  http://www.ligitek.com
Logo LIGITEK - LIGITEK electronics co., ltd.

LDD445-61-XX-PF Datasheet(HTML) 8 Page - LIGITEK electronics co., ltd.

  LDD445-61-XX-PF Datasheet HTML 1Page - LIGITEK electronics co., ltd. LDD445-61-XX-PF Datasheet HTML 2Page - LIGITEK electronics co., ltd. LDD445-61-XX-PF Datasheet HTML 3Page - LIGITEK electronics co., ltd. LDD445-61-XX-PF Datasheet HTML 4Page - LIGITEK electronics co., ltd. LDD445-61-XX-PF Datasheet HTML 5Page - LIGITEK electronics co., ltd. LDD445-61-XX-PF Datasheet HTML 6Page - LIGITEK electronics co., ltd. LDD445-61-XX-PF Datasheet HTML 7Page - LIGITEK electronics co., ltd. LDD445-61-XX-PF Datasheet HTML 8Page - LIGITEK electronics co., ltd. LDD445-61-XX-PF Datasheet HTML 9Page - LIGITEK electronics co., ltd.  
Zoom Inzoom in Zoom Outzoom out
 8 / 9 page
background image
Note: 1.Wave solder should not be made more than one time.
2.You can just only select one of the soldering conditions as above.
Dip Soldering
Preheat: 120
°C Max
Preheat time: 60seconds Max
Ramp-up
2
°C/sec(max)
Ramp-Down:-5
°C/sec(max)
Solder Bath:260
°C Max
Dipping Time:3 seconds Max
Distance:Solder Temperature 1/16 Inch Below Seating
Plane For 3 Seconds At 260
°C
2.Wave Soldering Profile
Soldering Condition(Pb-Free)
1.Iron:
Soldering Iron:30W Max
Temperature 350
°C Max
Soldering Time:3 Seconds Max(One time only)
Distance:Solder Temperature 1/16 Inch Below Seating
Plane For 3 Seconds At 260
°C
60 Seconds Max
25°
0
120°
Temp(
° C)
260°
50
Preheat
2
° /sec
max
100
5
°/sec
max
260
°C3sec Max
150
Time(sec)
LIGITEK ELECTRONICS CO.,LTD.
Property of Ligitek Only
Page 7/8
LDD445/61-XX-PF
PART NO.


Similar Part No. - LDD445-61-XX-PF

ManufacturerPart #DatasheetDescription
logo
LIGITEK electronics co....
LDD405-61-XX-PF LIGITEK-LDD405-61-XX-PF Datasheet
133Kb / 9P
   DUAL DIGIT LED DISPLAY (0.40 lnch)
LDD405-61-XX-S4-PF LIGITEK-LDD405-61-XX-S4-PF Datasheet
133Kb / 9P
   DUAL DIGIT LED DISPLAY (0.40 lnch)
LDD405-61-XXKL-PF LIGITEK-LDD405-61-XXKL-PF Datasheet
134Kb / 9P
   DUAL DIGIT LED DISPLAY (0.40 lnch)
LDD405-62-XX-PF LIGITEK-LDD405-62-XX-PF Datasheet
133Kb / 9P
   DUAL DIGIT LED DISPLAY (0.40 lnch)
LDD405-62-XX-RP9 LIGITEK-LDD405-62-XX-RP9 Datasheet
135Kb / 9P
   DUAL DIGIT LED DISPLAY (0.40 lnch)
More results

Similar Description - LDD445-61-XX-PF

ManufacturerPart #DatasheetDescription
logo
LIGITEK electronics co....
LDD435-62-XX-PF LIGITEK-LDD435-62-XX-PF Datasheet
134Kb / 9P
   DUAL DIGIT LED DISPLAY (0.39 lnch)
LFD3N5-65-XX-PF LIGITEK-LFD3N5-65-XX-PF Datasheet
173Kb / 9P
   FOUR DIGIT LED DISPLAY (0.39 lnch)
LDD305-61-XX-RP128-PF LIGITEK-LDD305-61-XX-RP128-PF Datasheet
136Kb / 9P
   DUAL DIGIT LED DISPLAY (0.30 lnch)
LDD305-62-XX-PF LIGITEK-LDD305-62-XX-PF Datasheet
135Kb / 9P
   DUAL DIGIT LED DISPLAY (0.30 lnch)
LDD405-61-XX-S4-PF LIGITEK-LDD405-61-XX-S4-PF Datasheet
133Kb / 9P
   DUAL DIGIT LED DISPLAY (0.40 lnch)
LDD425-61-XX-S4-PF LIGITEK-LDD425-61-XX-S4-PF Datasheet
145Kb / 9P
   DUAL DIGIT LED DISPLAY (0.40 lnch)
LDD511-2DBK-XX-RP4-PF LIGITEK-LDD511-2DBK-XX-RP4-PF Datasheet
126Kb / 9P
   DUAL DIGIT LED DISPLAY (0.56 lnch)
LDD4A5-65-XX-F1-PF LIGITEK-LDD4A5-65-XX-F1-PF Datasheet
142Kb / 9P
   DUAL DIGIT LED DISPLAY (0.40 lnch)
LDD405-61-XX-PF LIGITEK-LDD405-61-XX-PF Datasheet
133Kb / 9P
   DUAL DIGIT LED DISPLAY (0.40 lnch)
LDD405-65-XX-RP20 LIGITEK-LDD405-65-XX-RP20 Datasheet
129Kb / 8P
   DUAL DIGIT LED DISPLAY (0.40 lnch)
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com