Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LDD515-65-XX-RP18 Datasheet(PDF) 3 Page - LIGITEK electronics co., ltd.

Part # LDD515-65-XX-RP18
Description  DUAL DIGIT LED DISPLAY (0.5Inch)
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LIGITEK [LIGITEK electronics co., ltd.]
Direct Link  http://www.ligitek.com
Logo LIGITEK - LIGITEK electronics co., ltd.

LDD515-65-XX-RP18 Datasheet(HTML) 3 Page - LIGITEK electronics co., ltd.

  LDD515-65-XX-RP18 Datasheet HTML 1Page - LIGITEK electronics co., ltd. LDD515-65-XX-RP18 Datasheet HTML 2Page - LIGITEK electronics co., ltd. LDD515-65-XX-RP18 Datasheet HTML 3Page - LIGITEK electronics co., ltd. LDD515-65-XX-RP18 Datasheet HTML 4Page - LIGITEK electronics co., ltd. LDD515-65-XX-RP18 Datasheet HTML 5Page - LIGITEK electronics co., ltd. LDD515-65-XX-RP18 Datasheet HTML 6Page - LIGITEK electronics co., ltd. LDD515-65-XX-RP18 Datasheet HTML 7Page - LIGITEK electronics co., ltd. LDD515-65-XX-RP18 Datasheet HTML 8Page - LIGITEK electronics co., ltd.  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
LIGITEK ELECTRONICS CO.,LTD.
Property of Ligitek Only
Internal Circuit Diagram
LDD515/65-XX/RP18
PART NO.
2/7
Page
C
C
B
A
6
7
7 6
A B
DP
G
EF
C
B
A
DP
F
DE
G
D
2
38
1
49
D
LDD5165-XX/RP18
9
10
DIG.1
41
8
3
2
G
E
D
F
DP A B C
DIG.2
5
F
E
GDP
LDD5155-XX/RP18
10
DIG.1
DIG.2
5


Similar Part No. - LDD515-65-XX-RP18

ManufacturerPart #DatasheetDescription
logo
LIGITEK electronics co....
LDD515-65-XX-RP145 LIGITEK-LDD515-65-XX-RP145 Datasheet
124Kb / 8P
   DUAL DIGIT LED DISPLAY (0.5Inch)
More results

Similar Description - LDD515-65-XX-RP18

ManufacturerPart #DatasheetDescription
logo
LIGITEK electronics co....
LDD515-63H-XX LIGITEK-LDD515-63H-XX Datasheet
163Kb / 9P
   DUAL DIGIT LED DISPLAY (0.5Inch)
LDD515-65-XX-RP145 LIGITEK-LDD515-65-XX-RP145 Datasheet
124Kb / 8P
   DUAL DIGIT LED DISPLAY (0.5Inch)
logo
Kingbright Corporation
SC05-11SRWA KINGBRIGHT-SC05-11SRWA Datasheet
195Kb / 4P
   12.7mm (0.5INCH) SINGLE DIGIT NUMERIC DISPLAY
SA05-11EWA KINGBRIGHT-SA05-11EWA Datasheet
197Kb / 4P
   12.7mm (0.5INCH) SINGLE DIGIT NUMERIC DISPLAY
SA05-11SRWA KINGBRIGHT-SA05-11SRWA Datasheet
197Kb / 4P
   12.7mm (0.5INCH) SINGLE DIGIT NUMERIC DISPLAY
SC05-11GWA KINGBRIGHT-SC05-11GWA Datasheet
197Kb / 4P
   12.7mm (0.5INCH) SINGLE DIGIT NUMERIC DISPLAY
SC05-11EWA KINGBRIGHT-SC05-11EWA Datasheet
198Kb / 4P
   12.7mm (0.5INCH) SINGLE DIGIT NUMERIC DISPLAY
SA05-11SURKWA KINGBRIGHT-SA05-11SURKWA Datasheet
352Kb / 6P
   12.7mm (0.5INCH) SINGLE DIGIT NUMERIC DISPLAY
SA05-11CGKWA KINGBRIGHT-SA05-11CGKWA Datasheet
351Kb / 6P
   12.7mm (0.5INCH) SINGLE DIGIT NUMERIC DISPLAY
SA05-11SYKWA KINGBRIGHT-SA05-11SYKWA Datasheet
354Kb / 6P
   12.7mm (0.5INCH) SINGLE DIGIT NUMERIC DISPLAY
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com