Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LDD525-64-XX-PF Datasheet(PDF) 9 Page - LIGITEK electronics co., ltd.

Part # LDD525-64-XX-PF
Description  DUAL DIGIT LED DISPLAY (0.56 lnch)
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LIGITEK [LIGITEK electronics co., ltd.]
Direct Link  http://www.ligitek.com
Logo LIGITEK - LIGITEK electronics co., ltd.

LDD525-64-XX-PF Datasheet(HTML) 9 Page - LIGITEK electronics co., ltd.

  LDD525-64-XX-PF Datasheet HTML 1Page - LIGITEK electronics co., ltd. LDD525-64-XX-PF Datasheet HTML 2Page - LIGITEK electronics co., ltd. LDD525-64-XX-PF Datasheet HTML 3Page - LIGITEK electronics co., ltd. LDD525-64-XX-PF Datasheet HTML 4Page - LIGITEK electronics co., ltd. LDD525-64-XX-PF Datasheet HTML 5Page - LIGITEK electronics co., ltd. LDD525-64-XX-PF Datasheet HTML 6Page - LIGITEK electronics co., ltd. LDD525-64-XX-PF Datasheet HTML 7Page - LIGITEK electronics co., ltd. LDD525-64-XX-PF Datasheet HTML 8Page - LIGITEK electronics co., ltd. LDD525-64-XX-PF Datasheet HTML 9Page - LIGITEK electronics co., ltd.  
Zoom Inzoom in Zoom Outzoom out
 9 / 9 page
background image
The purpose of this test is the resistance
of the device under tropical for hours.
High Temperature
High Humidity Test
1.Ta=65
℃±5
2.RH=90%~95%
3.t=240hrs
±2hrs
MIL-STD-202:103B
JIS C 7021: B-11
MIL-STD-202: 208D
MIL-STD-750: 2026
MIL-STD-883: 2003
JIS C 7021: A-2
1.T.Sol=230
℃±5
2.Dwell time=5
±1sec
Solderability Test
This test intended to see soldering well
performed or not.
MIL-STD-202: 107D
MIL-STD-750: 1051
MIL-STD-883: 1011
MIL-STD-202: 210A
MIL-STD-750: 2031
JIS C 7021: A-1
1.T.Sol=260
℃±5
2.Dwell time= 10
±1sec.
Solder Resistance
Test
This test intended to determine the
thermal characteristic resistance
of the device to sudden exposures
at extreme changes in temperature
when soldering the lead wire.
1.Ta=105
℃±5&-40℃±5
(10min) (10min)
2.total 10 cycles
Thermal Shock Test
The purpose of this is the resistance of
the device to sudden extreme changes
in high and low temperature.
Reliability Test:
JIS C 7021: B-12
MIL-STD-883:1008
JIS C 7021: B-10
The purpose of this is the resistance
of the device which is laid under
condition of low temperature for hours.
1.Ta=-40
℃±5
2.t=1000 hrs (-24hrs, +72hrs)
Low Temperature
Storage Test
1.Ta=105
℃±5
2.t=1000 hrs (-24hrs, +72hrs)
High Temperature
Storage Test
The purpose of this is the resistance of
the device which is laid under condition
of high temperature for hours.
MIL-STD-750: 1026
MIL-STD-883: 1005
JIS C 7021: B-1
Reference
Standard
1.Under Room Temperature
2.If=10mA
3.t=1000 hrs (-24hrs, +72hrs)
Test Condition
Operating Life Test
Test Item
This test is conducted for the purpose
of detemining the resistance of a part
in electrical and themal stressed.
Description
LIGITEK ELECTRONICS CO.,LTD.
Property of Ligitek Only
PART NO. LDD525/64-XX-PF
8/8
Page


Similar Part No. - LDD525-64-XX-PF

ManufacturerPart #DatasheetDescription
logo
LIGITEK electronics co....
LDD525-62-XX-PF LIGITEK-LDD525-62-XX-PF Datasheet
146Kb / 9P
   DUAL DIGIT LED DISPLAY (0.56 lnch)
LDD525-6SBKS-XX-PF LIGITEK-LDD525-6SBKS-XX-PF Datasheet
152Kb / 9P
   DUAL DIGIT LED DISPLAY (0.56 lnch)
More results

Similar Description - LDD525-64-XX-PF

ManufacturerPart #DatasheetDescription
logo
LIGITEK electronics co....
LDD511-2DBK-XX-RP4-PF LIGITEK-LDD511-2DBK-XX-RP4-PF Datasheet
126Kb / 9P
   DUAL DIGIT LED DISPLAY (0.56 lnch)
LDD511-2SBKS-XX-RP4-PF LIGITEK-LDD511-2SBKS-XX-RP4-PF Datasheet
136Kb / 9P
   DUAL DIGIT LED DISPLAY (0.56 lnch)
LDD511-2A-XX-PF LIGITEK-LDD511-2A-XX-PF Datasheet
163Kb / 9P
   DUAL DIGIT LED DISPLAY (0.56 lnch)
LDD511-24-XX-PF LIGITEK-LDD511-24-XX-PF Datasheet
138Kb / 9P
   DUAL DIGIT LED DISPLAY (0.56 lnch)
LDD525-6SBKS-XX-PF LIGITEK-LDD525-6SBKS-XX-PF Datasheet
152Kb / 9P
   DUAL DIGIT LED DISPLAY (0.56 lnch)
LDD511-24-XX LIGITEK-LDD511-24-XX Datasheet
127Kb / 8P
   DUAL DIGIT LED DISPLAY (0.56 lnch)
LDD511-25-XX-RP65 LIGITEK-LDD511-25-XX-RP65 Datasheet
128Kb / 8P
   DUAL DIGIT LED DISPLAY (0.56 lnch)
LDD595-65F-XX-RP9-PF LIGITEK-LDD595-65F-XX-RP9-PF Datasheet
134Kb / 9P
   DUAL DIGIT LED DISPLAY (0.56 lnch)
LDD511-2SBI-XX-PF LIGITEK-LDD511-2SBI-XX-PF Datasheet
143Kb / 9P
   DUAL DIGIT LED DISPLAY (0.56 lnch)
LDD511-22V-XX-PF LIGITEK-LDD511-22V-XX-PF Datasheet
137Kb / 9P
   DUAL DIGIT LED DISPLAY (0.56 lnch)
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com