Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

G2PW1V560PMRT001 Datasheet(PDF) 1 Page - Bel Fuse Inc.

Part # G2PW1V560PMRT001
Description  PISCES II DC/DC CONVERTERS
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BEL [Bel Fuse Inc.]
Direct Link  http://www.belfuse.com
Logo BEL - Bel Fuse Inc.

G2PW1V560PMRT001 Datasheet(HTML) 1 Page - Bel Fuse Inc.

  G2PW1V560PMRT001 Datasheet HTML 1Page - Bel Fuse Inc. G2PW1V560PMRT001 Datasheet HTML 2Page - Bel Fuse Inc. G2PW1V560PMRT001 Datasheet HTML 3Page - Bel Fuse Inc. G2PW1V560PMRT001 Datasheet HTML 4Page - Bel Fuse Inc. G2PW1V560PMRT001 Datasheet HTML 5Page - Bel Fuse Inc. G2PW1V560PMRT001 Datasheet HTML 6Page - Bel Fuse Inc. G2PW1V560PMRT001 Datasheet HTML 7Page - Bel Fuse Inc. G2PW1V560PMRT001 Datasheet HTML 8Page - Bel Fuse Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
Bel Power Inc. 155 Flanders Road, Westborough, MA 01581 • Tel 508-870-9775 • Fax 508-870-9796 • www.belpower.com
©2006 Bel Fuse Inc. Specifications subject to change without notice. 11.06
POWER PRODUCTS
PISCES II DC/DC CONVERTERS
G2PW1V560
48V Input – 1.5VDC – 60A Output
† @ 60
˚ C rise heat sink to ambient
‡ @ 300'/min.
Control Functions
page 1
G2PW1V560 – 1/4 Brick Pisces II Series
Ordering Information
Industry standard pinout and footprint
Very low dissipation
No heat sink required for most applications
Low profile, 0.38"
High efficiency: 88% at 1.5V, 60A; 90% at 1.5V, 30A
Very low common-mode noise for a commercial DC/DC converter
Two-stage input filter
Constant switching frequency
Remote sense, wide trim range
Single board design, very low parts count
Optional baseplate or low profile heat sink for improved thermal performance
Header with M3 metal inserts for mechanical connection to PCB
Uses patented power supply control and architecture
Microprocessor controlled
Primary-side enable, choice of logic
Protection Features
Over temperature protection
Over voltage protection
Over current protection
Over/Under input voltage protection
Typical Characteristics
Output setpoint accuracy: ± 1%
Load regulation: ± 0.2%
Line regulation: ± 0.2%
Regulation over line, load,
and temperature: ± 2%
Low output ripple
Output trim
Standard Model Number
Input Voltage
Output Voltage
Max Current
G2PW1V560*
48V
1.5V
60A
* Options:
P = Positive Logic Version;
High = On
** T (Tuned Model) Option
Designed for higher di/dt and
∆l
applications, the transient response has
been modified to take advantage of the
capacitance on the customer’s PCB. This
unit requires a minimum load capacitance
of 5600µF with an impedance magnitude
of less than 0.005
Ω at 15kHz. It offers
a minmum 3X improvement in the peak
response compared to a standard unit.
Consult factory.
Typical Thermal Performance
Part
Number
Height
Natural Convection
Power Dissipation
Forced Convection
Thermal Resistance
001
0.25"
5W
5.8
˚ C/W
002
0.50"
7W
3.2
˚ C/W
003
1.00"
11W
2.0
˚ C/W
004
0.13"
TBD
TBD
005
0.70"
TBD
TBD
Pisces II Heat Sink
Part Numbers
Example Part Number:
(All options)
G2PW1V560 PSRT 00X
Part Number
Options:
Positive Logic Version
Optional Pin Lengths
E = 0.18"
M = 0.145"
S = 0.12"
Heat Sink Ready
Tuned Model
Heat Sink
R = Heat Sink Ready
T = Tuned model**
E = 0.18" Pins (± .01")
M = 0.145" Pins (± .01")
S = 0.12" Pins (± .01")


Similar Part No. - G2PW1V560PMRT001

ManufacturerPart #DatasheetDescription
logo
Galaxy Power, Inc.
G2PW1V560 GALAXY-G2PW1V560 Datasheet
636Kb / 7P
   48V or 24V Input 1.0V, 1.2V, 1.5V, 1.8V, 2.0V, 2.5VDC, 60A Output 3.3V, 45A; 5.0V, 30A Output
More results

Similar Description - G2PW1V560PMRT001

ManufacturerPart #DatasheetDescription
logo
Bel Fuse Inc.
G2PW1V260 BEL-G2PW1V260 Datasheet
495Kb / 8P
   PISCES II DC/DC CONVERTERS
G2PW5V030 BEL-G2PW5V030 Datasheet
510Kb / 8P
   PISCES II DC/DC CONVERTERS
G2PW1V860 BEL-G2PW1V860 Datasheet
499Kb / 8P
   PISCES II DC/DC CONVERTERS
G2PW2V560 BEL-G2PW2V560 Datasheet
525Kb / 8P
   PISCES II DC/DC CONVERTERS
logo
CUI INC
VBD10 CUI-VBD10 Datasheet
108Kb / 3P
   DC-DC Converters
VBWQ10 CUI-VBWQ10 Datasheet
110Kb / 3P
   DC-DC Converters
logo
Emerson Network Power
PTH12030 EMERSON-NETWORKPOWER-PTH12030 Datasheet
207Kb / 4P
   DC-DC CONVERTERS
logo
Central Technologies
CTDD1605S-D CT-CTDD1605S-D Datasheet
205Kb / 2P
   DC/DC Converters
CTDD1712MF-SU1K-2 CT-CTDD1712MF-SU1K-2 Datasheet
536Kb / 2P
   DC/DC Converters
CTDD3220DF-S1.5K-5M CT-CTDD3220DF-S1.5K-5M Datasheet
282Kb / 2P
   DC/DC Converters
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com