Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

G2PW1V860PSRT003 Datasheet(PDF) 2 Page - Bel Fuse Inc.

Part # G2PW1V860PSRT003
Description  PISCES II DC/DC CONVERTERS
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BEL [Bel Fuse Inc.]
Direct Link  http://www.belfuse.com
Logo BEL - Bel Fuse Inc.

G2PW1V860PSRT003 Datasheet(HTML) 2 Page - Bel Fuse Inc.

  G2PW1V860PSRT003 Datasheet HTML 1Page - Bel Fuse Inc. G2PW1V860PSRT003 Datasheet HTML 2Page - Bel Fuse Inc. G2PW1V860PSRT003 Datasheet HTML 3Page - Bel Fuse Inc. G2PW1V860PSRT003 Datasheet HTML 4Page - Bel Fuse Inc. G2PW1V860PSRT003 Datasheet HTML 5Page - Bel Fuse Inc. G2PW1V860PSRT003 Datasheet HTML 6Page - Bel Fuse Inc. G2PW1V860PSRT003 Datasheet HTML 7Page - Bel Fuse Inc. G2PW1V860PSRT003 Datasheet HTML 8Page - Bel Fuse Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
©2006 Bel Fuse Inc. Specifications subject to change without notice. 11.06
POWER PRODUCTS
PISCES II DC/DC CONVERTERS
G2PW1V860
48V Input – 1.8VDC – 60A Output
Bel Power Inc. 155 Flanders Road, Westborough, MA 01581 • Tel 508-870-9775 • Fax 508-870-9796 • www.belpower.com
page 2
Input Specifications
Parameter
Min
Typical
Max
Units
Operating Input Voltage
36
48
75
VDC
Input Current
6
A
Input Capacitance
4
µF
Input Hysteresis, Low Line
2
VDC
VIN = 48VDC, TA@25˚ C, 300 LFM Airflow, VOUT = 1.8VDC, IOUT = Full load unless otherwise noted.
Available output power depends on ambient temperature and good thermal management.
(See application graphs for limits.)
1. During short circuit, converter will shut down and attempt to restart once per second. The average current during this
condition will be very low and the device can be safely left in this condition continuously.
Output Specifications
Parameter
Min
Typical
Max
Units
Regulation Over Line, Load & Temperature
98
102
%VNOM
Voltage Ripple
25
mV RMS
Voltage Ripple, 20MHz BW
85
mV P–P
Current Range
0
60
A
Current Limit Inception
103
140
%IOUT
Short Circuit Current, Peak1
90
A
Output Transient Response, 50% to 75% Load Change, 1A/µsec
5
%VOUT
Settling Time to ± 1%
200
µS
Turn-on Time to 98% Vnom
35
mS
Output Overshoot at Turn-on
0
%VOUT
Trim Range
70
110
%VOUT
Over Voltage Protection, Latching
130
%VOUT


Similar Part No. - G2PW1V860PSRT003

ManufacturerPart #DatasheetDescription
logo
Galaxy Power, Inc.
G2PW1V860 GALAXY-G2PW1V860 Datasheet
636Kb / 7P
   48V or 24V Input 1.0V, 1.2V, 1.5V, 1.8V, 2.0V, 2.5VDC, 60A Output 3.3V, 45A; 5.0V, 30A Output
More results

Similar Description - G2PW1V860PSRT003

ManufacturerPart #DatasheetDescription
logo
Bel Fuse Inc.
G2PW1V260 BEL-G2PW1V260 Datasheet
495Kb / 8P
   PISCES II DC/DC CONVERTERS
G2PW5V030 BEL-G2PW5V030 Datasheet
510Kb / 8P
   PISCES II DC/DC CONVERTERS
G2PW1V560 BEL-G2PW1V560 Datasheet
494Kb / 8P
   PISCES II DC/DC CONVERTERS
G2PW2V560 BEL-G2PW2V560 Datasheet
525Kb / 8P
   PISCES II DC/DC CONVERTERS
logo
CUI INC
VBD10 CUI-VBD10 Datasheet
108Kb / 3P
   DC-DC Converters
VBWQ10 CUI-VBWQ10 Datasheet
110Kb / 3P
   DC-DC Converters
logo
Emerson Network Power
PTH12030 EMERSON-NETWORKPOWER-PTH12030 Datasheet
207Kb / 4P
   DC-DC CONVERTERS
logo
Central Technologies
CTDD1605S-D CT-CTDD1605S-D Datasheet
205Kb / 2P
   DC/DC Converters
CTDD1712MF-SU1K-2 CT-CTDD1712MF-SU1K-2 Datasheet
536Kb / 2P
   DC/DC Converters
CTDD3220DF-S1.5K-5M CT-CTDD3220DF-S1.5K-5M Datasheet
282Kb / 2P
   DC/DC Converters
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com