Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

G2PW1V860PSRT003 Datasheet(PDF) 8 Page - Bel Fuse Inc.

Part # G2PW1V860PSRT003
Description  PISCES II DC/DC CONVERTERS
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BEL [Bel Fuse Inc.]
Direct Link  http://www.belfuse.com
Logo BEL - Bel Fuse Inc.

G2PW1V860PSRT003 Datasheet(HTML) 8 Page - Bel Fuse Inc.

  G2PW1V860PSRT003 Datasheet HTML 1Page - Bel Fuse Inc. G2PW1V860PSRT003 Datasheet HTML 2Page - Bel Fuse Inc. G2PW1V860PSRT003 Datasheet HTML 3Page - Bel Fuse Inc. G2PW1V860PSRT003 Datasheet HTML 4Page - Bel Fuse Inc. G2PW1V860PSRT003 Datasheet HTML 5Page - Bel Fuse Inc. G2PW1V860PSRT003 Datasheet HTML 6Page - Bel Fuse Inc. G2PW1V860PSRT003 Datasheet HTML 7Page - Bel Fuse Inc. G2PW1V860PSRT003 Datasheet HTML 8Page - Bel Fuse Inc.  
Zoom Inzoom in Zoom Outzoom out
 8 / 8 page
background image
CORPORATE
Bel Fuse Inc.
206 Van Vorst Street
Jersey City, NJ 07302
Tel
201-432-0463
Fax 201-432-9542
www.belfuse.com
FAR EAST
Bel Fuse Ltd.
8F / 8 Luk Hop Street
San Po Kong
Kowloon, Hong Kong
Tel 852-2328-5515
Fax 852-2352-3706
www.belfuse.com
EUROPE
Bel Fuse Europe Ltd.
Preston Technology Management Centre
Marsh Lane, Suite G7, Preston
Lancashire, PR1 8UD, U.K.
Tel 44-1772-556601
Fax 44-1772-888366
www.belfuse.com
©2006 Bel Fuse Inc. Specifications subject to change without notice. 11.06
POWER PRODUCTS
PISCES II DC/DC CONVERTERS
G2PW1V860
48V Input – 1.8VDC – 60A Output
page 8
SIDE VIEW (Surface Mount with studs)
SIDE VIEW
BOTTOM VIEW
B
A
A
A
MOUNTING INSERT
M3 X 0.5 4 PLACES
.070
2.000
PIN TO PIN
.210
.210
1.45
2.28
1.030
.815
PIN 1
.515
PIN 2
.215
PIN 3
0
PIN 4
.215
PIN 8
.815
PIN 6
.515
0
1.030
TOP VIEW
A
A
B
A
MOUNTING INSERT
MOUNTING INSERT
M3 X 0.5 4 PLACES
.070
2.000
PIN TO PIN
.210
.210
1.45
2.28
1.030
.815 PIN 1
.515 PIN 2
.215 PIN 3
0
PIN 4
.215
PIN 8
.815
PIN 7
.665
PIN 6
.515
.365
0
1.030
0.38
0.06
0.38
0.20
0.010
±0.008
0.030
Pin
Function
Pin Dia. (In.)
1
– Input
0.040
2
On/Off
0.040
3
+ Input
0.040
4
+ Output
0.060
5
+ Sense
0.040
6
Trim
0.040
7
– Sense
0.040
8
– Output
0.060
Notes:
1. Mechanical tolerances
x.xxx in. = ± 0.005 in.
x.xx in = ± 0.01 in.
2. Pin material: Brass with tin/lead plating over nickel
3. Workmanship: Meets or exceeds IPC-A-610B Class II
4. "A" = 0.040" dia. pins
5. "B" = 0.060" dia. pins
6. Min. screw length for heat sink attachment
= 4.5mm + heat sink flange + locking hardware
Pin Configuration – Bottom View
Mechanical
G2PW1V860
RoHS Compliance
Complies with the European Directive 2002/95/EC, calling for the elimination of lead and other
hazardous substances from electronic products. These parts are not however compatible with
the higher temperatures associated with lead free solder processes and must be soldered using
a reflow profile with a peak temperature of no more than 240
˚C.


Similar Part No. - G2PW1V860PSRT003

ManufacturerPart #DatasheetDescription
logo
Galaxy Power, Inc.
G2PW1V860 GALAXY-G2PW1V860 Datasheet
636Kb / 7P
   48V or 24V Input 1.0V, 1.2V, 1.5V, 1.8V, 2.0V, 2.5VDC, 60A Output 3.3V, 45A; 5.0V, 30A Output
More results

Similar Description - G2PW1V860PSRT003

ManufacturerPart #DatasheetDescription
logo
Bel Fuse Inc.
G2PW1V260 BEL-G2PW1V260 Datasheet
495Kb / 8P
   PISCES II DC/DC CONVERTERS
G2PW5V030 BEL-G2PW5V030 Datasheet
510Kb / 8P
   PISCES II DC/DC CONVERTERS
G2PW1V560 BEL-G2PW1V560 Datasheet
494Kb / 8P
   PISCES II DC/DC CONVERTERS
G2PW2V560 BEL-G2PW2V560 Datasheet
525Kb / 8P
   PISCES II DC/DC CONVERTERS
logo
CUI INC
VBD10 CUI-VBD10 Datasheet
108Kb / 3P
   DC-DC Converters
VBWQ10 CUI-VBWQ10 Datasheet
110Kb / 3P
   DC-DC Converters
logo
Emerson Network Power
PTH12030 EMERSON-NETWORKPOWER-PTH12030 Datasheet
207Kb / 4P
   DC-DC CONVERTERS
logo
Central Technologies
CTDD1605S-D CT-CTDD1605S-D Datasheet
205Kb / 2P
   DC/DC Converters
CTDD1712MF-SU1K-2 CT-CTDD1712MF-SU1K-2 Datasheet
536Kb / 2P
   DC/DC Converters
CTDD3220DF-S1.5K-5M CT-CTDD3220DF-S1.5K-5M Datasheet
282Kb / 2P
   DC/DC Converters
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com