Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

G2PW5V030PMRT002 Datasheet(PDF) 6 Page - Bel Fuse Inc.

Part # G2PW5V030PMRT002
Description  PISCES II DC/DC CONVERTERS
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BEL [Bel Fuse Inc.]
Direct Link  http://www.belfuse.com
Logo BEL - Bel Fuse Inc.

G2PW5V030PMRT002 Datasheet(HTML) 6 Page - Bel Fuse Inc.

  G2PW5V030PMRT002 Datasheet HTML 1Page - Bel Fuse Inc. G2PW5V030PMRT002 Datasheet HTML 2Page - Bel Fuse Inc. G2PW5V030PMRT002 Datasheet HTML 3Page - Bel Fuse Inc. G2PW5V030PMRT002 Datasheet HTML 4Page - Bel Fuse Inc. G2PW5V030PMRT002 Datasheet HTML 5Page - Bel Fuse Inc. G2PW5V030PMRT002 Datasheet HTML 6Page - Bel Fuse Inc. G2PW5V030PMRT002 Datasheet HTML 7Page - Bel Fuse Inc. G2PW5V030PMRT002 Datasheet HTML 8Page - Bel Fuse Inc.  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
©2006 Bel Fuse Inc. Specifications subject to change without notice. 11.06
POWER PRODUCTS
PISCES II DC/DC CONVERTERS
G2PW5V030
48V Input – 5.0VDC – 30A Output
Bel Power Inc. 155 Flanders Road, Westborough, MA 01581 • Tel 508-870-9775 • Fax 508-870-9796 • www.belpower.com
page 6
Efficiency Data
Efficiency
94
92
90
88
86
84
0
10
20
Output Current (A)
36V Vin
48V Vin
75V Vin
15
5
30
25
Power Dissipation
20
16
12
8
4
0
0
10
15
30
Load Current (A)
36V Vin
48V Vin
75V Vin
5
20
25
Start Up
1) Vout 2V/div 10mS/div
2) Iout 10A/div
3) Enable 5V/div
CH1
CH2
CH3
Voltage Ripple
1) Vout 50mV/div 2
µS/div
10
µF ext cap 2MHz BW
Transient Response
1) Vout 500mV/div 200
µS/div
2) Iout 10A/div
CH2
CH1
Line/Load Regulation
5.01
5.00
4.99
4.98
4.97
4.96
0
15
30
Output Current (A)
5
25
10
20
36V Vin
48V Vin
75V Vin
Setpoint Accuracy 0.5160%
Line Regulation 0.0633%
Load Regulation 0.0342%
Line & Load Regulation 0.0884%
Power Dissipation
Start Up
Voltage Ripple
Transient Response
Line/Load Regulation
1. VOUT 2V/div 10mS/div
2. IOUT 10A/div
3. Enable 5V/div
1. VOUT 50mV/div 2µS/div
10µF ext cap 2MHz BW
1. VOUT 500mV/div 200µS/div
2. IOUT 10A/div


Similar Part No. - G2PW5V030PMRT002

ManufacturerPart #DatasheetDescription
logo
Galaxy Power, Inc.
G2PW5V030 GALAXY-G2PW5V030 Datasheet
636Kb / 7P
   48V or 24V Input 1.0V, 1.2V, 1.5V, 1.8V, 2.0V, 2.5VDC, 60A Output 3.3V, 45A; 5.0V, 30A Output
More results

Similar Description - G2PW5V030PMRT002

ManufacturerPart #DatasheetDescription
logo
Bel Fuse Inc.
G2PW1V260 BEL-G2PW1V260 Datasheet
495Kb / 8P
   PISCES II DC/DC CONVERTERS
G2PW1V560 BEL-G2PW1V560 Datasheet
494Kb / 8P
   PISCES II DC/DC CONVERTERS
G2PW1V860 BEL-G2PW1V860 Datasheet
499Kb / 8P
   PISCES II DC/DC CONVERTERS
G2PW2V560 BEL-G2PW2V560 Datasheet
525Kb / 8P
   PISCES II DC/DC CONVERTERS
logo
CUI INC
VBD10 CUI-VBD10 Datasheet
108Kb / 3P
   DC-DC Converters
VBWQ10 CUI-VBWQ10 Datasheet
110Kb / 3P
   DC-DC Converters
logo
Emerson Network Power
PTH12030 EMERSON-NETWORKPOWER-PTH12030 Datasheet
207Kb / 4P
   DC-DC CONVERTERS
logo
Central Technologies
CTDD1605S-D CT-CTDD1605S-D Datasheet
205Kb / 2P
   DC/DC Converters
CTDD1712MF-SU1K-2 CT-CTDD1712MF-SU1K-2 Datasheet
536Kb / 2P
   DC/DC Converters
CTDD3220DF-S1.5K-5M CT-CTDD3220DF-S1.5K-5M Datasheet
282Kb / 2P
   DC/DC Converters
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com