Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

G2PW1V860PMRT005 Datasheet(PDF) 5 Page - Bel Fuse Inc.

Part # G2PW1V860PMRT005
Description  PISCES II DC/DC CONVERTERS
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BEL [Bel Fuse Inc.]
Direct Link  http://www.belfuse.com
Logo BEL - Bel Fuse Inc.

G2PW1V860PMRT005 Datasheet(HTML) 5 Page - Bel Fuse Inc.

  G2PW1V860PMRT005 Datasheet HTML 1Page - Bel Fuse Inc. G2PW1V860PMRT005 Datasheet HTML 2Page - Bel Fuse Inc. G2PW1V860PMRT005 Datasheet HTML 3Page - Bel Fuse Inc. G2PW1V860PMRT005 Datasheet HTML 4Page - Bel Fuse Inc. G2PW1V860PMRT005 Datasheet HTML 5Page - Bel Fuse Inc. G2PW1V860PMRT005 Datasheet HTML 6Page - Bel Fuse Inc. G2PW1V860PMRT005 Datasheet HTML 7Page - Bel Fuse Inc. G2PW1V860PMRT005 Datasheet HTML 8Page - Bel Fuse Inc.  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
Bel Power Inc. 155 Flanders Road, Westborough, MA 01581 • Tel 508-870-9775 • Fax 508-870-9796 • www.belpower.com
©2006 Bel Fuse Inc. Specifications subject to change without notice. 11.06
POWER PRODUCTS
PISCES II DC/DC CONVERTERS
G2PW1V860
48V Input – 1.8VDC – 60A Output
page 5
Protection and Control
Thermal Shutdown
The printed circuit board temperature is measured using a
semiconductor sensor. If the maximum rated temperature
is exceeded, the converter is latched off. To re-enable the
converter requires cycling the ON/OFF pin or power to the
converter. If non-latching is required, consult factory.
Control Options
As the behavior of the circuit is determined by firmware in the
microcontroller, specific requirements, such as:
• non-latching thermal protection
• custom valid input voltage range
• controlled delay from initiating an ON/OFF signal for
power sequencing
can be accomplished with no change to hardware. The
standard behavior was chosen based on system design
experience, but customers may have their own requirements.
Please contact Bel Power for any special needs.
Remote Sense
The output voltage is regulated at the point where the
sense pins connect to the power output pins. Total sense
compensation should not exceed 0.4V or 10% of Vout,
whichever is greater.
Safety
An external input fuse must always be used to meet these
safety requirements.
External Output Trimming
Trim
To trim the output voltage higher, connect the required trim
resistor from the Trim pin to the +Sense pin. To trim the output
voltage lower, connect the required trim resistor from the Trim
pin to the –Sense pin.
CoolConverter
Trim-down
+ Sense
Trim
– Sense
Increase in Output Voltage (%)
1000
100
10
0
1
2
3
4
5
6
7
8
9
10
1.8V Trim-up
Decrease in Output Voltage (%)
1000
100
10
0
1
2
3
4
5
6
7
8
9
10
Trim-down
R
TRIM-UP
=
1.8(100+
∆%) _ (100+2∆%)
5.11k
Ω
1.225
∆%
∆%
{
}
R
TRIM-DOWN
=
100 _ 2
5.11k
Ω
∆%
{
}
Trim-up


Similar Part No. - G2PW1V860PMRT005

ManufacturerPart #DatasheetDescription
logo
Galaxy Power, Inc.
G2PW1V860 GALAXY-G2PW1V860 Datasheet
636Kb / 7P
   48V or 24V Input 1.0V, 1.2V, 1.5V, 1.8V, 2.0V, 2.5VDC, 60A Output 3.3V, 45A; 5.0V, 30A Output
More results

Similar Description - G2PW1V860PMRT005

ManufacturerPart #DatasheetDescription
logo
Bel Fuse Inc.
G2PW1V260 BEL-G2PW1V260 Datasheet
495Kb / 8P
   PISCES II DC/DC CONVERTERS
G2PW5V030 BEL-G2PW5V030 Datasheet
510Kb / 8P
   PISCES II DC/DC CONVERTERS
G2PW1V560 BEL-G2PW1V560 Datasheet
494Kb / 8P
   PISCES II DC/DC CONVERTERS
G2PW2V560 BEL-G2PW2V560 Datasheet
525Kb / 8P
   PISCES II DC/DC CONVERTERS
logo
CUI INC
VBD10 CUI-VBD10 Datasheet
108Kb / 3P
   DC-DC Converters
VBWQ10 CUI-VBWQ10 Datasheet
110Kb / 3P
   DC-DC Converters
logo
Emerson Network Power
PTH12030 EMERSON-NETWORKPOWER-PTH12030 Datasheet
207Kb / 4P
   DC-DC CONVERTERS
logo
Central Technologies
CTDD1605S-D CT-CTDD1605S-D Datasheet
205Kb / 2P
   DC/DC Converters
CTDD1712MF-SU1K-2 CT-CTDD1712MF-SU1K-2 Datasheet
536Kb / 2P
   DC/DC Converters
CTDD3220DF-S1.5K-5M CT-CTDD3220DF-S1.5K-5M Datasheet
282Kb / 2P
   DC/DC Converters
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com