Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

GMDC12V08PSRT002 Datasheet(PDF) 6 Page - Bel Fuse Inc.

Part # GMDC12V08PSRT002
Description  DORADO MV DC/DC CONVERTERS
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BEL [Bel Fuse Inc.]
Direct Link  http://www.belfuse.com
Logo BEL - Bel Fuse Inc.

GMDC12V08PSRT002 Datasheet(HTML) 6 Page - Bel Fuse Inc.

  GMDC12V08PSRT002 Datasheet HTML 1Page - Bel Fuse Inc. GMDC12V08PSRT002 Datasheet HTML 2Page - Bel Fuse Inc. GMDC12V08PSRT002 Datasheet HTML 3Page - Bel Fuse Inc. GMDC12V08PSRT002 Datasheet HTML 4Page - Bel Fuse Inc. GMDC12V08PSRT002 Datasheet HTML 5Page - Bel Fuse Inc. GMDC12V08PSRT002 Datasheet HTML 6Page - Bel Fuse Inc. GMDC12V08PSRT002 Datasheet HTML 7Page - Bel Fuse Inc.  
Zoom Inzoom in Zoom Outzoom out
 6 / 7 page
background image
©2006 Bel Fuse Inc. Specifications subject to change without notice. 11.06
POWER PRODUCTS
GMDC12V08
Bel Power Inc. 155 Flanders Road, Westborough, MA 01581 • Tel 508-870-9775 • Fax 508-870-9796 • www.belpower.com
DORADO MV DC/DC CONVERTERS
24V Input – 12VDC – 8A Output
page 6
Efficiency Data
Power Dissipation
Start Up
Voltage Ripple
Transient Response
1. VOUT 12V/div 80ms/div
2. IOUT 8A/div
1. VOUT 12mV/div 20µS/div
1. VOUT 200mV/div 1µs/div
2. Enable 100mV/div
Line/Load Regulation
11.900
11.940
11.980
12.020
12.060
12.100
0
4
8
Output Current (A)
18V Vin
24V Vin
36V Vin


Similar Part No. - GMDC12V08PSRT002

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
GMD ETC1-GMD Datasheet
73Kb / 2P
   5 X 20 mm FERRULE FUSES
logo
Eaton All Rights Reserv...
GMD EATON-GMD Datasheet
2Mb / 2P
   5 mm x 20 mm Time-delay glass tube fuses
logo
Cooper Bussmann, Inc.
GMD-1-R COOPER-GMD-1-R Datasheet
447Kb / 2P
   5 x 20mm Fuses GMD Series,Time-Delay, Glass Tube
GMD-1-R COOPER-GMD-1-R Datasheet
447Kb / 2P
   5 x 20mm Fuses
logo
Eaton All Rights Reserv...
GMD-1-R EATON-GMD-1-R Datasheet
2Mb / 2P
   5 mm x 20 mm Time-delay glass tube fuses
More results

Similar Description - GMDC12V08PSRT002

ManufacturerPart #DatasheetDescription
logo
Bel Fuse Inc.
GMDW12V08 BEL-GMDW12V08 Datasheet
539Kb / 7P
   DORADO MV DC/DC CONVERTERS
GLDW34V03 BEL-GLDW34V03 Datasheet
782Kb / 8P
   DORADO HV DC/DC CONVERTER
logo
Galaxy Power, Inc.
GMDW8V08R GALAXY-GMDW8V08R Datasheet
765Kb / 7P
   DORADO MV 24V or 48V Input, 8.0V, 12.0V DC, 8A Output 15.0V DC, 6A Output
logo
CUI INC
VBD10 CUI-VBD10 Datasheet
108Kb / 3P
   DC-DC Converters
VBWQ10 CUI-VBWQ10 Datasheet
110Kb / 3P
   DC-DC Converters
logo
Emerson Network Power
PTH12030 EMERSON-NETWORKPOWER-PTH12030 Datasheet
207Kb / 4P
   DC-DC CONVERTERS
logo
Central Technologies
CTDD1605S-D CT-CTDD1605S-D Datasheet
205Kb / 2P
   DC/DC Converters
CTDD1712MF-SU1K-2 CT-CTDD1712MF-SU1K-2 Datasheet
536Kb / 2P
   DC/DC Converters
CTDD3220DF-S1.5K-5M CT-CTDD3220DF-S1.5K-5M Datasheet
282Kb / 2P
   DC/DC Converters
CTDD1907SF-D1K-2 CT-CTDD1907SF-D1K-2 Datasheet
258Kb / 2P
   DC/DC Converters
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com