Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

GMDC12V08PSRT004 Datasheet(PDF) 5 Page - Bel Fuse Inc.

Part # GMDC12V08PSRT004
Description  DORADO MV DC/DC CONVERTERS
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BEL [Bel Fuse Inc.]
Direct Link  http://www.belfuse.com
Logo BEL - Bel Fuse Inc.

GMDC12V08PSRT004 Datasheet(HTML) 5 Page - Bel Fuse Inc.

  GMDC12V08PSRT004 Datasheet HTML 1Page - Bel Fuse Inc. GMDC12V08PSRT004 Datasheet HTML 2Page - Bel Fuse Inc. GMDC12V08PSRT004 Datasheet HTML 3Page - Bel Fuse Inc. GMDC12V08PSRT004 Datasheet HTML 4Page - Bel Fuse Inc. GMDC12V08PSRT004 Datasheet HTML 5Page - Bel Fuse Inc. GMDC12V08PSRT004 Datasheet HTML 6Page - Bel Fuse Inc. GMDC12V08PSRT004 Datasheet HTML 7Page - Bel Fuse Inc.  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
Bel Power Inc. 155 Flanders Road, Westborough, MA 01581 • Tel 508-870-9775 • Fax 508-870-9796 • www.belpower.com
©2006 Bel Fuse Inc. Specifications subject to change without notice. 11.06
POWER PRODUCTS
GMDC12V08
DORADO MV DC/DC CONVERTERS
24V Input – 12VDC – 8A Output
page 5
Protection and Control
Thermal Shutdown
The printed circuit board temperature is measured using a
semiconductor sensor. If the maximum rated temperature
is exceeded, the converter is latched off. To re-enable the
converter requires cycling the ON/OFF pin or power to the
converter. If non-latching is required, consult factory.
Remote Sense
The output voltage is regulated at the point where the
sense pins connect to the power output pins. Total sense
compensation should not exceed 0.4V or 10% of Vout,
whichever is greater.
Safety
An external input fuse must always be used to meet these
safety requirements.
External Output Trimming
Trim
To trim the output voltage higher, connect the required trim
resistor from the Trim pin to the +Sense pin. To trim the output
voltage lower, connect the required trim resistor from the Trim
pin to the –Sense pin. See the diagrams at right.
CoolConverter
Trim-down
+Sense
Trim
–Sense
Trim
Up
Trim
Down
10K
Trimpot
Increase in Output Voltage (%)
10000
1000
100
0
1
2
3
4
5
6
7
8
9
10
12.0V Trim-up
Decrease in Output Voltage (%)
1000
100
10
0
1
2
3
4
5
6
7
8
9
10
Trim-down
R
TRIM-UP
=
12(100+
∆%) _ (100+2∆%)
5.11k
Ω
1.25
∆%
∆%
{
}
R
TRIM-DOWN
=
100 _ 2
5.11k
Ω
∆%
{
}
Trim-up


Similar Part No. - GMDC12V08PSRT004

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
GMD ETC1-GMD Datasheet
73Kb / 2P
   5 X 20 mm FERRULE FUSES
logo
Eaton All Rights Reserv...
GMD EATON-GMD Datasheet
2Mb / 2P
   5 mm x 20 mm Time-delay glass tube fuses
logo
Cooper Bussmann, Inc.
GMD-1-R COOPER-GMD-1-R Datasheet
447Kb / 2P
   5 x 20mm Fuses GMD Series,Time-Delay, Glass Tube
GMD-1-R COOPER-GMD-1-R Datasheet
447Kb / 2P
   5 x 20mm Fuses
logo
Eaton All Rights Reserv...
GMD-1-R EATON-GMD-1-R Datasheet
2Mb / 2P
   5 mm x 20 mm Time-delay glass tube fuses
More results

Similar Description - GMDC12V08PSRT004

ManufacturerPart #DatasheetDescription
logo
Bel Fuse Inc.
GMDW12V08 BEL-GMDW12V08 Datasheet
539Kb / 7P
   DORADO MV DC/DC CONVERTERS
GLDW34V03 BEL-GLDW34V03 Datasheet
782Kb / 8P
   DORADO HV DC/DC CONVERTER
logo
Galaxy Power, Inc.
GMDW8V08R GALAXY-GMDW8V08R Datasheet
765Kb / 7P
   DORADO MV 24V or 48V Input, 8.0V, 12.0V DC, 8A Output 15.0V DC, 6A Output
logo
CUI INC
VBD10 CUI-VBD10 Datasheet
108Kb / 3P
   DC-DC Converters
VBWQ10 CUI-VBWQ10 Datasheet
110Kb / 3P
   DC-DC Converters
logo
Emerson Network Power
PTH12030 EMERSON-NETWORKPOWER-PTH12030 Datasheet
207Kb / 4P
   DC-DC CONVERTERS
logo
Central Technologies
CTDD1605S-D CT-CTDD1605S-D Datasheet
205Kb / 2P
   DC/DC Converters
CTDD1712MF-SU1K-2 CT-CTDD1712MF-SU1K-2 Datasheet
536Kb / 2P
   DC/DC Converters
CTDD3220DF-S1.5K-5M CT-CTDD3220DF-S1.5K-5M Datasheet
282Kb / 2P
   DC/DC Converters
CTDD1907SF-D1K-2 CT-CTDD1907SF-D1K-2 Datasheet
258Kb / 2P
   DC/DC Converters
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com