Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

GPBW52V04MRG001 Datasheet(PDF) 6 Page - Bel Fuse Inc.

Part # GPBW52V04MRG001
Description  BOLERO HV DC/DC CONVERTERS
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BEL [Bel Fuse Inc.]
Direct Link  http://www.belfuse.com
Logo BEL - Bel Fuse Inc.

GPBW52V04MRG001 Datasheet(HTML) 6 Page - Bel Fuse Inc.

  GPBW52V04MRG001 Datasheet HTML 1Page - Bel Fuse Inc. GPBW52V04MRG001 Datasheet HTML 2Page - Bel Fuse Inc. GPBW52V04MRG001 Datasheet HTML 3Page - Bel Fuse Inc. GPBW52V04MRG001 Datasheet HTML 4Page - Bel Fuse Inc. GPBW52V04MRG001 Datasheet HTML 5Page - Bel Fuse Inc. GPBW52V04MRG001 Datasheet HTML 6Page - Bel Fuse Inc. GPBW52V04MRG001 Datasheet HTML 7Page - Bel Fuse Inc. GPBW52V04MRG001 Datasheet HTML 8Page - Bel Fuse Inc.  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
©2006 Bel Fuse Inc. Specifications subject to change without notice. 11.06
POWER PRODUCTS
GPBW52V04
Bel Power Inc. 155 Flanders Road, Westborough, MA 01581 • Tel 508-870-9775 • Fax 508-870-9796 • www.belpower.com
BOLERO HV DC/DC CONVERTERS
48V Input – 52VDC – 4A Output
page 6
Efficiency Data
Efficiency
94
92
90
88
86
84
82
80
0
1
2
3
4
Load Current (A)
40V Vin
48V Vin
60V Vin
36V Vin
48V Vin
75V Vin
Power Dissipation
1
2
Ch1 20.0V
Ch2
5.00 V
M 10.0ms A Ch2
1.80V
T
T
[
]
BW
BW
Ripple
150
100
50
0
-50
-100
-150
0
5
10
15
20
25
Time (µS)
Vout
Start Up
Voltage Ripple
1. VOUT 20V/div 10mS/div
2. VOUT 5V/div 10mS/div
1. VOUT 50mV/div 2µS/div
10µF ext cap 2MHz BW
Line/Load Regulation
52.800
52.900
53.000
53.100
53.200
53.300
53.400
53.500
53.600
53.700
0
2
4
Output Current (A)
36V Vin
48V Vin
75V Vin


Similar Part No. - GPBW52V04MRG001

ManufacturerPart #DatasheetDescription
logo
Galaxy Power, Inc.
GPBW52V04MMRG001 GALAXY-GPBW52V04MMRG001 Datasheet
960Kb / 7P
   BOLERO HV Series 48V Input, 52VDC, 4A Output
GPBW52V04MMRG002 GALAXY-GPBW52V04MMRG002 Datasheet
960Kb / 7P
   BOLERO HV Series 48V Input, 52VDC, 4A Output
GPBW52V04MMRG003 GALAXY-GPBW52V04MMRG003 Datasheet
960Kb / 7P
   BOLERO HV Series 48V Input, 52VDC, 4A Output
GPBW52V04MSRG001 GALAXY-GPBW52V04MSRG001 Datasheet
960Kb / 7P
   BOLERO HV Series 48V Input, 52VDC, 4A Output
GPBW52V04MSRG002 GALAXY-GPBW52V04MSRG002 Datasheet
960Kb / 7P
   BOLERO HV Series 48V Input, 52VDC, 4A Output
More results

Similar Description - GPBW52V04MRG001

ManufacturerPart #DatasheetDescription
logo
Bel Fuse Inc.
GPBW24V0 BEL-GPBW24V0_11 Datasheet
1Mb / 8P
   BOLERO HV DC/DC CONVERTERS
GPBW24V08 BEL-GPBW24V08 Datasheet
638Kb / 8P
   BOLERO HV DC/DC CONVERTERS
GPBR52V04A BEL-GPBR52V04A Datasheet
1Mb / 9P
   BOLERO HV DC/DC CONVERTERS
logo
XP Power Limited
AG01 XPPOWER-AG01 Datasheet
907Kb / 10P
   ISOLATED, PROPORTIONAL DC TO HV DC CONVERTERS
GP01 XPPOWER-GP01 Datasheet
568Kb / 6P
   ISOLATED, PROPORTIONAL DC TO HV DC CONVERTERS
E02 XPPOWER-E02 Datasheet
581Kb / 7P
   ISOLATED, PROPORTIONAL DC TO HV DC CONVERTERS
F02 XPPOWER-F02 Datasheet
622Kb / 6P
   ISOLATED, PROPORTIONAL DC TO HV DC CONVERTERS
AH01 XPPOWER-AH01 Datasheet
1Mb / 10P
   ISOLATED, PROPORTIONAL DC TO HV DC CONVERTERS
QH01 XPPOWER-QH01 Datasheet
1Mb / 14P
   ISOLATED, PROPORTIONAL DC TO HV DC CONVERTERS
FS02 XPPOWER-FS02 Datasheet
685Kb / 9P
   ISOLATED, PROPORTIONAL DC TO HV DC CONVERTERS
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com