Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

GPBW52V04SRG003 Datasheet(PDF) 2 Page - Bel Fuse Inc.

Part # GPBW52V04SRG003
Description  BOLERO HV DC/DC CONVERTERS
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BEL [Bel Fuse Inc.]
Direct Link  http://www.belfuse.com
Logo BEL - Bel Fuse Inc.

GPBW52V04SRG003 Datasheet(HTML) 2 Page - Bel Fuse Inc.

  GPBW52V04SRG003 Datasheet HTML 1Page - Bel Fuse Inc. GPBW52V04SRG003 Datasheet HTML 2Page - Bel Fuse Inc. GPBW52V04SRG003 Datasheet HTML 3Page - Bel Fuse Inc. GPBW52V04SRG003 Datasheet HTML 4Page - Bel Fuse Inc. GPBW52V04SRG003 Datasheet HTML 5Page - Bel Fuse Inc. GPBW52V04SRG003 Datasheet HTML 6Page - Bel Fuse Inc. GPBW52V04SRG003 Datasheet HTML 7Page - Bel Fuse Inc. GPBW52V04SRG003 Datasheet HTML 8Page - Bel Fuse Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
©2006 Bel Fuse Inc. Specifications subject to change without notice. 11.06
POWER PRODUCTS
GPBW52V04
Bel Power Inc. 155 Flanders Road, Westborough, MA 01581 • Tel 508-870-9775 • Fax 508-870-9796 • www.belpower.com
BOLERO HV DC/DC CONVERTERS
48V Input – 52VDC – 4A Output
page 2
Input Specifications
Parameter
Min
Typical
Max
Units
Operating Input Voltage
36
48
75
VDC
Input Current
7
A
Input Capacitance
5
µF
Input Hysteresis, Low Line
2
VDC
1. During short circuit, converter will shut down and attempt to restart once per second. The average current during this
condition will be very low and the device can be safely left in this condition continuously.
2. 50% load change only resulted in 1% output voltage step.
Output Specifications
Parameter
Min
Typical
Max
Units
Setpoint
51.45
52.50
53.55
VDC
Voltage Ripple, 180µF Load Capacitance
30
mV RMS
Voltage Ripple, 180µF Load Capacitance
80
mV P–P
Current Range
0
4
A
Current Limit Inception
100
120
%IOUT
Short Circuit Current1
6
A
Settling Time to ± 1%2
1
mS
Turn-on Time to 98% Vnom
40
mS
Output Overshoot at Turn-on
None
%VOUT
Trim Range, Lucent 1/2 Brick Trim
50
105
%VOUT
Over Voltage Protection, Latching
115
%VOUT
VIN = 48VDC, TA@25˚ C, 300 LFM Airflow, VOUT = 52VDC, IOUT = Full load unless otherwise noted.
COUT = 180µF Al-Elec. Available output power depends on ambient temperature and good thermal
management. (See application graphs for limits.)


Similar Part No. - GPBW52V04SRG003

ManufacturerPart #DatasheetDescription
logo
Galaxy Power, Inc.
GPBW52V04SMRG001 GALAXY-GPBW52V04SMRG001 Datasheet
960Kb / 7P
   BOLERO HV Series 48V Input, 52VDC, 4A Output
GPBW52V04SMRG002 GALAXY-GPBW52V04SMRG002 Datasheet
960Kb / 7P
   BOLERO HV Series 48V Input, 52VDC, 4A Output
GPBW52V04SMRG003 GALAXY-GPBW52V04SMRG003 Datasheet
960Kb / 7P
   BOLERO HV Series 48V Input, 52VDC, 4A Output
GPBW52V04SSRG001 GALAXY-GPBW52V04SSRG001 Datasheet
960Kb / 7P
   BOLERO HV Series 48V Input, 52VDC, 4A Output
GPBW52V04SSRG002 GALAXY-GPBW52V04SSRG002 Datasheet
960Kb / 7P
   BOLERO HV Series 48V Input, 52VDC, 4A Output
More results

Similar Description - GPBW52V04SRG003

ManufacturerPart #DatasheetDescription
logo
Bel Fuse Inc.
GPBW24V0 BEL-GPBW24V0_11 Datasheet
1Mb / 8P
   BOLERO HV DC/DC CONVERTERS
GPBW24V08 BEL-GPBW24V08 Datasheet
638Kb / 8P
   BOLERO HV DC/DC CONVERTERS
GPBR52V04A BEL-GPBR52V04A Datasheet
1Mb / 9P
   BOLERO HV DC/DC CONVERTERS
logo
XP Power Limited
AG01 XPPOWER-AG01 Datasheet
907Kb / 10P
   ISOLATED, PROPORTIONAL DC TO HV DC CONVERTERS
GP01 XPPOWER-GP01 Datasheet
568Kb / 6P
   ISOLATED, PROPORTIONAL DC TO HV DC CONVERTERS
E02 XPPOWER-E02 Datasheet
581Kb / 7P
   ISOLATED, PROPORTIONAL DC TO HV DC CONVERTERS
F02 XPPOWER-F02 Datasheet
622Kb / 6P
   ISOLATED, PROPORTIONAL DC TO HV DC CONVERTERS
AH01 XPPOWER-AH01 Datasheet
1Mb / 10P
   ISOLATED, PROPORTIONAL DC TO HV DC CONVERTERS
QH01 XPPOWER-QH01 Datasheet
1Mb / 14P
   ISOLATED, PROPORTIONAL DC TO HV DC CONVERTERS
FS02 XPPOWER-FS02 Datasheet
685Kb / 9P
   ISOLATED, PROPORTIONAL DC TO HV DC CONVERTERS
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com