Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LDUV2043 Datasheet(PDF) 4 Page - LIGITEK electronics co., ltd.

Part # LDUV2043
Description  ROUND TYPE LED LAMPS
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LIGITEK [LIGITEK electronics co., ltd.]
Direct Link  http://www.ligitek.com
Logo LIGITEK - LIGITEK electronics co., ltd.

LDUV2043 Datasheet(HTML) 4 Page - LIGITEK electronics co., ltd.

  LDUV2043 Datasheet HTML 1Page - LIGITEK electronics co., ltd. LDUV2043 Datasheet HTML 2Page - LIGITEK electronics co., ltd. LDUV2043 Datasheet HTML 3Page - LIGITEK electronics co., ltd. LDUV2043 Datasheet HTML 4Page - LIGITEK electronics co., ltd. LDUV2043 Datasheet HTML 5Page - LIGITEK electronics co., ltd. LDUV2043 Datasheet HTML 6Page - LIGITEK electronics co., ltd.  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
Page 3/5
100
3.4
0.5
Forward Current(mA)
Wavelength (nm)
Forward Current(mA)
Fig.3 Forward Current vs. Wavelength
380
20
40
390
60
410
400
420
3.1
20
40
30
3.2
3.3
60
50
70
0.5
80
100
350
0.0
1.0
450
400
550
Fig.4 Relative Intensity vs. Wavelength
80
90
100
0
30
20
Forward Current(mA)
70
50
40
60
80
90
Fig.1 Forward current vs. Forward Voltage
Typical Electro-Optical Characteristics Curve
DUV CHIP
3.9
3.6
3.5
3.8
3.7
PART NO. LDUV2043
Fig.2 Relative Intensity vsForward Current
LIGITEK ELECTRONICS CO.,LTD.
Property of Ligitek Only
1.0
1.5
2.0
2.5


Similar Part No. - LDUV2043

ManufacturerPart #DatasheetDescription
logo
LIGITEK electronics co....
LDUV2043Z-A LIGITEK-LDUV2043Z-A Datasheet
181Kb / 8P
   ROUND TYPE LED LAMPS
More results

Similar Description - LDUV2043

ManufacturerPart #DatasheetDescription
logo
LIGITEK electronics co....
L8I2041-PF LIGITEK-L8I2041-PF Datasheet
116Kb / 6P
   ROUND TYPE LED LAMPS
L8SEF3330-PF LIGITEK-L8SEF3330-PF Datasheet
131Kb / 6P
   ROUND TYPE LED LAMPS
L8G2040-PF LIGITEK-L8G2040-PF Datasheet
111Kb / 6P
   ROUND TYPE LED LAMPS
LUY2040 LIGITEK-LUY2040 Datasheet
103Kb / 5P
   ROUND TYPE LED LAMPS
LDBK12740 LIGITEK-LDBK12740 Datasheet
70Kb / 5P
   ROUND TYPE LED LAMPS
LDBK13733-OD LIGITEK-LDBK13733-OD Datasheet
112Kb / 6P
   ROUND TYPE LED LAMPS
LDBK13740 LIGITEK-LDBK13740 Datasheet
111Kb / 6P
   ROUND TYPE LED LAMPS
LDBK13742-OD LIGITEK-LDBK13742-OD Datasheet
115Kb / 6P
   ROUND TYPE LED LAMPS
LDBK32243 LIGITEK-LDBK32243 Datasheet
111Kb / 6P
   ROUND TYPE LED LAMPS
LDBK42443Z-S10 LIGITEK-LDBK42443Z-S10 Datasheet
114Kb / 6P
   ROUND TYPE LED LAMPS
LDBK63233-P1 LIGITEK-LDBK63233-P1 Datasheet
99Kb / 5P
   ROUND TYPE LED LAMPS
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com