Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TVC1P-1000GXM Datasheet(PDF) 1 Page - American Accurate Components, Inc.

Part # TVC1P-1000GXM
Description  TVC Series - High Frequency Thermal Voltage Converters
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AAC [American Accurate Components, Inc.]
Direct Link  http://www.aacix.com
Logo AAC - American Accurate Components, Inc.

TVC1P-1000GXM Datasheet(HTML) 1 Page - American Accurate Components, Inc.

  TVC1P-1000GXM Datasheet HTML 1Page - American Accurate Components, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
American Accurate Components, Inc.
THERMAL CONVERTERS
The content of this specification may change without notification 10/17/07
188 Technology Drive, Unit H Irvine, CA 92618
TEL: 949-453-9888
FAX: 949-453-8889
1
TVC Series - High Frequency Thermal Voltage Converters
Custom solutions are available
INTERNAL SCHEMATIC
Values of Ri (the ID Resistor)
Input Resistance, R
ID Sense Resistors, Ri
50
50 – (56) – 82
100
100 – (120) – 180
200
200 – (220) – 470
500
500 – (560) – 820
1K
1.0K – (1.2K) – 1.8K
2K
2.0K – (2.2K) – 4.7K
Note: The values in ( ) are nominal values.
Note: Output Capacitance. The shunting capacitance between the output pins is 10nF.
DIMENSIONS (mm)
TVC COMPONENTS
Item
Model
Thermal Converter
AAC MJTC
RF Input SMA
Hirose HRM-301B
RF Input R / P
Shuner 23N_50-0-23/133NE
DC Output
Lemo 3pin EHV2B303CLL
AC Input Receptacle
Shuner 23N_50-0-23/133NE
AC Input Plug
Shuner 13N_50-0-33/133NE
Dimensions of TVC1 and TVC2 are the same, except
the SMA connector is not mounted in the TVC2.
HOW TO ORDER
TVC1 R-100 G X M
Packaging
TCR (ppm/°C)
X =
±25
Resistance Tolerance
G =
±2%
Resistance
50
Ω = 500
100
Ω = 101
1,000
Ω = 102
2,000
Ω = 202
Input Connector Type
R = Receptacle Connector
P = Plug Connector
High Frequency Thermal Voltage Converter
TVC1 = Mounted SMA Connector
TVC2 = No SMA Connector
FEATURES
Complete thermal converter module using the MJTC thermal
converter as a core device.
Dedicated high-frequency chassis with input and output
connectors.
Employs the virtual-TEE configuration ("internal" or "built-in")
TEE
Evaluation of frequency characteristic of the ac-dc transfer
difference possible at 10-6 level up to 1MHz.
APPLICATIONS
For high-precision AC-DC transfer standards.
SPECIFICATIONS & PERFORMANCE
Characteristic
TVC1
TVC2
Rated Power
0.1W
Max Applied Power
0.5W
Resistance (
Ω)
50, 100, 200, 500, 1K, or 2K
TCR (ppm/°C)
±25
Tolerance
±2%
Frequency Range
DC-10MHz
Connector Type
Receptacle or Plug
Rating output voltage
More than 60mV
Output Resistance
340 Ohms
±30%
TC of Output Resistance
±300ppm/K
Sensitivity
More than 0.6 V/W
TC of Sensitivity
-0.001mV/mW/K (typical)
Response Time
2.5
± 0.6 sec (63% response)
AC-DC Difference, 10k-100kHz
< 10ppm (typical)
AC-DC Difference, 100K-1MHz
< 10ppm (typical)
Operating Temperature
25°C
± 5°C
Storage Temperature
-20°C ~ +60°C


Similar Part No. - TVC1P-1000GXM

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
TVC11 ETC2-TVC11 Datasheet
190Kb / 4P
   Accessories - Monitoring relays Powermodules - TR series
logo
Vishay Barry
TVC1206CB-50R0JN-93 BARRY-TVC1206CB-50R0JN-93 Datasheet
89Kb / 1P
   ALUMINA
Rev.B 02/19/09
TVC1206CB-50R0JN-98 BARRY-TVC1206CB-50R0JN-98 Datasheet
89Kb / 1P
   BeO
Rev.B 02/23/09
TVC1206CT-50R0JN-2S BARRY-TVC1206CT-50R0JN-2S Datasheet
136Kb / 1P
   CHIP TERMINATION
Rev. C
TVC1206CT-50R0JN-2STR BARRY-TVC1206CT-50R0JN-2STR Datasheet
136Kb / 1P
   CHIP TERMINATION
Rev. C
More results

Similar Description - TVC1P-1000GXM

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
TC9400 MICROCHIP-TC9400 Datasheet
504Kb / 20P
   Voltage-to-Frequency/Frequency-to-Voltage Converters
2002
logo
TelCom Semiconductor, I...
TC9400 TELCOM-TC9400 Datasheet
154Kb / 13P
   VOLTAGE-TO-FREQUENCY/FREQUENCY-TO-VOLTAGE CONVERTERS
logo
Microchip Technology
TC9400 MICROCHIP-TC9400_06 Datasheet
691Kb / 24P
   Voltage-to-Frequency/Frequency-to-Voltage Converters
2006
logo
Texas Instruments
LM2917P TI1-LM2917P Datasheet
96Kb / 7P
[Old version datasheet]   FREQUENCY-TO-VOLTAGE CONVERTERS
logo
Fairchild Semiconductor
RC4152 FAIRCHILD-RC4152 Datasheet
75Kb / 12P
   Voltage-to-Frequency Converters
logo
National Semiconductor ...
LM131A NSC-LM131A Datasheet
280Kb / 16P
   Precision Voltage-to-Frequency Converters
LM231A NSC-LM231A Datasheet
368Kb / 15P
   Precision Voltage-to-Frequency Converters
logo
Texas Instruments
LM231 TI1-LM231_15 Datasheet
952Kb / 23P
[Old version datasheet]   Precision Voltage-to-Frequency Converters
logo
List of Unclassifed Man...
458J ETC1-458J Datasheet
52Kb / 1P
   High Accuracy, 100kHz and 1MHz Voltage to Frequency Converters
logo
International Rectifier
IRFU3518-701PBF IRF-IRFU3518-701PBF Datasheet
234Kb / 11P
   High frequency DC-DC converters
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com