Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UMSA04A24T1V2 Datasheet(PDF) 1 Page - American Accurate Components, Inc.

Part # UMSA04A24T1V2
Description  UMS Ultra-Low Capacitance MAX Guard짰 ESD Suppressor (High Frequency Type)
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AAC [American Accurate Components, Inc.]
Direct Link  http://www.aacix.com
Logo AAC - American Accurate Components, Inc.

UMSA04A24T1V2 Datasheet(HTML) 1 Page - American Accurate Components, Inc.

  UMSA04A24T1V2 Datasheet HTML 1Page - American Accurate Components, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
American Accurate Components, Inc.
UMS Ultra-Low Capacitance MAX Guard® ESD Suppressor (High Frequency Type)
The content of this specification may change without notification 10/12/07
188 Technology Drive, Unit H, Irvine, CA 92618
TEL: 949-453-9888
FAX: 949-453-8889
1
Cell / smart phone
Computers / Laptops
Digital cameras
PDA’s
Plasma display panels / LCD / TVs/
HDTVs
Mp3 / Multimedia players
Scanner / Printer
Ultra-high speed data ports USB
2.0, IEEE1394, DVI HDMI, High
Speed Ethernet.
Low capacitance (<0.2pF)
Ultra low leakage current (<1nA)
Zero signal distortion
Fast response time
Bi-direction device
ELECTRICAL CHARACTERISTICS
Type
Continuous
Operating
Voltage
(Max.)
ESD
Capability1
Trigger
Voltage
(Typ.)2
Clamping
Voltage
(Typ.)2
Capacitance3
Leakage
Current
(Typ.)
Response
Time
ESD Pulse
Withstand
(Typ.)4
UMS04A03T1V1
UMS06A03T1V1
150v
17v
UMS04A03T2V2
UMS06A03T2V2
3.3 VDC
250v
25v
UMS04A05T1V1
UMS06A05T1V1
150v
17v
UMS04A05T2V2
UMS06A05T2V2
5.5 VDC
250v
25v
UMS04A12T2V2
150v
17v
UMS06A12T2V2
250v
25v
UMS06A12T1V1
150v
17v
UMS06A12T2V2
12 VDC
250v
25v
UMS04A24T1V1
150v
17v
UMS06A24T2V2
250v
25v
UMS06A24T1V1
150v
17v
UMS06A24T2V2
24 VDC
Direct
Discharge:
8KV
Air
Discharge:
15KV
250v
25v
<0.05pF
<1nA
<1ns
>1000 pulses
The function meets with the requirement of IEC 61000-4-2 specification.
Trigger measurement made using Transmission Line Pulse method.
Capacitance measured at 1 M~1.8 GHz.
Performing under IEC 61000-4-2 level 4 (8KV contact discharge, 15KV air discharge).
FEATURES
APPLICATIONS
HOW TO ORDER
UMSA
06
A
05
T
1
V1
Product
Code
Size
Tolerance
Operating
Voltage
Packaging
Typical
Clamping
Voltage
Typical
Trigger
Voltage
Ultra-Low
Capacitance
MAX Guard
Suppressor
04:
0402
(1005)
06:
0603
(1608)
A: Suit For
IEC6100-4-2
C: Suit For
IEC6100-4-
2&AEC-Q200
03: 3.3V
05: 5.5V
12: 12V
24: 24V
T: Paper
Tape
(5K/10K)
1: 17V
2: 25V
V1: 150V
V2: 250V
SCHEMATIC
DIMENSIONS (mm)
Size
L
W
C
D
T
UMS04 (0402)
1.00
±0.1
0.50
±0.05
0.20
±0.1
0.25
±0.1
0.35
±0.05
UMS06 (0603)
1.55
±0.1
0.80
±0.1
0.30
±0.2
0.30
±0.2
0.45
±0.1


Similar Part No. - UMSA04A24T1V2

ManufacturerPart #DatasheetDescription
logo
American Accurate Compo...
UMSA24A03T1V1 AAC-UMSA24A03T1V1 Datasheet
66Kb / 1P
   Ultra-Low Capacitance MAX Guard ESD Suppressor Array (High Frequency Type)
UMSA24A03T1V2 AAC-UMSA24A03T1V2 Datasheet
66Kb / 1P
   Ultra-Low Capacitance MAX Guard ESD Suppressor Array (High Frequency Type)
UMSA24A03T2V1 AAC-UMSA24A03T2V1 Datasheet
66Kb / 1P
   Ultra-Low Capacitance MAX Guard ESD Suppressor Array (High Frequency Type)
UMSA24A03T2V2 AAC-UMSA24A03T2V2 Datasheet
66Kb / 1P
   Ultra-Low Capacitance MAX Guard ESD Suppressor Array (High Frequency Type)
UMSA24A05T1V1 AAC-UMSA24A05T1V1 Datasheet
66Kb / 1P
   Ultra-Low Capacitance MAX Guard ESD Suppressor Array (High Frequency Type)
More results

Similar Description - UMSA04A24T1V2

ManufacturerPart #DatasheetDescription
logo
American Accurate Compo...
MS04A03T1V1 AAC-MS04A03T1V1 Datasheet
59Kb / 1P
   MS Low Capacitance MAX Guard짰 ESD Suppressor
MSA24A03T1V1 AAC-MSA24A03T1V1 Datasheet
66Kb / 1P
   MSA Low Capacitance MAX Guard짰 ESD Suppressor Array
UMSA24A03T1V1 AAC-UMSA24A03T1V1 Datasheet
66Kb / 1P
   Ultra-Low Capacitance MAX Guard ESD Suppressor Array (High Frequency Type)
logo
Stackpole Electronics, ...
ESD SEI-ESD Datasheet
205Kb / 3P
   Low and Ultra Low Capacitance ESD Suppressor
12/12/2019
logo
Thinking Electronic Ind...
LCP0G050M0R2R THINKING-LCP0G050M0R2R Datasheet
171Kb / 7P
   Ultra-Low Capacitance ESD Suppressor for High-Speed Application
logo
NXP Semiconductors
BZA900AVL NXP-BZA900AVL Datasheet
177Kb / 11P
   Quadruple low capacitance ESD suppressor
2003 Oct 20
BZA856AVL PHILIPS-BZA856AVL Datasheet
191Kb / 11P
   Quadruple low capacitance ESD suppressor
2003 Oct 20
logo
Nexperia B.V. All right...
BZA800AVL_SERIES NEXPERIA-BZA800AVL_SERIES Datasheet
220Kb / 12P
   Quadruple low capacitance ESD suppressor
2003 Oct 20
logo
NXP Semiconductors
BZA900AVL PHILIPS-BZA900AVL Datasheet
85Kb / 11P
   Quadruple low capacitance ESD suppressor
2003 Oct 20
logo
Nexperia B.V. All right...
BZA900AVL_SER NEXPERIA-BZA900AVL_SER Datasheet
389Kb / 12P
   Quadruple low capacitance ESD suppressor
2003 Oct 20
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com