Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SRDB-08C250 Datasheet(PDF) 6 Page - Bel Fuse Inc.

Part # SRDB-08C250
Description  NON-ISOLATED DC/DC CONVERTERS
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BEL [Bel Fuse Inc.]
Direct Link  http://www.belfuse.com
Logo BEL - Bel Fuse Inc.

SRDB-08C250 Datasheet(HTML) 6 Page - Bel Fuse Inc.

Back Button SRDB-08C250 Datasheet HTML 2Page - Bel Fuse Inc. SRDB-08C250 Datasheet HTML 3Page - Bel Fuse Inc. SRDB-08C250 Datasheet HTML 4Page - Bel Fuse Inc. SRDB-08C250 Datasheet HTML 5Page - Bel Fuse Inc. SRDB-08C250 Datasheet HTML 6Page - Bel Fuse Inc. SRDB-08C250 Datasheet HTML 7Page - Bel Fuse Inc. SRDB-08C250 Datasheet HTML 8Page - Bel Fuse Inc. SRDB-08C250 Datasheet HTML 9Page - Bel Fuse Inc. SRDB-08C250 Datasheet HTML 10Page - Bel Fuse Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 13 page
background image
Bel Fuse Inc. 206 Van Vorst Street, Jersey City, NJ 07302 • Tel 201-432-0463 • Fax 201-432-9542 • www.belfuse.com
©2006 Bel Fuse Inc.
Specifications subject to change without notice. 06.06
POWER PRODUCTS
NON-ISOLATED DC/DC CONVERTERS
BP06SRDB-08C
3.3V Input / 1.2V – 2.5V Output / 8A
page 6
Efficiency Data
Module 2.5V
87%
88%
89%
90%
91%
92%
93%
94%
95%
96%
1.02.0
3.04.0
5.06.0
7.08.0
Output Current
3.0V
3.3V
3.6V
Module 1.8V
83%
84%
85%
86%
87%
88%
89%
90%
91%
92%
93%
1.0 2.0 3.0 4.0 5.0 6.0 7.0 8.0
Output Current
3.0V
3.3V
3.6V
Module 1.5V
80%
81%
82%
83%
84%
85%
86%
87%
88%
89%
90%
91%
92%
1.0
2.0
3.0
4.0
5.0
6.0
7.0
8.0
O utput Current
3.0V
3.3V
3.6V
Module 1.2V
79%
80%
81%
82%
83%
84%
85%
86%
87%
88%
89%
90%
1.0
2.0
3.0
4.0
5.0
6.0
7.0
8.0
Output Current
3.0V
3.3V
3.6V


Similar Part No. - SRDB-08C250

ManufacturerPart #DatasheetDescription
logo
Bel Fuse Inc.
SRDB-08B BEL-SRDB-08B Datasheet
420Kb / 16P
   NON-ISOLATED DC/DC CONVERTERS 5V Input / 1.2V - 3.3V Output / 8A
SRDB-08B120 BEL-SRDB-08B120 Datasheet
420Kb / 16P
   NON-ISOLATED DC/DC CONVERTERS 5V Input / 1.2V - 3.3V Output / 8A
SRDB-08B150 BEL-SRDB-08B150 Datasheet
420Kb / 16P
   NON-ISOLATED DC/DC CONVERTERS 5V Input / 1.2V - 3.3V Output / 8A
SRDB-08B180 BEL-SRDB-08B180 Datasheet
420Kb / 16P
   NON-ISOLATED DC/DC CONVERTERS 5V Input / 1.2V - 3.3V Output / 8A
SRDB-08B250 BEL-SRDB-08B250 Datasheet
420Kb / 16P
   NON-ISOLATED DC/DC CONVERTERS 5V Input / 1.2V - 3.3V Output / 8A
More results

Similar Description - SRDB-08C250

ManufacturerPart #DatasheetDescription
logo
Bel Fuse Inc.
SLIN-03F1A BEL-SLIN-03F1A Datasheet
422Kb / 27P
   NON-ISOLATED DC/DC CONVERTERS
V7NB-60A160 BEL-V7NB-60A160 Datasheet
180Kb / 5P
   NON-ISOLATED DC/DC CONVERTERS
VRP1-20E2AC BEL-VRP1-20E2AC Datasheet
237Kb / 9P
   NON-ISOLATED DC/DC CONVERTERS
GRNC-C2A160 BEL-GRNC-C2A160 Datasheet
243Kb / 4P
   NON-ISOLATED DC/DC CONVERTERS
VRAF-08AT51 BEL-VRAF-08AT51 Datasheet
214Kb / 8P
   NON-ISOLATED DC/DC CONVERTERS
VRBC-70R1A0 BEL-VRBC-70R1A0 Datasheet
239Kb / 8P
   NON-ISOLATED DC/DC CONVERTERS
SLIN-06E1A BEL-SLIN-06E1A_10 Datasheet
495Kb / 26P
   NON-ISOLATED DC/DC CONVERTERS
SLIN-06E2A BEL-SLIN-06E2A_10 Datasheet
467Kb / 25P
   NON-ISOLATED DC/DC CONVERTERS
SLIN-06F1A BEL-SLIN-06F1A Datasheet
435Kb / 27P
   NON-ISOLATED DC/DC CONVERTERS
VRNB-40A180 BEL-VRNB-40A180 Datasheet
113Kb / 3P
   NON-ISOLATED DC/DC CONVERTERS
SRBG-30A1A0 BEL-SRBG-30A1A0 Datasheet
227Kb / 7P
   NON-ISOLATED DC/DC CONVERTERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com