Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

VAP053 Datasheet(PDF) 1 Page - American Accurate Components, Inc.

Part # VAP053
Description  SMD Voltage Variable Attenuator and Phase Shifter
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AAC [American Accurate Components, Inc.]
Direct Link  http://www.aacix.com
Logo AAC - American Accurate Components, Inc.

VAP053 Datasheet(HTML) 1 Page - American Accurate Components, Inc.

  VAP053 Datasheet HTML 1Page - American Accurate Components, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
188 Technology Drive Unit H, Irvine, CA 92618
1
TEL: 949-453-9888
FAX: 949-453-8889
Email: sales@aacix.com
American Accurate Components,
SMD Voltage Variable Attenuator and Phase Shifter
The content of this specification may change without notification 11/01/08
Configuration, Dimensions
VAP053 Series
Unit:mm
4.0
15.0
4.0
4.0
2.5 max.
10
9
8
7
11
VAP-0881
6
12
1
2
Lot No.
3
4
5
11 ................................................IN
6 .............................................OUT
8 ..........................................Vcont1(Phase Shifter)
9 ..........................................Vcont2(Attenuator)
1 Pin Mark
1 , 2 , 3 , 4 , 5 , 7 , 10 , 12 ...........GND
Specifications
Frequency Insertion
Max.
Max. Input
Vcont Range Vcont Range
Phase
Variable
Phase
Amplitude +5dBm
Current
Style No.
Range
Loss
Voltage
Power
(Pahse Shifter) (Attenuator)
Shift
Attenuation VSWR
Flatness
Flatness
2 tone.
Consumption
[MHz]
[dB]
[V]
[mW]
[V]
[V]
[deg.]
[dB]
[deg.]
[dB]
Ave.
[dBc]
[mA]
VAP053A-0881-G 844~919
2.6 max. 18 max.
100
0~15
0~7
100 min.
15 min.
1.6 max.
±3.0
±0.25
−60 max.
4 max.
VAP053B-2100-G 1900~2230
3.6 max. 18 max.
100
0~10
0~8
100 min.
20 min.
1.7 max.
±2.5
±0.2
−60 max.
4 max.
(some 100 MHz) (some 100 MHz)
Working Temperature Range −20 ~ +70 C
Recommendable Footprint
VAP053 Series
Unit:mm
17.0
Through Hole
A B C B C B C B A
A
B
C
1.8
1.4
2.6
Variation of Tolerance : ±0.1 mm


Similar Part No. - VAP053

ManufacturerPart #DatasheetDescription
logo
Festo Corporation.
VAPB-1-F-40-F0304 FESTO-VAPB-1-F-40-F0304 Datasheet
97Kb / 2P
   Ball valve
7/7/22
VAPB-1/2-F-40-F03 FESTO-VAPB-1/2-F-40-F03 Datasheet
98Kb / 2P
   Ball valve
7/7/22
VAPB-1/4-F-40-F03 FESTO-VAPB-1/4-F-40-F03 Datasheet
97Kb / 2P
   Ball valve
7/7/22
VAPB-11/2-F-25-F0405 FESTO-VAPB-11/2-F-25-F0405 Datasheet
98Kb / 2P
   Ball valve
7/7/22
VAPB-11/4-F-40-F0405 FESTO-VAPB-11/4-F-40-F0405 Datasheet
97Kb / 2P
   Ball valve
7/7/22
More results

Similar Description - VAP053

ManufacturerPart #DatasheetDescription
logo
Merrimac Industries, In...
VVA-MCM-1.9G-B MERRIMAC-VVA-MCM-1.9G-B Datasheet
130Kb / 2P
   BI-PHASE VOLTAGE VARIABLE ATTENUATOR
logo
DAICO Industries, Inc.
100D9106 DAICO-100D9106 Datasheet
45Kb / 1P
   Switch / Attenuator / Phase Shifter
100D9105 DAICO-100D9105 Datasheet
46Kb / 1P
   Switch / Attenuator / Phase Shifter
logo
Merrimac Industries, In...
VVA-MCM-1.9G-A MERRIMAC-VVA-MCM-1.9G-A Datasheet
124Kb / 2P
   VOLTAGE VARIABLE ATTENUATOR
logo
Mini-Circuits
EVA-1500 MINI-EVA-1500 Datasheet
402Kb / 3P
   Voltage Variable Attenuator
MVA-2000 MINI-MVA-2000 Datasheet
442Kb / 3P
   Voltage Variable Attenuator
SVA-2000 MINI-SVA-2000 Datasheet
421Kb / 2P
   Voltage Variable Attenuator
VACC-22 MINI-VACC-22 Datasheet
285Kb / 3P
   Voltage Variable Attenuator
RVA-2500-75 MINI-RVA-2500-75 Datasheet
522Kb / 3P
   Voltage Variable Attenuator
ZX73-2500 MINI-ZX73-2500 Datasheet
391Kb / 3P
   Voltage Variable Attenuator
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com