Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UMSA34C03T2V1 Datasheet(PDF) 1 Page - American Accurate Components, Inc.

Part # UMSA34C03T2V1
Description  Ultra-Low Capacitance MAX Guard ESD Suppressor Array (High Frequency Type)
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AAC [American Accurate Components, Inc.]
Direct Link  http://www.aacix.com
Logo AAC - American Accurate Components, Inc.

UMSA34C03T2V1 Datasheet(HTML) 1 Page - American Accurate Components, Inc.

  UMSA34C03T2V1 Datasheet HTML 1Page - American Accurate Components, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
American Accurate Components, Inc.
Ultra-Low Capacitance MAX Guard ESD Suppressor Array (High Frequency Type)
The content of this specification may change without notification 10/12/07
188 Technology Drive, Unit H, Irvine, CA 92618
TEL: 949-453-9888
FAX: 949-453-8889
1
Low capacitance (<0.5pF)
Ultra low leakage current (<1nA)
Zero signal distortion
Fast response time
Bi-direction device
Cell / smart phone
Computers / Laptops
Digital cameras
PDA’s
Plasma display panels / LCD / TVs/ HDTVs
Mp3 / Multimedia players
Scanner / Printer
Ultra-high speed data ports USB 2.0,
IEEE1394, DVI HDMI, High Speed Ethernet.
ELECTRICAL CHARACTERISTICS
Type
Continuous
Operating
Voltage (Max.)
ESD
Capability
Trigger
Voltage
(Typ.)
Clamping
Voltage (Typ.)
Capacitance
Leakage
Current (Typ.)
Response
Time
ESD Pulse
Withstand
(Typ.)
UMSA24A03T1V1
150V
17V
UMSA24A03T2V2
3.3 VDC
250V
25V
UMSA24A05T1V1
150V
17V
UMSA24A05T2V2
5.5 VDC
250V
25V
UMSA24A12T1V1
150V
17V
UMSA24A12T2V2
12 VDC
250V
25V
UMSA24A24T1V1
150V
17V
UMSA24A24T2V2
24 VDC
Direct
Discharge:
8KV Air
Discharge:15
KV
250V
25V
<0.05pF
<10nA
<1ns
>1000 pulses
UMSA34A03T1V1
150V
17V
UMSA34A03T2V2
3.3 VDC
250V
25V
UMSA34A05T1V1
150V
17V
UMSA34A05T2V2
5.5 VDC
250V
25V
UMSA34A12T1V1
150V
17V
UMSA34A12T2V2
12 VDC
250V
25V
UMSA34A24T1V1
150V
17V
UMSA34A24T2V2
24 VDC
Direct
Discharge:
8KV Air
Discharge:15
KV
250V
25V
<0.05pF
<10nA
<1ns
>1000 pulses
The function meets with the requirement of IEC 61000-4-2 specification.
Trigger measurement made using Transmission Line Pulse method.
Capacitance measured at 1 M~1.8 GHz.
Performing under IEC 61000-4-2 level 4 (8KV contact discharge, 15KV air discharge).
FEATURES
HOW TO ORDER
UMSA
24
A
05
T
1
V1
Product
Code
Size
Tolerance
Operating
Voltage
Packagin
g
Typical
Clamping
Voltage
Typical
Trigger
Voltage
Ultra-Low
Capacitance
MAX Guard
Suppressor
Array
24: 0402x4
34: 0603x4
A: Suit For
IEC6100-4-2
C: Suit For
IEC6100-4-2
& AEC-Q200
03: 3.3V
05: 5.5V
12: 12V
24: 24V
T: Paper
Tape
(5K/10K)
1: 17V
2: 25V
V1: 150V
V2: 250V
APPLICATIONS
SCHEMATIC
DIMENSIONS (mm)
Size
L
W
T
P
A
B
C
D
G
UMSA24
2.0±0.1
1.0±0.1
0.45±0.1
0.5±0.1
0.3±0.1
0.2±0.1
0.3±0.1
0.15±0.1
0.25±0.15
UMSA34
3.2±0.2
1.5±0.2
0.6±0.1
0.8±0.1
0.6±0.1
0.3±0.2
0.5±0.1
0.25±0.1
0.35±0.15


Similar Part No. - UMSA34C03T2V1

ManufacturerPart #DatasheetDescription
logo
American Accurate Compo...
UMSA04A03T1V1 AAC-UMSA04A03T1V1 Datasheet
59Kb / 1P
   UMS Ultra-Low Capacitance MAX Guard짰 ESD Suppressor (High Frequency Type)
UMSA04A03T1V2 AAC-UMSA04A03T1V2 Datasheet
59Kb / 1P
   UMS Ultra-Low Capacitance MAX Guard짰 ESD Suppressor (High Frequency Type)
UMSA04A03T2V1 AAC-UMSA04A03T2V1 Datasheet
59Kb / 1P
   UMS Ultra-Low Capacitance MAX Guard짰 ESD Suppressor (High Frequency Type)
UMSA04A03T2V2 AAC-UMSA04A03T2V2 Datasheet
59Kb / 1P
   UMS Ultra-Low Capacitance MAX Guard짰 ESD Suppressor (High Frequency Type)
UMSA04A05T1V1 AAC-UMSA04A05T1V1 Datasheet
59Kb / 1P
   UMS Ultra-Low Capacitance MAX Guard짰 ESD Suppressor (High Frequency Type)
More results

Similar Description - UMSA34C03T2V1

ManufacturerPart #DatasheetDescription
logo
American Accurate Compo...
UMSA04A03T1V1 AAC-UMSA04A03T1V1 Datasheet
59Kb / 1P
   UMS Ultra-Low Capacitance MAX Guard짰 ESD Suppressor (High Frequency Type)
logo
List of Unclassifed Man...
GS04A03T3V3 ETC-GS04A03T3V3 Datasheet
641Kb / 8P
   MAX Guard??ESD Suppressor
UGS04A03T3V3 ETC-UGS04A03T3V3 Datasheet
638Kb / 8P
   MAX Guard ESD Suppressor
logo
American Accurate Compo...
MSA24A03T1V1 AAC-MSA24A03T1V1 Datasheet
66Kb / 1P
   MSA Low Capacitance MAX Guard짰 ESD Suppressor Array
logo
FutureWafer Tech Co.,Lt...
FDA0560T FUTUREWAFER-FDA0560T Datasheet
1Mb / 11P
   Ultra Low Capacitance ESD Array
FESD05LVCA-1PF FUTUREWAFER-FESD05LVCA-1PF Datasheet
1Mb / 6P
   Ultra Low Capacitance ESD array
FWZ5VT FUTUREWAFER-FWZ5VT Datasheet
836Kb / 3P
   Ultra Low Capacitance ESD array
logo
Infineon Technologies A...
ESD5V3U4U-HDMI INFINEON-ESD5V3U4U-HDMI_08 Datasheet
576Kb / 7P
   Ultra-Low Capacitance ESD Array
2008-10-29
logo
FutureWafer Tech Co.,Lt...
FSRV3.3-4 FUTUREWAFER-FSRV3.3-4 Datasheet
936Kb / 6P
   Ultra Low Capacitance ESD array
FW4120LC-0.3PF FUTUREWAFER-FW4120LC-0.3PF Datasheet
848Kb / 5P
   Ultra Low Capacitance ESD array
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com