Electronic Components Datasheet Search |
|
XRSB-30TV2L Datasheet(PDF) 4 Page - Bel Fuse Inc. |
|
XRSB-30TV2L Datasheet(HTML) 4 Page - Bel Fuse Inc. |
4 / 13 page Bel Fuse Inc. 206 Van Vorst Street, Jersey City, NJ 07302 • Tel 201-432-0463 • Fax 201-432-9542 • www.belfuse.com ISOLATED DC/DC CONVERTERS 48 Vdc Input, 1.2 Vdc - 12 Vdc / 15 A - 3 A Outputs, 1/16 Brick Converter Note: All specifications are typical at nominal input, full load at 25 °C unless otherwise stated. General Specifications Parameter Min Typ Max Notes Efficiency Vo=1.2 V Vo=1.5 V Vo=1.8 V Vo=2.5 V Vo=3.3 - 5.0 V Vo=12 V 81% 83% 83% 84% 87% 86% 84% 86% 86% 87% 90% 89% - - - - - - Vin=48 V, full load Switching Frequency 500 kHz 550 kHz 600 kHz Isolation Capacitance - 3900 pF - Output Voltage Trim Range 90% Vo - 110% Vo Over Temperature Protection 120 °C - 140 °C Over Voltage Protection - 130% Vo 160% Vo Test conditions: Vin=48 V, full load and short the feedback optocoupler. MTBF TBD Calculated Per Bell Core SR-332 (IO = Nominal; Ta = 25 °C) Dimensions Inches (L × W × H) Millimeters (L × W × H) 1.3 x 0.9 x 0.364 33.02 x 22.86 x 9.24 SMT Package Dimensions Inches (L × W × H) Millimeters (L × W × H) 1.3 x 0.9 x 0.378 33.02 x 22.86 x 9.60 Through Hole Package Weight - 13 g - Note : All specifications are typical at 25 °C unless otherwise stated. Control Specifications Parameter Min Typ Max Notes Remote On/Off Signal Low (Unit On) -0.3 V - 0.8 V Signal High (Unit Off) Active Low 2.95 V - 18 V Signal Low (Unit Off) -0.3 V - 0.8 V Signal High (Unit On) Active High 2.95 V - 18 V When Remote On/Off pin is open, for active low option, unit is off; for active high option, unit is on Current Sink - 0 mA - 1 mA |
Similar Part No. - XRSB-30TV2L |
|
Similar Description - XRSB-30TV2L |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |