Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

XRSB-30TV2L Datasheet(PDF) 1 Page - Bel Fuse Inc.

Part # XRSB-30TV2L
Description  ISOLATED DC/DC CONVERTERS
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BEL [Bel Fuse Inc.]
Direct Link  http://www.belfuse.com
Logo BEL - Bel Fuse Inc.

XRSB-30TV2L Datasheet(HTML) 1 Page - Bel Fuse Inc.

  XRSB-30TV2L Datasheet HTML 1Page - Bel Fuse Inc. XRSB-30TV2L Datasheet HTML 2Page - Bel Fuse Inc. XRSB-30TV2L Datasheet HTML 3Page - Bel Fuse Inc. XRSB-30TV2L Datasheet HTML 4Page - Bel Fuse Inc. XRSB-30TV2L Datasheet HTML 5Page - Bel Fuse Inc. XRSB-30TV2L Datasheet HTML 6Page - Bel Fuse Inc. XRSB-30TV2L Datasheet HTML 7Page - Bel Fuse Inc. XRSB-30TV2L Datasheet HTML 8Page - Bel Fuse Inc. XRSB-30TV2L Datasheet HTML 9Page - Bel Fuse Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 13 page
background image
Bel Fuse Inc.
206 Van Vorst Street, Jersey City, NJ 07302
• Tel 201-432-0463 • Fax 201-432-9542 • www.belfuse.com
ISOLATED DC/DC CONVERTERS
48 Vdc Input, 1.2 Vdc - 12 Vdc / 15 A - 3 A Outputs, 1/16 Brick Converter
• Isolated
• Input Under-Voltage Lockout
• Fixed Frequency (550 kHz)
• Output Over-Voltage Shutdown
• High Efficiency
• OCP/SCP
• High Power Density
• Over Temperature Protection
• Low Cost
• Remote On/Off (Option)
• Output Voltage Trim
• Positive/Negative Remote Sense
• Basic Insulation
• Through Hole and SMT(Option)
• UL60950-1 Recognized (UL/cUL)
Description
The xRSB-30T series are isolated dc/dc converters that operate from a nominal 48 Vdc source. These units will
provide up to 30 W of output power from a nominal 48 Vdc input. These units are designed to be highly efficient
and low cost. Features include remote on/off, over current protection and under voltage lockout. These converters
are provided in an industry standard sixteenth brick package.
Part Selection
Output
Voltage
Input Voltage
Max. Output
Current
Max. Output
Power
Typical
Efficiency
Model Number
Active Low
Model Number
Active High
1.2 Vdc
36 Vdc - 75 Vdc
15 A
18 W
84%
xRSB-30TV2L
xRSB-30TV20
1.5 Vdc
36 Vdc - 75 Vdc
13 A
19.5 W
86%
xRSB-30TV5L
xRSB-30TV50
1.8 Vdc
36 Vdc - 75 Vdc
13 A
23 W
86%
xRSB-30TV8L
xRSB-30TV80
2.5 Vdc
36 Vdc - 75 Vdc
10 A
25 W
89%
xRSB-30T02L
xRSB-30T025
3.3 Vdc
36 Vdc - 75 Vdc
10 A
30 W
90%
xRSB-30T03L
xRSB-30T033
5.0 Vdc
36 Vdc - 75 Vdc
7 A
35 W
90%
xRSB-30T05L
xRSB-30T050
12 Vdc
36 Vdc - 75 Vdc
3 A
36 W
89%
xRSB-30T12L
xRSB-30T120
Notes:
1. Add “G” suffix at the end of the model number to indicate Tray Packaging. Replace”x” with “S” to
indicate SMT package, or “0” to indicate through hole package.
2. All part numbers above indicate RoHS 6. Change the second letter "R" to "7" for RoHS 5 part numbers
Absolute Maximum Ratings
Parameter
Min
Typ
Max
Notes
Input Voltage (continuous)
-0.3 V
-
80 V
Input Voltage Transient (100 ms)
-0.3 V
100 V
Remote On/Off
-0.3 V
-
18 V
I/O Isolation Voltage
-
-
1500 V
Ambient Temperature
-40
°C
-
85
°C
Storage Temperature
-55
°C
-
125
°C
xRSB-30T Series
RoHS Compliant
Rev.A


Similar Part No. - XRSB-30TV2L

ManufacturerPart #DatasheetDescription
logo
Bel Fuse Inc.
xRSB-30TV2L BEL-xRSB-30TV2L Datasheet
501Kb / 14P
   ISOLATED DC/DC CONVERTERS
More results

Similar Description - XRSB-30TV2L

ManufacturerPart #DatasheetDescription
logo
Bel Fuse Inc.
0RCY-60T BEL-0RCY-60T_10 Datasheet
524Kb / 14P
   ISOLATED DC/DC CONVERTERS
0REB-80T12 BEL-0REB-80T12 Datasheet
275Kb / 17P
   ISOLATED DC/DC CONVERTERS
0RQ1-Q0T12 BEL-0RQ1-Q0T12 Datasheet
647Kb / 14P
   ISOLATED DC/DC CONVERTERS
0RQB-Q2T06 BEL-0RQB-Q2T06_11 Datasheet
259Kb / 13P
   ISOLATED DC/DC CONVERTERS
0RCY-C2T03 BEL-0RCY-C2T03_11 Datasheet
218Kb / 8P
   ISOLATED DC/DC CONVERTERS
0REB-80T12 BEL-0REB-80T12_12 Datasheet
596Kb / 17P
   ISOLATED DC/DC CONVERTERS
HBW53V08XRG BEL-HBW53V08XRG Datasheet
279Kb / 8P
   ISOLATED DC/DC CONVERTERS
XRSB-30T BEL-XRSB-30T_10 Datasheet
501Kb / 14P
   ISOLATED DC/DC CONVERTERS
XRSB-40U BEL-XRSB-40U_11 Datasheet
572Kb / 21P
   ISOLATED DC/DC CONVERTERS
VRXZ-01RDX0 BEL-VRXZ-01RDX0 Datasheet
105Kb / 4P
   ISOLATED DC/DC CONVERTERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com