Electronic Components Datasheet Search |
|
XRSB-30TV8L Datasheet(PDF) 2 Page - Bel Fuse Inc. |
|
XRSB-30TV8L Datasheet(HTML) 2 Page - Bel Fuse Inc. |
2 / 13 page Bel Fuse Inc. 206 Van Vorst Street, Jersey City, NJ 07302 • Tel 201-432-0463 • Fax 201-432-9542 • www.belfuse.com ISOLATED DC/DC CONVERTERS 48 Vdc Input, 1.2 Vdc - 12 Vdc / 15 A - 3 A Outputs, 1/16 Brick Converter Input Specifications Parameter Min Typ Max Notes Input Voltage 36 V 48 V 75 V Input Current (full load) - - 1.6 A Input Current (no load) - 30 mA 120 mA Remote Off Input Current - 2 mA 6 mA Input Reflected Ripple Current (pk-pk) - 20 mA 50 mA Input Reflected Ripple Current (rms) - 3 mA 7 mA Tested with simulated source impedance of 15 uH, 5 Hz to 20 MHz; use a 100 uF/100 V electrolytic capacitor with ESR=1 ohm max at 200 kHz at the input. I 2t Inrush Current Transient - 0.01 A 2s 0.02 A 2s Turn On Voltage Threshold 31 V 33 V 35 V Turn Off Voltage Threshold 28 V 32 V 35 V Note: All specifications are typical at nominal input, full load at 25 °C unless otherwise stated. Output Specifications Parameter Min Typ Max Notes Output Voltage Set Point Vo=1.2 V Vo=1.5 V Vo=1.8 V Vo=2.5 V Vo=3.3 V Vo=5.0 V Vo=12 V 1.182 V 1.478 V 1.773 V 2.463 V 3.250 V 4.900 V 11.750 V 1.2 V 1.5 V 1.8 V 2.5 V 3.3 V 5.0 V 12.0 V 1.218 V 1.523 V 1.827 V 2.538 V 3.350 V 5.100 V 12.250 V Test conditions: Vin=48 V; Io=50% load Line Regulation Vo=1.2 - 1.8 V Vo=2.5 V Vo=3.3 V Vo=5.0 V Vo=12 V - - - - - ±0.5 mV ±2.0 mV ±3.0 mV ±4.0 mV ±6.0 mV ±3 mV ±6 mV ±8 mV ±9 mV ±20 mV Load Regulation Vo=1.2 - 2.5 V Vo=3.3 - 5.0 V Vo=12 V - - - ±3 mV ±4 mV ±5 mV ±5 mV ±9 mV ±10 mV Regulation Over Temperature (-40 °C to +85 °C) Vo=1.2 - 1.8 V Vo=2.5 - 3.3 V Vo=5.0 V Vo=12 V - - - - - ±7 mV ±9 mV ±15 mV ±20 mV ±15 mV ±16 mV ±30 mV ±35 mV Output Current Vo=1.2 V Vo=1.5 V Vo=1.8 V Vo=2.5 V Vo=3.3 V Vo=5.0 V Vo=12 V 0 A 0 A 0 A 0 A 0 A 0 A 0 A - - - - - - - 15 A 13 A 13 A 10 A 10 A 7 A 3 A |
Similar Part No. - XRSB-30TV8L |
|
Similar Description - XRSB-30TV8L |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |