Electronic Components Datasheet Search |
|
XRSB-30TV8L Datasheet(PDF) 3 Page - Bel Fuse Inc. |
|
XRSB-30TV8L Datasheet(HTML) 3 Page - Bel Fuse Inc. |
3 / 13 page Bel Fuse Inc. 206 Van Vorst Street, Jersey City, NJ 07302 • Tel 201-432-0463 • Fax 201-432-9542 • www.belfuse.com ISOLATED DC/DC CONVERTERS 48 Vdc Input, 1.2 Vdc - 12 Vdc / 15 A - 3 A Outputs, 1/16 Brick Converter Output Specifications (continued) Parameter Min Typ Max Notes Current Limit Threshold Vo=1.2 V Vo=1.5 V Vo=1.8 V Vo=2.5 V Vo=3.3 V Vo=5.0 V Vo=12 V 18 A 14 A 14 A 11 A 10.5 A 7.5 A 3.5 A 24 A 20 A 19 A 16 A 15.5 A 9.5 A 4.5 A 30 A 26 A 24 A 21 A 25 A 14 A 6 A Short Circuit Surge Transient - 0.5 A 2s 1 A 2s Ripple and Noise (rms) Vo=1.2 - 2.5 V Vo=3.3 V Vo=5.0 - 12 V - - - 10 mV 15 mV 30 mV 20 mV 30 mV 55 mV Ripple and Noise (pk-pk) Vo=1.2 - 2.5 V Vo=3.3 V Vo=5.0 V Vo=12 V - - - - 40 mV 65 mV 90 mV 80 mV 70 mV 110 mV 150 mV 140 mV Tested at 0-20 MHz BW, with a 1 uF ceramic capacitor and a 10 uF Tantalum capacitor at the output. Turn on Time - 35 mS 70 mS Overshoot at Turn on - 0% 5% Output Capacitance Vo=1.2 - 1.5 V Vo=1.8 V Vo=2.5 V Vo=3.3 V Vo=5.0 V Vo=12 V 220 uF 220 uF 220 uF 0 uF 0 uF 0 uF - - - - - - 15000 uF 10000 uF 6800 uF 4700 uF 2200 uF 330 uF Transient Response Overshoot - 100 mV 150 mV 25% ~ 50% Max Load Settling Time - 100 uS 150 uS Overshoot - 100 mV 150 mV 50% ~ 25% Max Load Settling Time Vo=1.2 V - 100 uS 150 uS Overshoot - 150 mV 200 mV 25% ~ 50% Max Load Settling Time - 120 uS 200 uS Overshoot - 150 mV 200 mV 50% ~ 25% Max Load Settling Time Vo=1.5 - 1.8 V - 120 uS 200 uS Overshoot - 200 mV 300 mV 25% ~ 50% Max Load Settling Time - 100 uS 150 uS Overshoot - 200 mV 300 mV 50% ~ 25% Max Load Settling Time Vo=2.5 V - 100 uS 150 uS Overshoot - 200 mV 350 mV 25% ~ 50% Max Load Settling Time - 200 uS 350 uS Overshoot - 200 mV 350 mV 50% ~ 25% Max Load Settling Time Vo=3.3 V - 200 uS 350 uS Overshoot - 350 mV 500 mV 25% ~ 50% Max Load Settling Time - 200 uS 350 uS Overshoot - 350 mV 500 mV 50% ~ 25% Max Load Settling Time Vo=5.0 V - 200 uS 350 uS Overshoot - 270 mV 450 mV 25% ~ 50% Max Load Settling Time - 110 uS 200 uS Overshoot - 270 mV 450 mV 50% ~ 25% Max Load Settling Time Vo=12 V - 110 uS 200 uS Test conditions: di/dt = 0.1 A/uS, Vin=48 V, with a 1uF ceramic capacitor and a 10 uF Tantalum capacitor at the output. |
Similar Part No. - XRSB-30TV8L |
|
Similar Description - XRSB-30TV8L |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |